Part Number Hot Search : 
151JYT 7912BD2T SM16JZ47 BRF20100 1N237C MAJ150 1N5272 00159
Product Description
Full Text Search
 

To Download B88069X2710B502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surge Arrester 3-Electrode-Arrester
T83-A260X Ordering code: B88069X2710B502
DC spark-over voltage 1) 2) 4) Impulse spark-over voltage 4) at 100 V/s - for 99 % of measured values - typical values of distribution at 1 kV/s - for 99 % of measured values - typical values of distribution
260 20 < 500 < 450 < 700 < 650 10 15 10 40 > 10 < 1.5 < 0.2 ~ 35 ~ 1.0 ~ 200 ~2 -40 ... +90 40/ 90/ 21 250 YY O
250 YY O - Nominal voltage - Year of production - Non radioactive
V % V V V V kA kA A A G pF s V A V g C
Nominal impulse discharge current (wave 8/20 s) 5) Single impulse discharge current (wave 8/20 s) 5) Nominal alternating discharge current (50 Hz, 1 s) 5) Alternating discharge current (50 Hz, 9 cycles) 5) Insulation resistance at 100 Vdc 4) Capacitance at 1 MHz Transverse delay time
4) 3)
Arc voltage at 1 A Glow to arc transition current Glow voltage Weight Operation and storage temperature Climatic category (IEC 60068-1) Marking, red
1) 2)
At delivery AQL 0.65 level II, DIN ISO 2859 In ionized mode 3) Test according to ITU-T Rec. K.12 4) Tip or ring electrode to center electrode 5) Total current through center electrode, half value through tip respectively ring electrode. Terms in accordance with ITU-T Rec. K.12 and DIN 57845/VDE0845
AB E / AB PM Page 1 of 2
Issue 01, 10.04.2002
Surge Arrester 3-Electrode-Arrester
T83-A260X Ordering code: B88069X2710B502
Not to scale Dimensions in mm Non controlled document
(c) EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. AB E / AB PM Page 2 of 2 Issue 01, 10.04.2002


▲Up To Search▲   

 
Price & Availability of B88069X2710B502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X