Part Number Hot Search : 
MP1411 11AA1 SSM3K D4812 DTC144 SSM3K ADV71 MAU226
Product Description
Full Text Search
 

To Download B32561J0475 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Film Capacitors
Metallized Polyester Film Capacitors (MKT)
Series/Type: Date:
B32560 ... B32564 May 2009
(c) EPCOS AG 2009. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Metallized polyester film capacitors (MKT) General purpose (stacked) SilverCapTM
B32560 ... B32564
Typical applications SMPS, converter Electronic ballasts Compact fluorescent lamps (CFL) Ignition Climatic Max. operating temperature: 125 C Climatic category (IEC 60068-1): 55/125/56 Features Special dimensions available on request High pulse strength Small dimensions Construction Dielectric: polyethylene terephthalate (polyester, PET) Stacked-film technology Uncoated Terminals Parallel wire leads, lead-free tinned Special lead lengths available on request Marking Rated capacitance (coded), rated DC voltage
Dimensional drawing
Dimensions in mm Lead spacing 0.4 7.5 10.0 15.0 22.5 27.5 Lead diameter d1 0.5 0.5 0.6 0.8 0.8 0.8 Type B32560 B32561 B32562J B32562H B32563 B32564
Delivery mode Bulk (untaped) Taped (Ammo pack or reel) for lead spacing 15.0 mm. For notes on taping, refer to chapter "Taping and packing". Notes on mounting When mounting these capacitors, take into account creepage distances and clearances to adjacent live parts. The insulating strength of the cut surfaces to other live parts of the circuit is 1.5 times the capacitors rated DC voltage, but is always at least 300 V DC. Capacitors with 7.5 mm lead spacing are only suitable for use with single-clad printed circuit boards.
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Overview of available types Lead spacing 7.5 mm Type Page VR (V DC) VRMS (V AC) CR (F) 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 B32560 5 63 40 63 10.0 mm B32561 7 100 250 400 630 1000 63 160 200 400 500 40 63 15.0 mm B32562 9 100 250 400 630 100 250 400 630 160 200 350 63 160 200 350
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Overview of available types Lead spacing 22.5 mm Type Page VR (V DC) VRMS (V AC) CR (F) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 B32563 10 100 63 250 160 400 200 27.5 mm B32564 11 100 63 250 160 400 200 420 200
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 32
B32560 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 7.5 mm) VR VRMS CR f 60 Hz V DC V AC F 63 40 1.0 1.5 2.2 3.3 4.7 100 63 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 250 160 0.047 0.068 0.10 0.15 0.22 0.33 0.47 0.68 Max. dimensions wxhxl mm 4.0 x 6.8 x 9.0 5.1 x 7.6 x 9.0 6.5 x 8.2 x 9.0 8.5 x 9.1 x 9.0 9.8 x 11.0 x 9.0 2.5 x 5.1 x 9.0 2.7 x 5.7 x 9.0 3.4 x 6.1 x 9.0 4.2 x 6.5 x 9.0 5.5 x 7.0 x 9.0 6.7 x 8.2 x 9.0 8.5 x 9.2 x 9.0 9.5 x 11.0 x 9.0 2.5 x 5.2 x 9.0 2.6 x 5.7 x 9.0 3.2 x 6.1 x 9.0 3.9 x 7.0 x 9.0 4.9 x 7.5 x 9.0 6.4 x 8.2 x 9.0 7.4 x 9.8 x 9.0 9.5 x 11.0 x 9.0 Ordering code (composition see below) B32560J0105+*** B32560J0155+*** B32560J0225+*** B32560J0335+000 B32560J0475+000 B32560J1224+*** B32560J1334+*** B32560J1474+*** B32560J1684+*** B32560J1105+*** B32560J1155+*** B32560J1225+000 B32560J1335+000 B32560J3473+*** B32560J3683+*** B32560J3104+*** B32560J3154+*** B32560J3224+*** B32560J3334+*** B32560J3474+000 B32560J3684+000 Ammo Reel pack pcs./ pcs./MOQ MOQ 8800 7200 6800 5600 6000 4800 Untaped pcs./ MOQ 4000 2000 2000 1400 1000 7600 6000 4800 3600 2000 1600 1200 800 7600 6800 4800 3600 2600 1800 1200 800
12400 12000 9600 8000 6000 5000
10000 9600 8000 6400 4800 4000
13000 12400 12400 8200 6800 5200
10400 10000 8000 6800 5200 4400
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 32
B32560 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 7.5 mm) VRMS CR f 60 Hz V DC V AC F 400 200 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.10 0.15 0.22 630 400 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 1000 500 0.0022 0.0033 0.0047 VR Max. dimensions wxhxl mm 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.6 x 6.0 x 9.0 3.2 x 6.5 x 9.0 3.8 x 7.3 x 9.0 4.9 x 7.7 x 9.0 6.5 x 8.2 x 9.0 7.7 x 9.8 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 2.5 x 5.5 x 9.0 3.2 x 6.5 x 9.0 3.8 x 7.5 x 9.0 4.6 x 8.3 x 9.0 5.7 x 8.6 x 9.0 2.5 x 6.0 x 9.0 3.3 x 6.5 x 9.0 3.6 x 7.4 x 9.0 Ordering code (composition see below) B32560J6102+*** B32560J6152+*** B32560J6222+*** B32560J6332+*** B32560J6472+*** B32560J6682+*** B32560J6103+*** B32560J6153+*** B32560J6223+*** B32560J6333+*** B32560J6473+*** B32560J6683+*** B32560J6104+*** B32560J6154+*** B32560J6224+000 B32560J8102+*** B32560J8152+*** B32560J8222+*** B32560J8332+*** B32560J8472+*** B32560J8682+*** B32560J8103+*** B32560J8153+000 B32560J8223+000 B32560J9222+*** B32560J9332+*** B32560J9472+*** Ammo pack pcs./MOQ 14000 13000 13400 12400 13600 14000 12800 13000 12400 12400 10400 8600 6800 5400 14800 13000 13400 14000 13600 15000 9000 Reel pcs./ MOQ 11200 10400 10800 10000 10800 11200 10400 10400 10000 10000 8400 7200 5600 4000 12000 2600 10800 11200 10800 9200 9200 Untaped pcs./ MOQ 9200 7200 7200 6800 7600 7600 7200 7200 6800 6400 4800 3600 2000 1800 1200 9200 7200 7200 7600 7200 5200 4000 2400 1600 6800 4800 3600
13000 10000 9000
10400 8000 7600
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 32
B32561 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 10 mm) VR VRMS CR f 60 Hz V DC V AC F 63 40 1.0 1.5 2.2 3.3 4.7 6.8 100 63 0.68 1.0 1.5 2.2 3.3 250 160 0.10 0.15 0.22 0.33 0.47 0.68 1.0 400 200 0.033 0.047 0.068 0.10 0.15 0.22 0.33 0.47 Max. dimensions wxhxl mm 3.5 x 6.2 x 11.0 4.3 x 6.9 x 11.0 5.1 x 7.9 x 11.0 6.4 x 9.1 x 11.0 7.3 x 11.0 x 11.0 8.8 x 12.7 x 11.0 3.6 x 6.3 x 11.5 4.5 x 6.9 x 11.5 5.6 x 7.8 x 11.5 6.9 x 9.0 x 11.5 7.8 x 10.5 x 11.5 2.8 x 5.3 x 11.5 3.3 x 6.0 x 11.5 4.2 x 6.6 x 11.5 5.2 x 7.5 x 11.5 6.3 x 8.5 x 11.5 7.5 x 9.7 x 11.5 9.5 x 11.0 x 11.5 2.5 x 5.1 x 11.5 2.6 x 6.0 x 11.5 3.2 x 6.6 x 11.5 4.0 x 6.9 x 11.5 5.2 x 7.7 x 11.5 6.6 x 8.5 x 11.5 8.0 x 9.5 x 11.5 9.8 x 11.0 x 11.5 Ordering code (composition see below) B32561J0105+*** B32561J0155+*** B32561J0225+*** B32561J0335+000 B32561J0475+000 B32561J0685+000 B32561J1684+*** B32561J1105+*** B32561J1155+*** B32561J1225+000 B32561J1335+000 B32561J3104+*** B32561J3154+*** B32561J3224+*** B32561J3334+*** B32561J3474+*** B32561J3684+000 B32561J3105+000 B32561J6333+*** B32561J6473+*** B32561J6683+*** B32561J6104+*** B32561J6154+*** B32561J6224+*** B32561J6334+000 B32561J6474+000 Ammo pack pcs./MOQ 4960 4200 3400 Reel pcs./ MOQ 7600 6000 5000 Untaped pcs./ MOQ 4000 2800 2000 1200 800 600 4000 2000 2000 1400 800 5200 4000 2800 2000 1400 800 600 6000 5200 4000 2800 2000 1400 800 600
5040 4200 3240
8000 6000 4800
6160 5040 4160 3360 2720
9200 8000 6000 5200 4400
6480 6240 5560 4360 3400 2720
9200 9200 8400 6800 5200 4000
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 32
B32561 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 10 mm) VR VRMS CR f 60 Hz V DC V AC F 630 350 0.015 0.022 0.033 0.047 0.068 0.10 0.15 Max. dimensions wxhxl mm 2.8 x 6.3 x 11.0 3.4 x 6.9 x 11.0 4.2 x 7.6 x 11.0 5.3 x 8.0 x 11.0 6.3 x 9.0 x 11.0 7.3 x 11.4 x 11.0 8.8 x 13.3 x 11.0 Ordering code (composition see below) B32561J8153+*** B32561J8223+*** B32561J8333+*** B32561J8473+*** B32561J8683+000 B32561J8104+000 B32561J8154+000 Ammo pack pcs./MOQ 6320 5200 4080 3360 Reel pcs./ MOQ 9200 8000 6400 5000 Untaped pcs./ MOQ 4800 3600 2400 1800 1400 800 600
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 32
B32562 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 15 mm) VRMS CR f 60 Hz V DC V AC F 100 63 2.2 3.3 4.7 6.8 10 250 160 0.47 0.68 1.0 1.5 2.2 3.3 400 200 0.22 0.33 0.47 0.68 1.0 1.5 630 350 0.22 0.33 0.47 VR Max. dimensions wxhxl mm 4.9 x 8.0 x 16.5 6.0 x 9.3 x 16.5 7.3 x 10.6 x 16.5 9.0 x 11.8 x 16.5 11.8 x 13.0 x 16.5 5.0 x 6.7 x 16.5 6.0 x 7.8 x 16.5 7.0 x 9.3 x 16.5 8.7 x 11.0 x 16.5 10.7 x 12.8 x 16.5 13.9 x 14.5 x 16.5 4.7 x 7.5 x 16.5 6.0 x 8.3 x 16.5 7.3 x 9.3 x 16.5 8.9 x 10.8 x 16.5 10.9 x 12.5 x 16.5 13.7 x 15.2 x 16.5 9.2 x 12.2 x 16.5 11.2 x 14.2 x 16.5 13.5 x 16.3 x 16.5 Ordering code (composition see below) B32562J1225+*** B32562J1335+*** B32562H1475+*** B32562H1685+*** B32562H1106+000 B32562J3474+*** B32562J3684+*** B32562J3105+*** B32562H3155+*** B32562H3225+000 B32562H3335+000 B32562J6224+*** B32562J6334+*** B32562J6474+*** B32562H6684+*** B32562H6105+000 B32562H6155+000 B32562H8224+000 B32562H8334+000 B32562H8474+000 Ammo pack pcs./MOQ 4760 3840 3160 2560 4760 3840 3320 2640 Reel pcs./ MOQ 5200 4000 3600 2800 5200 4000 3600 2800 Untaped pcs./ MOQ 3200 2000 1600 1160 800 3800 2000 2000 1200 800 600 3400 2000 1800 1200 800 400 1400 1000 720
4960 3840 3160 2560
5200 4000 3600 2800
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
*** = Packaging code: 289 = Ammo pack 189 = Reel 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 32
B32563 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 22.5 mm) VRMS CR f 60 Hz V DC V AC F 100 63 6.8 10 15 22 250 160 2.2 3.3 4.7 400 200 1.0 1.5 2.2 VR Max. dimensions wxhxl mm 7.0 x 10.5 x 24.0 8.6 x 12.2 x 24.0 10.9 x 14.0 x 24.0 12.8 x 17.2 x 24.0 8.3 x 11.2 x 24.0 10.1 x 13.5 x 24.0 12.2 x 15.5 x 24.0 8.3 x 11.2 x 24.0 10.3 x 13.2 x 24.0 12.6 x 15.5 x 24.0 Ordering code (composition see below) B32563J1685+000 B32563J1106+000 B32563J1156+000 B32563J1226+000 B32563J3225+000 B32563J3335+000 B32563J3475+000 B32563J6105+000 B32563J6155+000 B32563J6225+000 Untaped pcs./MOQ 3680 3840 2480 1440 2960 2800 1560 3400 2640 1440
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page .
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
Packaging code: 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 32
B32564 General purpose (stacked) SilverCapTM
Ordering codes and packing units (lead spacing 27.5 mm) VR VRMS CR f 60 Hz V DC V AC F 100 63 10 15 22 33 250 160 3.3 4.7 6.8 10 400 200 1.5 2.2 3.3 4.7 420 200 4.7 6.8 Max. dimensions wxhxl mm 7.6 x 11.0 x 29.0 9.1 x 13.5 x 29.0 11.0 x 16.0 x 29.0 13.0 x 19.8 x 29.0 7.9 x 14.0 x 29.0 9.6 x 15.8 x 29.0 11.9 x 18.0 x 29.0 13.8 x 22.5 x 29.0 7.8 x 14.2 x 29.0 9.6 x 16.4 x 29.0 12.2 x 18.8 x 29.0 14.2 x 22.8 x 29.0 16.0 x 20.0 x 29.0 16.0 x 20.0 x 29.0 Ordering code (composition see below) B32564J1106+000 B32564J1156+000 B32564J1226+000 B32564J1336+000 B32564J3335+000 B32564J3475+000 B32564J3685+000 B32564J3106+000 B32564J6155+000 B32564J6225+000 B32564J6335+000 B32564J6475+000 B32564T6475K000 B32564T6685K000 Untaped pcs./MOQ 2720 1720 1280 1440 3000 1600 1200 1120 3000 1600 1320 1040 1160 1160
MOQ = Minimum Order Quantity, consisting of 4 packing units. Further E series and intermediate capacitance values on request. Special dimensions available on request. For corresponding design rules, refer to chapter "General technical information", page . The technical data given on the next pages do not apply to 420 V series. Please contact your nearest EPCOS representative if you need further information.
Composition of ordering code + = Capacitance tolerance code: M = 20% K = 10% J = 5%
Packaging code: 000 = Untaped (lead length 5
1 mm)
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Technical data Operating temperature range Max. operating temperature Top,max Upper category temperature Tmax Lower category temperature Tmin Rated temperature TR CR 0.1 F 1 kHz 8 8 10 kHz 15 15 100 kHz 30 VR CR 0.33 F 100 V DC 3750 M 250 V DC 7500 M 125 C +125 C 55 C +85 C CR > 1 F 10
Dissipation factor tan (in 10-3) at at 20 C (upper limit values)
0.1 F < CR 1 F
Insulation resistance Rins or time constant = CR Rins at 20 C, rel. humidity 65% (minimum as-delivered values) DC test voltage 1.4 VR, 2 s TA (C) DC voltage derating Category voltage VC (continuous operation with VDC TA 85 VC = VR or VAC at f 60 Hz) 85CR > 0.33 F 1250 s 2500 s
AC voltage derating VC,RMS = VRMS VC,RMS=VRMS (165 TA)/80 AC voltage (max. hours) Vop = 1.0 VC,RMS (2000 h) Vop = 1.0 VC,RMS (1000 h) 5% 3 10-3 (at 1 kHz) 5 10-3 (at 10 kHz) 50% of minimum as-delivered values
1 fit ( 1 10-9 /h) at 0.5 VR, 40 C 200 000 h at 1.0 VR, 85 C For conversion to other operating conditions and temperatures, refer to chapter "Quality, 2 Reliability". Short circuit or open circuit Capacitance change C/C Dissipation factor tan Insulation resistance Rins or time constant = CR Rins
Failure criteria: Total failure Failure due to variation of parameters
> 10% > 2 upper limit value < 150 M (CR 0.33 F) < 50 s (CR > 0.33 F)
1) Test criteria must be met after exposure to damp heat for 21 days
Please read Cautions and warnings and Important notes at the end of this document.
Page 12 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Pulse handling capability "dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in V/s. "k0" represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in V2/s. Note: The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the capacitor. dV/dt values Lead spacing VR VRMS V DC V AC 63 40 100 63 250 160 400 200 420 200 630 350 630 400 1000 500 k0 values Lead spacing VR VRMS V DC V AC 63 40 100 63 250 160 400 200 420 200 630 350 630 400 1000 500 7.5 mm k0 in V2/s 15 000 30 000 100 000 220 000 10 mm 15 mm 22.5 mm 27.5 mm 7.5 mm dV/dt in V/s 120 150 200 275 10 mm 15 mm 22.5 mm 27.5 mm
60 75 150 175 320
50 100 125 150
50 100 125
25 50 60 60
320 360
7500 15 000 75 000 140 000 400 000
10 000 50 000 100 000 190 000
10 000 50 000 100 000
5 000 25 000 50 000 50 000
400 000 720 000
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Impedance Z versus frequency f (typical values)
Please read Cautions and warnings and Important notes at the end of this document.
Page 14 of 32
B32560 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 7.5 mm 63 V DC/40 V AC 100 V DC/63 V AC
250 V DC/160 V AC
400 V DC/200 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 15 of 32
B32560 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 7.5 mm 630 V DC/400 V AC 1000 V DC/500 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 16 of 32
B32561 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 10 mm 63 V DC/40 V AC 100 V DC/63 V AC
250 V DC/160 V AC
400 V DC/200 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 17 of 32
B32561 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 10 mm 630 V DC/350 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 18 of 32
B32562 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 15 mm 100 V DC/63 V AC 250 V DC/160 V AC
400 V DC/200 V AC
630 V DC/350 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 19 of 32
B32563 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 22.5 mm 100 V DC/63 V AC 250 V DC/160 V AC
400 V DC/200 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 20 of 32
B32564 General purpose (stacked) SilverCapTM Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms, TA 55 C) For TA >55 C, please refer to "General technical information", section 3.2.3. Lead spacing 27.5 mm 100 V DC/63 V AC 250 V DC/160 V AC
400 V DC/200 V AC
420 V DC/200 V AC
Please read Cautions and warnings and Important notes at the end of this document.
Page 21 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Mounting guidelines 1 1.1 Soldering Solderability of leads
The solderability of terminal leads is tested to IEC 60068-2-20, test Ta, method 1. Before a solderability test is carried out, terminals are subjected to accelerated ageing (to IEC 60068-2-2, test Ba: 4 h exposure to dry heat at 155 C). Since the ageing temperature is far higher than the upper category temperature of the capacitors, the terminal wires should be cut off from the capacitor before the ageing procedure to prevent the solderability being impaired by the products of any capacitor decomposition that might occur. Solder bath temperature Soldering time Immersion depth Evaluation criteria: Visual inspection 1.2 235 5 C 2.0 0.5 s 2.0 +0/ 0.5 mm from capacitor body or seating plane Wetting of wire surface by new solder 90%, free-flowing solder
Resistance to soldering heat
Resistance to soldering heat is tested to IEC 60068-2-20, test Tb, method 1A. Conditions: Series Solder bath temperature Soldering time 10 1 s
MKT boxed (except 2.5 x 6.5 x 7.2 mm) 260 5 C coated uncoated (lead spacing > 10 mm) MFP MKP (lead spacing > 7.5 mm) MKT boxed (case 2.5 x 6.5 x 7.2 mm) MKP (lead spacing 7.5 mm) MKT uncoated (lead spacing 10 mm) insulated (B32559)
5 1 s <4s recommended soldering profile for MKT uncoated (lead spacing 10 mm) and insulated (B32559)
Please read Cautions and warnings and Important notes at the end of this document.
Page 22 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Immersion depth Shield Evaluation criteria: Visual inspection C/C0 tan
2.0 +0/ 0.5 mm from capacitor body or seating plane Heat-absorbing board, (1.5 0.5) mm thick, between capacitor body and liquid solder No visible damage 2% for MKT/MKP/MFP 5% for EMI suppression capacitors As specified in sectional specification
Please read Cautions and warnings and Important notes at the end of this document.
Page 23 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
1.3
General notes on soldering
Permissible heat exposure loads on film capacitors are primarily characterized by the upper category temperature Tmax. Long exposure to temperatures above this type-related temperature limit can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical characteristics. For short exposures (as in practical soldering processes) the heat load (and thus the possible effects on a capacitor) will also depend on other factors like: Pre-heating temperature and time Forced cooling immediately after soldering Terminal characteristics: diameter, length, thermal resistance, special configurations (e.g. crimping) Height of capacitor above solder bath Shadowing by neighboring components Additional heating due to heat dissipation by neighboring components Use of solder-resist coatings The overheating associated with some of these factors can usually be reduced by suitable countermeasures. For example, if a pre-heating step cannot be avoided, an additional or reinforced cooling process may possibly have to be included. EPCOS recommends the following conditions: Pre-heating with a maximum temperature of 110 C Temperature inside the capacitor should not exceed the following limits: MKP/MFP 110 C MKT 160 C When SMD components are used together with leaded ones, the leaded film capacitors should not pass into the SMD adhesive curing oven. The leaded components should be assembled after the SMD curing step. Leaded film capacitors are not suitable for reflow soldering. Uncoated capacitors For uncoated MKT capacitors with lead spacings 10 mm (B32560/B32561) the following measures are recommended: pre-heating to not more than 110 C in the preheater phase rapid cooling after soldering
Please read Cautions and warnings and Important notes at the end of this document.
Page 24 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
2
Cleaning
To determine whether the following solvents, often used to remove flux residues and other substances, are suitable for the capacitors described, refer to the table below: Type Ethanol, isopropanol, n-propanol n-propanol-water mixtures, water with surface tension-reducing tensides (neutral) Unsuitable Suitable Solvent from table A (see next page) Solvent from table B (see next page)
MKT (uncoated) MKT, MKP, MFP (coated/boxed)
Suitable
In part suitable Unsuitable Suitable
Even when suitable solvents are used, a reversible change of the electrical characteristics may occur in uncoated capacitors immediately after they are washed. Thus it is always recommended to dry the components (e.g. 4 h at 70 C) before they are subjected to subsequent electrical testing. Table A Manufacturers' designations for trifluoro-trichloro-ethane-based cleaning solvents (selection) Trifluoro-trichloroethane Freon TF Frigen 113 TR Arklone P Kaltron 113 MDR Flugene 113 Mixtures of trifluoro-trichloro-ethane with ethanol and isopropanol Freon TE 35; Freon TP 35; Freon TES Frigen 113 TR-E; Frigen 113 TR-P; Frigen TR-E 35 Arklone A; Arklone L; Arklone K Kaltron 113 MDA; Kaltron 113 MDI; Kaltron 113 MDI 35 Flugene 113 E; Flugene 113 IPA Manufacturer Du Pont Hoechst ICI Kali-Chemie Rhone-Progil
Table B (worldwide banned substances) Manufacturers' designations for unsuitable cleaning solvents (selection) Mixtures of chlorinated hydrocarbons and ketones with fluorated hydrocarbons Freon TMC; Freon TA; Freon TC Arklone E Kaltron 113 MDD; Kaltron 113 MDK Flugene 113 CM Manufacturer Du Pont ICI Kali-Chemie Rhone-Progil
Please read Cautions and warnings and Important notes at the end of this document.
Page 25 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
3
Embedding of capacitors in finished assemblies
In many applications, finished circuit assemblies are embedded in plastic resins. In this case, both chemical and thermal influences of the embedding ("potting") and curing processes must be taken into account. Our experience has shown that the following potting materials can be recommended: non-flexible epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum curing temperature of 100 C. Caution: Consult us first if you wish to embed uncoated types!
Please read Cautions and warnings and Important notes at the end of this document.
Page 26 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Cautions and warnings Do not exceed the upper category temperature (UCT). Do not apply any mechanical stress to the capacitor terminals. Avoid any compressive, tensile or flexural stress. Do not move the capacitor after it has been soldered to the PC board. Do not pick up the PC board by the soldered capacitor. Do not place the capacitor on a PC board whose PTH hole spacing differs from the specified lead spacing. Do not exceed the specified time or temperature limits during soldering. Avoid external energy inputs, such as fire or electricity. Avoid overload of the capacitors. The table below summarizes the safety instructions that must always be observed. A detailed description can be found in the relevant sections of the chapters "General technical information" and "Mounting guidelines". Topic Safety information Reference chapter "General technical information" Make sure that capacitors are stored within the 4.5 specified range of time, temperature and humidity "Storage conditions" conditions. Avoid external energy, such as fire or electricity 5.3 (passive flammability), avoid overload of the "Flammability" capacitors (active flammability) and consider the flammability of materials. Do not exceed the tested ability to withstand 5.2 vibration. The capacitors are tested to "Resistance to vibration" IEC 60068-2-6. EPCOS offers film capacitors specially designed for operation under more severe vibration regimes such as those found in automotive applications. Consult our catalog "Film Capacitors for Automotive Electronics".
Storage conditions
Flammability
Resistance to vibration
Please read Cautions and warnings and Important notes at the end of this document.
Page 27 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Topic Soldering
Safety information
Do not exceed the specified time or temperature limits during soldering. Cleaning Use only suitable solvents for cleaning capacitors. Embedding of When embedding finished circuit assemblies in capacitors in plastic resins, chemical and thermal influences finished assemblies must be taken into account. Caution: Consult us first, if you also wish to embed other uncoated component types!
Reference chapter "Mounting guidelines" 1 "Soldering" 2 "Cleaning" 3 "Embedding of capacitors in finished assemblies"
Please read Cautions and warnings and Important notes at the end of this document.
Page 28 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Symbols and terms Symbol C A C C CR C C/C C/CR dt t T tan V dV/dt V/t E ESL ESR f f1 German Warmeubergangszahl Temperaturkoeffizient der Kapazitat Kondensatoroberflache Feuchtekoeffizient der Kapazitat Kapazitat Nennkapazitat Absolute Kapazitatsanderung Relative Kapazitatsanderung (relative Abweichung vom Ist-Wert) Kapazitatstoleranz (relative Abweichung vom Nennwert) Differentielle Zeit Zeitintervall Absolute Temperaturanderung (Selbsterwarmung) Absolute Anderung des Verlustfaktors Absolute Spannungsanderung Differentielle Spannungsanderung (Spannungsflankensteilheit) Spannungsanderung pro Zeitintervall Aktivierungsenergie zur Diffusion Eigeninduktivitat Ersatz-Serienwiderstand Frequenz Grenzfrequenz fur thermisch bedingte Reduzierung der zulassigen Wechselspannung Frequency limit for reducing permissible Grenzfrequenz fur strombedingte AC voltage due to current limit Reduzierung der zulassigen Wechselspannung Resonant frequency Resonanzfrequenz Thermal acceleration factor for diffusion Therm. Beschleunigungsfaktor zur Diffusion Derating factor Deratingfaktor Current (peak) Stromspitze Category current (max. continuous Kategoriestrom (max. Dauerstrom) current) English Heat transfer coefficient Temperature coefficient of capacitance Capacitor surface area Humidity coefficient of capacitance Capacitance Rated capacitance Absolute capacitance change Relative capacitance change (relative deviation of actual value) Capacitance tolerance (relative deviation from rated capacitance) Time differential Time interval Absolute temperature change (self-heating) Absolute change of dissipation factor Absolute voltage change Time differential of voltage function (rate of voltage rise) Voltage change per time interval Activation energy for diffusion Self-inductance Equivalent series resistance Frequency Frequency limit for reducing permissible AC voltage due to thermal limits
f2
fr FD FT i IC
Please read Cautions and warnings and Important notes at the end of this document.
Page 29 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Symbol IRMS iz k0 LS 0 test Pdiss Pgen Q R R Ri Rins RP RS S t T tan tan D tan P tan S TA Tmax Tmin tOL Top TR Tref tSL VAC
English (Sinusoidal) alternating current, root-mean-square value Capacitance drift Pulse characteristic Series inductance Failure rate Constant failure rate during useful service life Failure rate, determined by tests Dissipated power Generated power Heat energy Density of water vapor in air Universal molar constant for gases Ohmic resistance of discharge circuit Internal resistance Insulation resistance Parallel resistance Series resistance severity (humidity test) Time Temperature Time constant Dissipation factor Dielectric component of dissipation factor Parallel component of dissipation factor Series component of dissipation factor Ambient temperature Upper category temperature Lower category temperature Operating life at operating temperature and voltage Operating temperature Rated temperature Reference temperature Reference service life AC voltage
German (Sinusformiger) Wechselstrom Inkonstanz der Kapazitat Impulskennwert Serieninduktivitat Ausfallrate Konstante Ausfallrate in der Nutzungsphase Experimentell ermittelte Ausfallrate Abgegebene Verlustleistung Erzeugte Verlustleistung Warmeenergie Dichte von Wasserdampf in Luft Allg. Molarkonstante fur Gas Ohmscher Widerstand des Entladekreises Innenwiderstand Isolationswiderstand Parallelwiderstand Serienwiderstand Scharfegrad (Feuchtetest) Zeit Temperatur Zeitkonstante Verlustfaktor Dielektrischer Anteil des Verlustfaktors Parallelanteil des Verlfustfaktors Serienanteil des Verlustfaktors Umgebungstemperatur Obere Kategorietemperatur Untere Kategorietemperatur Betriebszeit bei Betriebstemperatur und -spannung Beriebstemperatur Nenntemperatur Referenztemperatur Referenz-Lebensdauer Wechselspannung
Please read Cautions and warnings and Important notes at the end of this document.
Page 30 of 32
B32560 ... B32564 General purpose (stacked) SilverCapTM
Symbol VC VC,RMS VCD Vch VDC VFB Vi Vo Vop Vp Vpp VR
R
English Category voltage Category AC voltage Corona-discharge onset voltage Charging voltage DC voltage Fly-back capacitor voltage Input voltage Output voltage Operating voltage Peak pulse voltage Peak-to-peak voltage Impedance Rated voltage Amplitude of rated AC voltage (Sinusoidal) alternating voltage, root-mean-square value S-correction voltage Snubber capacitor voltage Impedance Lead spacing
German Kategoriespannung (Sinusformige) Kategorie-Wechselspannung Teilentlade-Einsatzspannung Ladespannung Gleichspannung Spannung (Flyback) Eingangsspannung Ausgangssspannung Betriebsspannung Impuls-Spitzenspannung Spannungshub Nennspannung Amplitude der Nenn-Wechselspannung (Sinusformige) Wechselspannung Spannung bei Anwendung "S-correction" Spannung bei Anwendung "Beschaltung" Scheinwiderstand Rasterma
VRMS VSC Vsn Z
Please read Cautions and warnings and Important notes at the end of this document.
Page 31 of 32
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 32 of 32


▲Up To Search▲   

 
Price & Availability of B32561J0475

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X