Part Number Hot Search : 
SDD60N14 FSM102 FSM106 AT34C02 20DEM B21CV SK135 TV15C7V5
Product Description
Full Text Search
 

To Download AZ743-2C-110D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ743 AZ
10 AMP DPDT MINIATURE POWER RELAY
FEATURES * * * * * * * * * Dielectric strength 5000 Vrms Low cost Epoxy sealed version available 10 Amp switching -- double pole contacts AC and DC coils Class B (130C) standard Class F (155C) versions available Isolation spacing greater than 10 mm UL, CUR file E44211, VDE file 40006031 GENERAL DATA CONTACTS
Arrangement Ratings DPST (2 Form A, 2 Form B) DPDT(2 Form C) Resistive load: Max. switched power: 240 W or 2500 VA Max. switched current: 10 A Max. switched voltage: 150* VDC or 400 VAC
*Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory.
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical)
Minimum operations 1 x 107 1 x 105 at 8 A 240 VAC Res. 7 ms at nominal coil voltage 4 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 3000 Vrms between contact sets 1000 Vrms between open contacts Insulation Resistance Dropout 1000 megohms min. at 500 VDC, 20C, 50% RH Greater than 10% of nominal coil voltage (DC) Greater than 15% of nominal coil voltage (AC) At nominal coil voltage -40C (-40F) to 100C (212F) -40C (-40F) to 130C (266F) 0.062" DA at 10-55 Hz 10 g P.B.T. polyester Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 16 grams
Rated Load UL, CUR 10 A at 250 VAC Resistive, 30k cycles (N.O.)/ 6k (N.C.) [1] 8 A at 277 VAC Resistive, 30k cycles [1] 8 A at 277 VAC Resistive. 75k cycles [2] 8 A at 277 VAC Resisive, 100k cycles [3] 1/2 HP at 250 VAC (N.O.) [1] 1/4 HP at 125 VAC (N.O) [1] 8 A at 250 VAC Resistive, 30k cycles [1] Contact factory for additional VDE ratings
[1] Silver cadmium oxide, [2] Silver tin oxide [3] Silver nickel
Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
VDE
Material Resistance
Silver cadmium oxide, silver tin oxide, or silver nickel. Gold plating available < 50 milliohms initially (using 6 V 1 A method)
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 196 mW (DC, standard) 141 mW (DC, sensitive) 0.43 VA (AC) 1.7 W at 20C (68F) ambient 26C (47F) at nominal coil voltage 130C (266F)
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
7/17/07W
AZ743 AZ
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
Nominal Coil VDC 5 6 12 15 18 24 48 60 110 Must Operate VDC 3.5 4.2 8.4 10.5 12.6 16.8 33.6 42.0 77.0 Max. Continuous VDC 10.2 12.3 24.7 30.9 37.0 49.4 98.0 112.9 206.9 Coil Resistance 10% 62 90 360 562 810 1,440 5,760 7,500 25,200
ORDER NUMBER*
Unsealed AZ743-2C-5D AZ743-2C-6D AZ743-2C-12D AZ743-2C-15D AZ743-2C-18D AZ743-2C-24D AZ743-2C-48D AZ743-2C-60D AZ743-2C-110D Sealed AZ743-2C-5DE AZ743-2C-6DE AZ743-2C-12DE AZ743-2C-15DE AZ743-2C-18DE AZ743-2C-24DE AZ743-2C-48DE AZ743-2C-60DE AZ743-2C-110DE
COIL SPECIFICATIONS - AC COIL
Nominal Coil VAC 24 115 230 Must Operate VAC 18.0 86.3 172.5 Max. Continuous VAC 31.2 149.5 299.0 Coil Current (mA) 31.6 6.6 3.2 Coil Resistance 350 10% 8,100 15% 32,500 15%
ORDER NUMBER*
Unsealed Sealed
AZ743-2C-24AF AZ743-2C-24AEF AZ743-2C-115AF AZ743-2C-115AEF AZ743-2C-230AF AZ743-2C-230AEF
* Substitute "2A" or "2B" in place of "2C" for Form A or B respectively. Add suffix "E" to "2A" or "2B" or "2C" for silver tin oxide contacts. Add suffix "B" to "2A" or "2B" or "2C" for silver nickel contacts. Add suffix "A" for gold plated contacts. Add suffix "F" for Class F version (DC coils only).
7/17/07W
AZ743
HARDWARE ORDERING DATA
DESCRIPTION
Socket
ORDER NUMBER
ST484-U1
DESCRIPTION
Retainer
ORDER NUMBER
ST482-3
MECHANICAL DATA
OUTLINE DIMENSIONS
1 .1 6 1 M a x . [2 9 .5 ] .5 2 0 M a x . [1 3 .2 ]
PC BOARD LAYOUT
.1 9 7 [5 .0 ] .1 9 7 [5 .0 ] .597 [15.16 ]
.0 9 8 [2 .5 ]
.6 3 8 M a x . [1 6 .2 ]
**
.2 9 5 [7 .5 ]
*
**
.161 [4.1] 6 X .0 2 0 [0 .5 ] 6 Xo.0 2 4 [o0 .6 ] .2 9 5 [7 .5 ]
*
2 Xo.0 3 2 [o0 .8 ]
6 Xo.0 5 0 [o1 .3 ]
* N o t u s e d o n 2 F o rm A * * N o t u s e d o n 2 F o rm B
VIEW TOWARD TERMINALS
.5 0 0 (1 2 .7 ) .1 7 7 (4 .5 ) M AX 1 .2 8 (3 2 .5 ) .3 6 6 (9 .3 ) .3 5 4 (9 .0 )
6 X .0 3 5 [0 .9 ]
.2 9 5 [7 .5 ]
.1 9 7 [5 .0 ] .1 9 7 [5 .0 ]
.597 [15.16]
.0 9 8 [2 .5 ]
1 .2 2 (3 0 .9 )
.4 1 4 (1 0 .5 )
.1 2 5 D IA (0 .5 )
WIRING DIAGRAM
VIEWED TOWARDS TERMINAL
5 4 3 2 5 4 2 4 3 2
RETAINING CLIP
.2 9 5 (7 .5 ) .1 9 7 (5 .0 )
1 .3 8 5 [3 5 .1 9 ]
8
7
6
1
8
7
1
7
6
1
.5 9 0 (1 5 )
.1 9 7 (5 .0 ) .0 5 9 D IA (1 .5 )
.8 9 5 [2 2 .7 3 ] .6 6 1 [1 6 .7 9 ]
2 F o rm C
2 F o rm A
2 F o rm B
.1 1 8 (3 .0 )
S T 4 8 2 -3
VIEW TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
7/17/07W


▲Up To Search▲   

 
Price & Availability of AZ743-2C-110D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X