Part Number Hot Search : 
LCFS1055 VN10K TZA3031U 16016 28F160 LCFS1053 AM79C901 EVKIT
Product Description
Full Text Search
 

To Download ACTF27-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
The ACTF27-03/926.5-903.75/TO39 is a low-loss, compact, & economical surface-acoustic-wave (SAW) filter in a low-profile metal TO-39 case. It is designed as RF duplexer for cordless telephone ISM. Centre frequency is 926.25 / 903.75 MHz. 1. Package Dimension (TO-39) 2.
Pin 1 2 3 4 Dimensions A B C D E Configuration Port 1 / Port 2 Antenna Port 2 / Port 1 Case Ground Data (Unit: mm) 9.350.10 5.080.10 3.400.10 3.000.20 0.450.20
3. Test Circuit
4. Features l l l l High stability and reliability with good performance No matching network required for operation at 50 Wide and sharp pass band characteristics Low insertion loss and deep stop band attenuation for interference
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
5. Typical Frequency Response
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
6. Electronic Specification 6-1.Maximum Ratings
Item Input Signal Level DC Permissive Voltage Operating Temperature Range Storage Temperature Range Symbol ISmax VDC TA Tstg Rating 5 0 -10 ~ +60 -40 ~ +85 Unit dBm V C C
6-2.Electronic Characteristics
Ant term. impedance Port 1 term. impedance Port 2 term. impedance Port 1 Items
Centre Frequency Bandwidth Insertion Loss Ripple Level
ZAnt = 50 ZPort1 = 50 ZPort2 = 50 Port 2 Unit
Symbol Test condition
fC BW 3dB IL PASS ARIP fC1.0MHz fC1.0MHz 450.0~870.0MHz 870.0~882.45MHz 882.45~904.75MHz 904.75~905.85MHz
Min.
1.0 52 44 30 36 8 5 30 26 42 22 36
Typ.
926.25 -
Max.
Test condition
-
Min.
1.0 47 30 5 5 38 23 45 42 22
Typ.
903.75 --
Max.
MHz 4.5 2.0 MHz dB dB dB dB dB dB dB dB dB dB dB dB
4.5 2.0 --
fC1.0MHz fC1.0MHz 450.0~861.95MHz 861.95~883.35MHz 883.35~894.05MHz 913.45~924.15MHz 924.15~927.25MHz 945.55~970. 0MHz 970.0~1050MHz 1050~1350MHz 1350~1800MHz
Rejection Level
ILSTOP
905.85~916.55MHZ 935.95~946.65MHz 946.65~948.65MHz 968.05~1000MHz 1000~1350Mhz 1350~1800MHz
Isolation (between port1 and port2) Input / Output Impedance
IL RXTX ZI / ZO
902.75~904.75MHz
925.25~927.25MHz
36
-
-
dB
-
-
50
-
-
-
50
-
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50 test system with VSWR1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. Unless noted otherwise, specifications apply over the entire specified operating temperature range. The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies.
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
2. 3. 4. 5.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com


▲Up To Search▲   

 
Price & Availability of ACTF27-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X