![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0526101871 Active 1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 18 Circuits, Lead-free, High Barrier Packaging Agency Certification CSA UL LR19980 E29179 General Product Family Series Overview Product Name FFC/FPC Connectors 52610 ffc_fpc_smt N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 18 N/A 30 Vertical 94V-0 0.226 In 5.75 mm Phosphor Bronze Tin-Bismuth Tin-Bismuth Nylon 1 Vertical No None Embossed Tape on Reel 0.039 In 1.00 mm No No -40C to +85C Surface Mount FFC/FPC Search Parts in this Series 52610Series Electrical Current - Maximum per Contact Voltage - Maximum 1A 125V Material Info Reference - Drawing Numbers Packaging Specification Product Specification SPK-52610-001, SPK-52610-003 PS-52610-006, RPS-52610-001, RPS-52610-002, RPS-52610-004, RPS-52610-026, RPS-52610-027, RPS-52610-028, RPS-52610-031, RPS-52610-034, RPS-52610-037, RPS-52610-038, RPS-52610-040, RPS-52610-041, RPS-52610-043, RPS-52610-044, RPS-52610-046, RPS-52610-049, RPS-52610-050, RPS-52610-057, RPS-52610-058, RPS-52610-059, RPS-52610-062 Sales Drawing SD-52610-038, SD-52610-041 This document was generated on 06/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 52610-1871
![]() |