Part Number Hot Search : 
ENA1202A TM810 22152 U2044B08 SM330 A2822M ISL55190 74HCT42
Product Description
Full Text Search
 

To Download 2N6246 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon PNP Power Transistors
DESCRIPTION With TO-3 package Low collector saturation voltage Excellent safe operating area High gain at high current APPLICATIONS General-purpose types of switching and linear-amplifier applications
PINNING PIN 1 2 3 Base Emitter Collector DESCRIPTION
2N6246 2N6247 2N6248
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL PARAMETER 2N6246 VCBO Collector-base voltage 2N6247 2N6248 2N6246 VCEO Collector-emitter voltage 2N6247 2N6248 VEBO IC IB PT Tj Tstg Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25ae Open collector Open base Open emitter CONDITIONS VALUE 70 90 110 60 80 100 5 15 5 125 150 -65~200 ae ae V A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.4 UNIT ae /W
JMnic
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N6246 VCEO Collector-emitter sustaining voltage 2N6247 2N6248 2N6246 VCEsat-1 Collector-emitter saturation voltage 2N6247 2N6248 2N6246 VCEsat-2 Collector-emitter saturation voltage 2N6247 2N6248 2N6246 VBE Base-emitter voltage on 2N6247 2N6248 ICEO Collector cut-off current 2N6246 ICEX Collector current cut-off 2N6247 2N6248 Emitter current cut-off 2N6246 VEB=5V; IC=0 2N6247/6248 2N6246 hFE-1 DC current gain 2N6247 2N6248 2N6246 hFE-2 DC current gain 2N6247 2N6248 IC=7A ; VCE=4V IC=6A ; VCE=4V IC=5A ; VCE=4V IC=15A ; VCE=4V IC=15A ; VCE=4V IC=10A ; VCE=4V IC=7A; IB=0.7A IC=6A; IB=0.6A IC=5A; IB=0.5A IC=15A; IB=3A IC=15A; IB=4A IC=0.2A ;IB=0 SYMBOL
2N6246 2N6247 2N6248
CONDITIONS
MIN 60 80 100
TYP.
MAX
UNIT
V
1.3
V
2.5 V 3.5
IC=10A; IB=2A IC=7A ; VCE=4V IC=6A ; VCE=4V IC=5A ; VCE=4V VCE=1/2Rated VCEO; IB=0 VCE=65V; VBE=-1.5V VCE=55V; VBE=-1.5V TC=150ae VCE=85V; VBE=-1.5V VCE=70V; VBE=-1.5V TC=150ae VCE=100V; VBE=-1.5V VCE=90V; VBE=-1.5V TC=150ae 2.0 1.8 1.8 1.0 0.2 5.0 0.2 5.0 0.2 5.0 5.0 mA 1.0 mA V
mA
IEBO
20
100
5
JMnic
Product Specification
www.jmnic.com
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N6246 2N6247 2N6248
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2N6246

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X