Part Number Hot Search : 
PST596 UNRF1A1 C1300 TSTA7300 10002 DSPIC3 SKKH42 10NB50
Product Description
Full Text Search
 

To Download 2N6246 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-3 package Low collector saturation voltage Excellent safe operating area High gain at high current APPLICATIONS General-purpose types of switching and linear-amplifier applications
PINNING PIN 1 2 3 Base Emitter Collector DESCRIPTION
2N6246 2N6247 2N6248
Fig.1 simplified outline (TO-3) and symbol
Absolute maximum ratings(Ta=ae )
SYMBOL

PARAMETER
2N6246 2N6247 2N6248
VCBO
Collector-base voltage
VCEO
Collector-emitter voltage
INC
ANG H
SEM
Open emitter
CON I
CONDITIONS
TOR DUC
VALUE -70 -90 -110 -60 -80 -100
UNIT
V
2N6246 2N6247 2N6248 Open base
V
VEBO IC IB PT Tj Tstg
Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature
Open collector
-5 -15 -5
V A A W ae ae
TC=25ae
125 150 -65~200
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.4 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER 2N6246 VCEO(SUS) Collector-emitter sustaining voltage 2N6247 2N6248 2N6246 VCEsat-1 Collector-emitter saturation voltage 2N6247 2N6248 2N6246 VCEsat-2 Collector-emitter saturation voltage 2N6247 2N6248 IC=-7A; IB=-0.7A IC=-6A; IB=-0.6A IC=-5A; IB=-0.5A IC=-15A; IB=-3A IC=-15A; IB=-4A IC=-0.2A ;IB=0 CONDITIONS SYMBOL
2N6246 2N6247 2N6248
MIN -60 -80 -100
TYP.
MAX
UNIT
V
-1.3
V
-2.5 V -3.5
IC=-10A; IB=-2A IC=-7A ; VCE=-4V IC=-6A ; VCE=-4V IC=-5A ; VCE=-4V VCE=1/2Rated VCEO; IB=0 -2.0
VBE
Base-emitter on voltage
ICEO
Collector cut-off current

2N6247 2N6248 2N6246 2N6247 2N6248
2N6246
ICEX
Collector cut-off current
CHA IN
SEM NG
VEB=-5V; IC=0
VCE=-65V; VBE=-1.5V VCE=-55V; VBE=-1.5V TC=150ae VCE=-85V; VBE=-1.5V VCE=-70V; VBE=-1.5V TC=150ae VCE=-100V; VBE=-1.5V VCE=-90V; VBE=-1.5V TC=150ae
CON I
TOR DUC
-1.8 -1.0 -0.2 -5.0 -0.2 -5.0 -0.2 -5.0 -5.0
-1.8
V
mA
mA
2N6246 2N6247 2N6248 2N6246 IC=-7A ; VCE=-4V IC=-6A ; VCE=-4V IC=-5A ; VCE=-4V IC=-15A ; VCE=-4V IC=-15A ; VCE=-4V IC=-10A ; VCE=-4V 5 20
IEBO
Emitter cut-off current
mA -1.0
hFE-1
DC current gain
2N6247 2N6248 2N6246
100
hFE-2
DC current gain
2N6247 2N6248
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2N6246 2N6247 2N6248
NG S HA
INC
CON EMI
TOR DUC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2N6246

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X