|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
"High Frequency Ceramic Solutions" 2.45 GHz Balun Detail Specification: 07/01/03 P/N 2450BL14B050 Page 1 of 2 General Specifications Part Number Frequency (MHz) Unbalanced Impedence Differential Balanced Imp. Insertion Loss Return Loss Phase Difference (degree) Amplitude Difference 2450BL14B050 2400~2500 50 50 1.5 dB max. 9.5 dB min. 180 10 2 dB max. Terminal Configuration No. Operating Temperature Reel Quanity Power Capacity -40 to +85C 4,000 0.5 watts max. Function Unbalanced Port NC GND Balanced Port NC Balanced Port 1 Mechanical Dimensions In L 0.063 0.004 W 0.031 0.004 T 0.024 0.004 0.008 0.004 b 0.008 +.004/-.006 c 0.006 0.004 a g 0.012 0.004 p 0.020 0.002 mm 1.60 0.10 0.80 0.10 0.60 0.10 0.20 0.10 0.20 +0.1/-0.15 0.15 0.10 0.30 0.10 0.50 0.05 T g b L 2 3 W c a p 4 5 6 Mounting Considerations Mount these devices with brown mark facing up. Line width should be designed to provide 50 impedance matching characteristics. Units: mm 0.25 * Solder 0.3 0.55 Land Through-hole (0.3) * 0.25 * Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 931 Via Alondra * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2003 Johanson Technology, Inc. All Rights Reserved "High Frequency Ceramic Solutions" 2.45 GHz Balun Detail Specification: 07/01/03 P/N 2450BL14B050 Page 2 of 2 Typical Electrical Performance (T=25C) ) ) ) ) ) ) ) Insertion Loss ) 0 -1 (dB) -2 IL -3 -4 -5 2.30 2.35 2.40 2.45 ) 2.50 2.55 2.60 freq, GHz ) Return Loss ) 0 ) -10 RL (dB) -20 -30 -40 2.30 2.35 2.40 2.45 2.50 2.55 2.60 freq, GHz Johanson Technology, Inc. reserves the right to make design changes without notice. All sales are subject to Johanson Technology, Inc. terms and conditions. www.johansontechnology.com 931 Via Alondra * Camarillo, CA 93012 * TEL 805.389.1166 FAX 805.389.1821 2003 Johanson Technology, Inc. All Rights Reserved |
Price & Availability of 2450BL14B050 |