Part Number Hot Search : 
12FR20 74C32N 2SD2083 CRBV5 HT162609 CRBV5 1000B AN1230
Product Description
Full Text Search
 

To Download 1120955028 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: Drawing (PDF)
1120955028 Active
profibus_solutions BradControlTM Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E200650 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
General
Product Family Series IP Rating Overview Product Name Protocol Style Industrial I/O Modules 112095 IP67 profibus_solutions Profibus* N/A Classic
Physical
Bus Input Bus Output Housing Width I/O Connector I/O Signal Mix Ports Power Input Power Output Temperature Range - Operating Vibration 5-pole Micro-Change(R) (M12) 5-pole Micro-Change(R) (M12) 60.00mm (2.362") 5-pole Micro-Change(R) (M12) 8 input / 8 output 8 5-pole Micro-Change(R) (M12) 5-pole Micro-Change(R) (M12) -20C to +70C MIL-STD-2020F
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Electrical
Current - Maximum per Contact Input Delay Input Device Supply Input Type 8A per module 2.5ms 200 mA per port at 25C PNP or Dry Contact
Search Parts in this Series 112095Series
Material Info
Old Part Number TCDEM-888P-DYU
Reference - Drawing Numbers
Sales Drawing SD-112095-5021, SD-112095-5028
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number TCDEM-8D0N-DYU TCDEM-8C2N-DYU TCDEM-8B4N-DYU TCDEM-888N-DYU TCDEM-8D0P-DYU TCDEM-8C2P-DYU TCDEM-8B4P-DYU TCDEM-888P-DYU TCDEM-8YYX-DYU
REVISION: ECR/ECN INFORMATION: EC No: NA DATE: 2010/02 /01
Description IO:MDB/TCP:IP67:60MM:8P4:16DI:NPN IO:MDB/TCP:IP67:60MM:8P4:14DI/2DO:NPN IO:MDB/TCP:IP67:60MM:8P4:12DI/4DO:NPN IO:MDB/TCP:IP67:60MM:8P4:8DI/8DO:NPN IO:MDB/TCP:IP67:60MM:8P4:16DI:PNP IO:MDB/TCP:IP67:60MM:8P4:14DI/2DO:PNP IO:MDB/TCP:IP67:60MM:8P4:12DI/4DO:PNP IO:MDB/TCP:IP67:60MM:8P4:8DI/8DO:PNP IO:MDB/TCP:IP67:60MM:8P4:16 DCONFIG
TITLE:
A
Modbus TCP IO Block IP67 60MM M12 8 Ports with Power connector 4 Poles
CHECKED BY:
SHEET No.
1 of 1
DOCUMENT NUMBER:
CREATED / REVISED BY:
APPROVED BY:
SD-112095-5021
SZOUTARD
SMENARD
SZOUTARD
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
The BradControlTM IP67 I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh environments.
24 Mar. 10 DW2007208
HarshIO 600 eMB
IP67 Modbus TCP I/O block
Features
Supports Modbus TCP (TCP/IP & UDP) Accepts M12 threaded connectors or BradConnectivityTM Ultra-LockTM connection system Standard hole pattern allows for interchangeability with popular I/O modules Supports PNP & NPN input devices Several I/O configurations to choose from
TCDEM-8YYX-DIU offers 16 points of configurable I/O where the user can configure each point as either an input, output or input/output
Visible LEDs provide maintenance personnel with the ability to easily determine I/O, module & network status Rated IP67 for harsh environments Designed for direct machine mount applications IP addressing via Bootp, DHCP or static (through web interface, push button & Modbus commands) Scrolling 4 characters status display for IP addressing and module status Built-in 3-port Ethernet switch
10/100 Mbps auto-sensing and crossover capability
I/O Systems for Harsh Duty Environments
BradControlTM Modbus I/O modules provide a reliable solution for connecting industrial controllers to I/O devices in harsh duty environments.
Built-in web server for remote monitoring, configuration and diagnostics Configurable I/O capability (through web interface & Modbus commands) Watchdog
Typical Applications
Machine tool industry Material handling systems Filling & packaging Steel industry
Contained in an IP67 rated housing, BradControl I/O modules can be machine mounted and are able to withstand areas where liquids, dust or vibration may be present. This makes them ideally suited for many applications including material handling equipment and automated assembly machinery. Advanced network features such as 10/100 Mbps auto-sensing, web server capabilities and a flexible IP address setup method, make configuration and operation simple. Following traditional industrial fieldbus practices, standard M12 connectors from sensing devices or actuators plug directly into the I/O module. An environmentally sealed IP67 connection between the I/O module and the Ethernet network is created using the Ultra-LockTM connection system built into the BradControl Ethernet I/O module.
HarshIO 600 eMB
LED Indicators
Module & Input Power (I):
Green -power present Off -power not connected I/O Configurations
Technical Information
16 inputs 14 inputs / 2 outputs 12 inputs / 4 outputs 8 inputs / 8 outputs 16 Universal & user configurable input / output channels (R) Micro-Change 5-pole M12 female TM TM BradConnectivity Ultra-Lock , internally threaded 2 connectors 4-pole female M12 D-Coded Ultra-Lock Acting as a switch. Crossover capability Power in : male Mini-Change 4-pole or 5-pole Power out : female Mini-Change 4-pole or 5-pole Module & input power : 24 Vdc, Module output power : 24 Vdc (13 28 V), 8A max per bloc 10/100 Mbps auto-sensing, auto-detecting, full duplex BOOTP (default), DHCP, static address Modbus (TCP & UDP) Function code: 01, 02, 03, 04, 05, 06, 15, 16, 23 Compatible with dry contact and PNP or NPN 3-wire switches. Electronic short circuit protection 2.5 ms default or Configurable through Modbus messaging 200 mA per port at 25C Maximum 2.0 A per channel Electronic short circuit protection 200 Hz 60mm x 220mm x 20mm (2.36 x 8.66 x .78 inches) 37.5 mm (1.48 inches) horizontal on centers 210 mm (8.27 inches) vertical on centers Center hole -20C to 70C (-4F to 158F) -40C to 85C (-40F to 185F) IP67 according to IEC 60529 IEC 60068-2-6 10G, 11ms, 3 axis CE, UL, cUL
Output Power (O):
Green -power present Off -power not connected I/O Connectors Ethernet Connectors
Display Box:
Inform about Ethernet address, I/O and Watchdog status
Power Connectors Power Requirements Communications Rate IP Address Capabilities Protocol Input Type Input Delay Input Device Supply Output Load Current Max. Switching Freq. Housing Dimensions Mounting Dimensions Operating Temperature Storage Temperature Protection Vibration Mechanical Shock Approvals
Input / Output (Ix / Ox):
Green - input/output on Red - input/output fault Off - input/output off
Ethernet Link (LNK 1/2):
Solid Green - Ethernet link at 100 Mbit/s without activity. Flashing Green - Ethernet link at 100 Mbit/s with activity. Solid Yellow - Ethernet link at 10 Mbit/s without activity. Flashing Yellow - Ethernet link at 10 Mbit/s with activity.
Ordering Information
Part Number
TCDEM-8D0N-DYU TCDEM-8C2N-DYU TCDEM-8B4N-DYU TCDEM-888N-DYU 4-pin Power TCDEM-8D0P-DYU TCDEM-8C2P-DYU TCDEM-8B4P-DYU TCDEM-888P-DYU TCDEM-8YYX-DYU TCDEM-8D0N-D1U TCDEM-8C2N-D1U TCDEM-8B4N-D1U TCDEM-888N-D1U 5-pin Power TCDEM-8D0P-D1U TCDEM-8C2P-D1U TCDEM-8B4P-D1U TCDEM-888P-D1U TCDEM-8YYX-D1U
SAP number
112095-5021 112095-5022 112095-5023 112095-5024 112095-5025 112095-5026 112095-5027 112095-5028 112095-5038 112095-0007 112095-0005 112095-0003 112095-0001 112095-0008 112095-0006 112095-0004 112095-0002 112095-0009
Product Description
8-port, M12 Ultra-Lock, 16 input, NPN 8-port, M12 Ultra-Lock, 14 input, 2 output, NPN 8-port, M12 Ultra-Lock, 12 input, 4 output, NPN 8-port, M12 Ultra-Lock, 8 input, 8 output, NPN 8-port, M12 Ultra-Lock, 16 input, PNP 8-port, M12 Ultra-Lock, 14 input, 2 output, PNP 8-port, M12 Ultra-Lock, 12 input, 4 output, PNP 8-port, M12 Ultra-Lock, 8 input, 8 output, PNP 8-port, M12 Ultra-Lock, 16 I/O user configurable 8-port, M12 Ultra-Lock, 16 input, NPN 8-port, M12 Ultra-Lock, 14 input, 2 output, NPN 8-port, M12 Ultra-Lock, 12 input, 4 output, NPN 8-port, M12 Ultra-Lock, 8 input, 8 output, NPN 8-port, M12 Ultra-Lock, 16 input, PNP 8-port, M12 Ultra-Lock, 14 input, 2 output, PNP 8-port, M12 Ultra-Lock, 12 input, 4 output, PNP 8-port, M12 Ultra-Lock, 8 input, 8 output, PNP 8-port, M12 Ultra-Lock, 16 I/O user configurable
To contact us: www.woodhead.com North America: US: + 1-800-225-7724 - Canada: +1 (905) 624-6518 Europe: France: +33 (0)1 64 30 91 36 - Germany: +49 7252/94 96-0 - Italy: +39 026-6400321 United Kingdom: +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 - Yamato, Japan: +81 46-265-2428 - Nagoya, Japan: +81 52-221-5950 Micro-Change & Mini-Change are registered trademarks and BradControl, BradConnectivity and Ultra-Lock are trademarks of Molex Incorporated. (c) 2007 Molex


▲Up To Search▲   

 
Price & Availability of 1120955028

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X