Part Number Hot Search : 
MBRM110L PE1508N RODUC IRG4PC30 78P2244 2N6423 81622 SP8400
Product Description
Full Text Search
 

To Download 1051301002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1051301002 Active
esatausb_combo_receptacles Combo External Serial ATA and USB Receptacles, Right Angle, Through Holewith Through hole type Front Solder Tabs, Reverse Mount on Recessed PCB,Lead free
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series I/O Connectors 105130 Wire-to-Board Through hole type front solder tabs . Reverse mounted on recessed PCB . Durability: 1,500 cycles for USB; 2,500 cycles for eSATA Receptacle esatausb_combo_receptacles eSATA/USB Combo, External Serial ATA, USB N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments
Component Type Overview Product Name Type
Physical
Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style 4, 7 eSATA: 7 circuits; USB: 4 circuits Black 1,500 Male Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 2 Right Angle No Yes 0.047 In 1.20 mm Embossed Tape on Reel Yes 0.050 In, 0.079 In, 0.098 In 1.27 mm, 2.00 mm, 2.50 mm 0.050 In, 0.079 In, 0.098 In 1.27 mm, 2.00 mm, 2.50 mm 30 0.76 80 2 Yes Yes 1 -35C to +85C Through Hole
Search Parts in this Series 105130Series Mates With External Serial ATA Cable Assembly or USB Type A Cable Assembly
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum
1.5A Yes Full Shield Yes 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-105130-100 SD-105130-100
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1051301002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X