Part Number Hot Search : 
0100C ACT3492 SD2440 SI6821 2604A SA100 AT91SAM 85001
Product Description
Full Text Search
 

To Download 0908582756 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0908582756 Active
rast_5_connector_system 5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 6 Circuits, Reference K39
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-99020-0037 (PDF) RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 90858 Wire-to-Board rast_5_connector_system RAST 5
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 6 6 Natural 10 No 94V-0 No No None None Brass Tin Tin 1 Vertical 0.138 In 3.50 mm Yes None 0.055 In 1.40 mm Bag 0.197 In 5.00 mm Yes Fully Yes No -20C to +85C Through Hole
Search Parts in this Series 90858Series Mates With Appli-Mate 5.0 IDT Connector System Female Receptacle 90835 , 90833
Electrical
Current - Maximum per Contact 16A
Voltage - Maximum
250V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-90858-001 PS-99020-0037 SD-90858-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0908582756

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X