Part Number Hot Search : 
TU030SC D1053 12160 BR510 CXP86608 UC3843 HV633 4220MI
Product Description
Full Text Search
 

To Download 0879200014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0879200014 Active
milligrid 2.54mm (.100") Pitch C-Grid(R) Header, Surface Mount, Dual Row, Vertical, 14 Circuits, Tin (Sn) Overall Plating, with Pick-and-Place Cap, without Peg, Tube Packaging, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87920-019 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
UL E29179
General
Product Family Series Application Overview Product Name PCB Headers 87920 Board-to-Board, Wire-to-Board milligrid C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Yes 14 14 Black No 94V-0 No No None None 0.240 In 6.10 mm Copper Alloy Tin Nickel High Temperature Thermoplastic 2 Vertical No None 0.063 In 1.60 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 98 2.50 49 1.25 No No Pick and Place Cap
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 87920Series Mates With KK(R) PCB Receptacles like 4455. SLTM IDT Housings like 70430. KK(R) IDT Housings like 7720 and 70400a. C-Grid(R) PCB Receptacles like 90147 and 90148
Shrouded Stackable Temperature Range - Operating Termination Interface: Style
No No -55C to +105C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 3 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87920-019 SD-87920-020
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0879200014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X