|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0879111014 Active cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Header, Right Angle, Through Hole, 10 Circuits, 2.50m (98") Tin (Sn) Plating, Tube Packaging, Lead-free Documents: Drawing (PDF) Product Specification PS-87920-019 (PDF) RoHS Certificate of Compliance (PDF) Series Agency Certification UL E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name PCB Headers 87911 Board-to-Board, Wire-to-Board cgrid__sl_products C-Grid(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Yes 10 10 Black No 94V-0 No No None None Brass Tin Nickel High Temperature Thermoplastic 2 Right Angle 0.157 In 4.00 mm No None 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 98 2.50 No No No No Yes -55C to +105C Search Parts in this Series 87911Series Mates With 7859 Shunts, C-Grid(R) PCB Receptacles like 71850, SLTM IDT Housing like 70450 Termination Interface: Style Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 3A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Wave Capable (TH only) 3 260 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-89990-520 PS-87920-019 SD-87911-046 This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0879111014 |