Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download 0876675002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0876675002 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlusTM S-Pb Header, Through Hole, Right Angle, with Beveled Metal Pins, Short Blade, 30 Circuits, Signal 24, Power Beta 6, No Recessed Signal Pin, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-87631-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Overview Product Literature Order No Product Name PCB Headers 87667 Board-to-Board
  • Short Blade|
  • No Recessed Signal Pin extreme_powerplus_ssi 987650-3002 EXTreme PowerPlusTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
    Physical
    Breakaway Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable No 30 Signal 24|Power Beta 6 Black 100 No No Yes Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 4 Right Angle 0.135 In 3.43 mm No Yes 0.062 In 1.57 mm Tray 0.100 In, 0.250 In 2.54 mm, 6.35 mm 0.100 In, 0.125 In, 0.150 In, 0.250 In 2.54 mm, 3.18 mm, 3.81 mm, 6.35 mm 30 0.76 100 2.54 Yes Yes Fully No
    Search Parts in this Series 87667Series Mates With 87668 EXTreme PowerPlusTM S-Pb Receptacles with Beveled Metal Pins. 87710 EXTreme PowerPlusTM S-Pb Receptacles with Press-fit PC Tail
    Temperature Range - Operating Termination Interface: Style
    -20C to +105C Through Hole
    Electrical
    Current - Maximum per Contact Voltage - Maximum 2.5A, 30A 250V DC
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
    Material Info Reference - Drawing Numbers
    Application Specification Product Specification Sales Drawing AS-87631-018 PS-87631-006 SD-87667-013
    This document was generated on 05/25/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 0876675002

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X