|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0741621240 Active cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Receptacle, Right Angle, Through Hole, Dual Row, Shrouded, Version B, High-Temperature, 40 Circuits, 0.4m (15") Gold (Au) Documents: 3D Model Drawing (PDF) Product Specification PS-74162-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification UL General Product Family Series Application Overview Product Name PCB Receptacles 74162 Board-to-Board cgrid__sl_products C-Grid(R) Physical Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 40 40 Black 50 94V-0 No No None Yes Phosphor Bronze Gold Tin High Performance Thermoplastic 2 Right Angle No None Tube 0.100 In 2.54 mm 0.100 In 2.54 mm 0.4 15 No No None No No -40C to +105C Through Hole Search Parts in this Series 74162Series Electrical Current - Maximum per Contact Grounding to PCB 2.5A No Voltage - Maximum 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 260 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-70873-0019 PS-74162-001 SD-74162-001 This document was generated on 05/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0741621240 |