![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: 3D Model Drawing (PDF) 0511120310 Active 2.50mm (.098") Pitch Wire-to-Wire Plug Housing, With Optional Panel Mount, 3 Circuits Product Specification PS-51111-001 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Series General Product Family Series Product Name Crimp Housings 51112 N/A Physical Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 3 Natural 94V-0 Male No Polyester 1 Bag No 0.098 In 2.50 mm No -40C to +105C Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-51111-001, RPS-51111-004 SD-51112-**10 Search Parts in this Series 51112Series Mates With 51111 , 51111wr Use With 50398 This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0511120310
![]() |