Part Number Hot Search : 
HD74AC SLT50L5 2N3053 098BC1 LL4448 TBC152M FDB52N20 EMK13H
Product Description
Full Text Search
 

To Download 0500128000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0500128000 Active
2.00mm (.079") Pitch Crimp Terminal, Reel, for 51006 Housing
Product Specification PS-51005-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 50012 Yes N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 36 0.90 36 0.90 Crimp or Compression 0.90-1.15mm (.035-.045") 24, 26, 28 N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 125V Search Parts in this Series 50012Series Mates With 50013 PS-51005-001 SD-50012-001 Use With 51006 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool, UL 0638117800 Approved T2 Terminator Die 0638515000 FineAdjustTM 0638615000 Applicator Japan Description Product #
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing
Applicator for M211A 0570453000 Bench Press, 24-28 AWG, for 50012 Crimp Terminal
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0500128000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X