Part Number Hot Search : 
2SK240 HC4017 M54HC112 TSOP2 AD9983A 72905 01J7A 100AX
Product Description
Full Text Search
 

To Download 0473920001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0473920001 Active
1.27mm (.050") Pitch External Improved Metal-Shielded Serial ATA Plug, Through Hole, Right Angle, Gold Flash, Unmating Height 7.70mm (.303"), Black, Staggered Plastic Pegs, without Mylar, 7 Circuits, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47082-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 47392 Wire-to-Board DIP Mount with Shell Plug External Serial ATA N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 7 7 Black Plug Yes Yes Copper Alloy Gold Tin 1 Right Angle Yes Yes 0.051 In 1.30 mm Tray Front 0.050 In 1.27 mm 0.050 In 1.27 mm 2 0.05 76 1.9 Yes Yes 1 Yes -35C to +85C Through Hole No
Search Parts in this Series 47392Series Mates With 68782 External Serial ATA Cable Assemblies . 47078-0001 , 47078-1001, 47078-2001, 47078-0003, 47078-0004 Cable Connector for External Serial ATA
Electrical
Current - Maximum per Contact 1.5A
Grounding to Panel Shield Type Shielded Voltage - Maximum
All Panel Ground Tabs Upper Shielding Yes 15V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-47082-001 SD-47392-100
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0473920001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X