Part Number Hot Search : 
ML60124R NTE5541 X1637 TK15125 IRF3708 200CA CMBA847 035PT
Product Description
Full Text Search
 

To Download 0340813005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0340813005 Active
mx150_sealed_connector_system MX150TM Female Cable Seal Terminal, Gold (Au) Plating, 22 AWG, Left Reel Payoff, Contact Material Thickness 0.30mm (.012")
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Crimp Terminals 34081 Left Reel Payoff, Cable Seal Yes mx150_sealed_connector_system MX150TM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female High Performance Alloy (HPA) Gold Tin Reel 30.4 0.76 100 2.5 Crimp or Compression 2.60mm (.102") max. 22 0.5
Electrical
Current - Maximum per Contact Voltage - Maximum 22A 250V
Search Parts in this Series 34081Series Use With 33471 Single Row Sealed Connector, 33472 Dual Row Sealed Connector, 33476 Dual Row Hybrid Sealed Connector, 34062 Single Row 2-Way Cable Sealed Connector, 34250 Single Row 3-Way Cable Sealed Connector Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Manual Extraction 0638131500 Tool Hand Crimp Tool For 0638199300 MX150 Cable Seal Crimp Terminals
Material Info Reference - Drawing Numbers
Sales Drawing SD-34083-002
Fine Adjust 0639018200 Applicator for MX150TM Cable Seal Crimp Terminals
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0340813005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X