|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: Documents: Drawing (PDF) 0192110004 Active wire_pins KrimptiteTM Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier image - Reference only RoHS Certificate of Compliance (PDF) EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Series Agency Certification CSA UL LR18689 E32244 General Product Family Series Comments Crimp Quality Equipment Overview Product Name Crimp Terminals 19211 Pin Length 9.91mm (.390") Yes wire_pins Wire Pin Physical Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Copper Tin Tin Adhesive Tape on Reel 30 0.75 30 0.75 Crimp or Compression 1.52mm (.060") max. 18, 19, 20, 22 22 TO 18 Search Parts in this Series 19211Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638853800 Applicator ATP Tooling Kit 0190270034 for ATP-100 and ATP-300 Series Air Crimping Press for Mylar Tape Mounted Terminals Material Info Old Part Number WP-1218T Reference - Drawing Numbers Sales Drawing SD-19211-002 This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0192110004 |