Part Number Hot Search : 
UFT40150 VC125 N2120 SL14M ANALO VC125 2412WI 1N5818
Product Description
Full Text Search
 

To Download ZMM10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMM1 THRU ZMM75
ZENER DIODES
Mini-MELF
FEATURES
Silicon Planar Zener Diodes In Mini-MELF case especially for automatic insertion.
.142 (3.6) .134 (3.4)
.019 (0.48) .011 (0.28)
.063 (1.6) .055 (1.4)
Cathode Mark
The Zener voltages are graded according to the international E 24 standard. Smaller voltage tolerances and other Zener voltages are available upon request. These diodes are also available in DO-35 case with the type designation ZPD1 ... ZPD51.
Dimensions are in inches and (millimeters)
MECHANICAL DATA
Case: Mini-MELF Glass Case (SOD-80) Weight: approx. 0.05 g
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at Tamb = 25C Junction Temperature Storage Temperature Range Ptot Tj TS 500(1) 175 - 55 to +175 mW C C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air
RthJA
-
-
0.3(1)
C/W
NOTES: (1) Valid provided that electrodes are kept at ambient temperature.
Web Site: WWW.PS-PFS.COM
ZMM1 THRU ZMM75
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Dynamic Resistance Type Zener Voltage at IZ = 5 mA VZ V ZMM1 ZMM2.7 ZMM3 ZMM3.3 ZMM3.6 ZMM3.9 ZMM4.3 ZMM4.7 ZMM5.1 ZMM5.6 ZMM6.2 ZMM6.8 ZMM7.5 ZMM8.2 ZMM9.1 ZMM10 ZMM11 ZMM12 ZMM13 ZMM15 ZMM16 ZMM18 ZMM20 ZMM22 ZMM24 ZMM27 ZMM30 ZMM33 ZMM36 ZMM39 ZMM43 ZMM47 ZMM51 ZMM56 ZMM62 ZMM68 ZMM75
NOTES: (1) Tested with pulses tp = 5 ms (2) Valid provided that electrodes are kept at ambient temperature
(3) (1)
at IZ = 5 mA f = 1 kHz rzj 6.5 (< 8) 75 (< 83) 80 (< 95) 80 (< 95) 80 (< 95) 80 (< 95) 80 (< 95) 70 (< 78) 30 (< 60) 10 (< 40) 4.8 (< 10) 4.5 (< 8) 4 (< 7) 4.5 (< 7) 4.8 (< 10) 5.2 (< 15) 6 (< 20) 7 (< 20) 9 (< 25) 11 (< 30) 13 (< 40) 18 (< 50) 20 (< 50) 25 (< 55) 28 (< 80) 30 (< 80) 35 (< 80) 40 (< 80) 40 (< 90) 50 (< 90) 60 (< 100) 70 (< 100) 70 (< 100) <135(4) <150(4) <200(4) <250(4)
at IZ = 1 mA f = 1 kHz rzj < 50 < 500 < 500 < 500 < 500 < 500 < 500 < 500 < 480 < 400 < 200 < 150 < 50 < 50 < 50 < 70 < 70 < 90 < 110 < 110 < 170 < 170 < 220 < 220 < 220 < 250 < 250 < 250 < 250 < 300 < 700 < 750 < 750 <1000(5) <1000(5) <1000(5) <1500(5)
Temp. Coeff. of Zener Voltage at IZ = 5 mA VZ 10-4/K - 26 ... - 23 - 9 ... - 4 - 9 ... - 3 - 8 ... - 3 - 8 ... - 3 - 7 ... - 3 - 6 ... - 1 - 5 ... +2 - 3 ... +4 - 2 ... +6 - 1 ... +7 +2 ... +7 +3 ... +7 +4 ... +7 +5 ... +8 +5 ... +8 +5 ... +9 +6 ... +9 +7 ... +9 +7 ... +9 +8 ... +9.5 +8 ... +9.5 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +8 ... +10 +10 ... +12 +10 ... +12 +10 ... +12 +10 ... +12 typ. +10(4) typ. +10(4) typ. +10(4) typ. +10(4)
Admissable Zener current(2) Reverse Voltage at IR = 100 nA VR V - - - - - - - - > 0.8 >1 >2 >3 >5 >6 >7 > 7.5 > 8.5 >9 > 10 > 11 > 12 > 14 > 15 > 17 > 18 > 20 > 22.5 > 25 > 27 > 29 > 32 > 35 > 38 - - - - at Tamb = 45C IZ = mA 280 135 117 109 101 92 85 76 67 59 54 49 44 40 36 33 30 28 25 23 20 18 17 16 13 12 10 9 9 8 7 6 6 - - - - at Tamb = 25C IZ = mA 340 160 140 130 120 110 100 90 80 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14 13 12 11 10 9.2 8.5 7.8 - - - -
0.7 ... 0.8 2.5 ... 2.9 2.8 ... 3.2 3.1 ... 3.5 3.4 ... 3.8 3.7 ... 4.1 4.0 ... 4.6 4.4 ... 5.0 4.8 ... 5.4 5.2 ... 6.0 5.8 ... 6.6 6.4 ... 7.2 7.0 ... 7.9 7.7 ... 8.7 8.5 ... 9.6 9.4 ... 10.6 10.4 ... 11.6 11.4 ... 12.7 12.4 ... 14.1 13.8 ... 15.6 15.3 ... 17.1 16.8 ... 19.1 18.8 ... 21.2 20.8 ... 23.3 22.8 ... 25.6 25.1 ... 28.9 28 ... 32 31 ... 35 34 ... 38 37 ... 41 40 ... 46 44 ... 50 48 ... 54 52.0 ... 60.0(4) 58.0 ... 66.0(4) 64.0 ... 72.0(4) 70.0 ... 79.0(4)
(3) The ZMM1 is a silicon diode operated in forward direction. Hence, the index of all parameters should be "F" instead of "Z" Connect the cathode electrode to the negative pole (4) at IZ = 2.5 mA (5) at IZ = 0.5 mA
Web Site: WWW.PS-PFS.COM


▲Up To Search▲   

 
Price & Availability of ZMM10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X