Part Number Hot Search : 
FCBGA Z150SG MXD1818 CM6571 DTA123JE CX4VSM4 ISL94212 D720112
Product Description
Full Text Search
 

To Download Y3392-44736MHZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9X14 mm SMD,3.3V,HCMOS
Frequency Range: Frequency Stability: Temperature Range: Operating: (Option M) (Option E) Storage: Input Voltage: Input Current: Output: Symmetry: Rise/Fall Time: Logic: Load: Jitter RMS: 12KHz~20MHz Aging:
Y33xx Model
ree dF ea oHS nt L R plia m Co
Clock Oscillator
1.544MHz to 66.667MHz 25ppm,50ppm,100ppm 0C to 70C -20C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 20mA Max @ 66MHZ HCMOS 45/55% Max @ 50% Vdd 8ns Max @ 20% to 80% Vdd "0" = 10% Vdd Max "1" = 90% Vdd Min 30pF Max 0.5ps Typ, 1ps Max <3ppm 1st/yr, 1ppm every year thereafter
Designed to meet today's requirements for low jitter 3.3V applications. The Y33xx Series is a Non-PLL based oscillator design for excellent jitter performance. Available on tape and reel in quantities of 1K.
Dimensions inches (mm) All dimensions are Max unless otherwise specified.
.200 (5.08)
4
.340 (8.64)
3
.386 (9.80)
.551 (14.00) .160 (4.06) .020 (.51) .200 (5.08) .010 MIN (.25) .300 (7.62) .118 (3.00) .300 (7.62)
CRYSTEK P/N DC 1 2
SUGGESTED PAD LAYOUT Bypass Capacitor Recommended
.070 (1.78)
RECOMMENDED REFLOW SOLDERING PROFILE TEMPERATURE
260C 217C 200C 150C
Ramp-Up 3C/Sec Max. Critical Temperature Zone Ramp-Down 6C/Sec.
Crystek Part Number Guide
Tri-State Function Function pin 1 Open "1" level 2.4V Min "0" level 0.4V Max Output pin Active Active High Z Example: Y3392-44.736MHZ Intermediate Temp: YM3392-44.736MHZ Extended Temp: YE3392-44.736MHZ Y= 0C to 70C *YM= -20C to 70C, *YE= -40C to 85C Symmetry 40/60% Part Number Y*3390 Y*3392 Y*3391 Freq. Stability +/-100ppm +/- 50ppm +/- 25ppm
(+/- 100ppm only) -40C to 85C
Preheat 180 Secs. Max. 8 Minutes Max.
90 Secs. Max.
260C for 10 Secs. Max. NOTE: Reflow Profile with 240C peak also acceptable. mA M OUT pin 4
Vdd OUT
pin 3 OSC.
GND
PWR Supply
O/P Load incl Probe Cl
VM
Bypass Cap. pin 1
pin 2
High Impedance GND or "LOW"
Oscillation OPEN or "HIGH"
Specifications subject to change without notice.
TD-050301 Rev.C


▲Up To Search▲   

 
Price & Availability of Y3392-44736MHZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X