Part Number Hot Search : 
VN808SR EVM31G 13017 SMC13 2SC53 1D16UM P1011 AN7362
Product Description
Full Text Search
 

To Download SU4011150YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : 20080804-B PROD. NAME PAGE: 1 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
CONFIGURATION & DIMENSIONS
A : 4.300.20
B
m/m m/m m/m m/m m/m m/m m/m m/m m/m m/m
B : 4.500.20 C : 1.100.15 D : 1.50 typ E : 0.50 typ F : 3.30 typ G : 1.70 ref H : 5.30 ref I : 1.00 ref J : 3.30 ref
100
SCHEMATIC DIAGRAM
( PCB Pattern suggestion )
I
a
c
b d
MATERIALS
aCoreFerrite DR core bCoreFerrite RI core cWire Enamelled copper wire (class F & H) dAdhesive Epoxy resin eTerminalAg/Ni/Sn fRemarkProducts comply with RoHS' requirements
250 Temperature ( )
e
Peak Temp260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200 / 60 ~ 120sec Reflow Area Forced Cooling Area
+2.0 ~ 4.0 -(1.0 ~ 5.0) / sec max. / sec max.
Peak Temperature: 260 50sec max. 230
GENERAL SPECIFICATION
aTemp. rise 30 typ. bRated current Base on temp. rise & L / L0A=35% typ. cStorage temp.-40 ----+125 dOperating temp.-40----+105 eResistance to solder heat260.10 secs.
AR-001A
200 150
70sec max.
100 50
0
50
100
150 Time ( seconds )
200
250
SPECIFICATION FOR APPROVAL
20080804-B REF : 20070329-A
PROD. NAME PAGE: 2 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
ELECTRICAL CHARACTERISTICS
Inductance ( H ) 3.0 30 4.7 30 6.8 30 10.0 30 15.0 30 22.0 30 Q ref. 8.0 8.0 8.0 16.0 12.0 12.0 Test Freq. ( Hz ) L Q 100K 7.96M 100K 7.96M 100K 7.96M 100K 2.52M 100K 100K 2.52M 2.52M SRF RDC Irms Isat ( MHz ) ( mA ) ( mA ) ( m ) typ. max. typ. typ. typ. 70 100 150 230 350 420 92 130 230 300 460 680 95 70 54 40 34 22 1700 1250 1050 820 650 580 1150 940 760 610 480 420
DWG No. SU40113R0YL- SU40114R7YL- SU40116R8YL- SU4011100YL- SU4011150YL- SU4011220YL- 1)
2)"":Reference code 3)Inductance Test Freq.100KHz / 0.1V 4)Isat base on L / L0A=35% typ. 5)Irms base on Temp. rise 30 typ.
Packaging Information... A Bulk
B Taping Reel
@ Inductance VS. DC Current Curve
10 2 7 5 3 2 10 1 7 5 3 2 10 0 7 5 3 2 10 -1 10 -2 220 100 6R8 3R0
InductanceuH
2
3
5 7 10 -1
2
3
5 7 10 0
2
3
5 7 10 1
DC Current (A)
AR-001A
SPECIFICATION FOR APPROVAL
20080804-B REF : 20070329-A
PROD. NAME PAGE: 3 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
PACKAGING INFORMATION
( 1 ) Configuration T
Cover tape
2.00.5 A N C C B
G
D
Embossed carrier
Carrier tape width : D P:8 m/m End 4 m/m Stary
100
100
100
100
Leadr no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 07 - 12 A 178 B 210.8 C 13 D 12 G 14 +0 N 50 -0
Unit:m/m T 16.5
( 3 ) Q'TY & G.W. Per package Inner : Reel Series
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs) G.W. (Kg) Size (cm)
Outer : Carton
SU4011
1,500
180
07 - 12
60,000
8.00
42 x 41 x 24
AR-001A
SPECIFICATION FOR APPROVAL
20080804-B REF : 20070329-A
PROD. NAME PAGE: 4 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
DWGING NUMBER EXPRESSION
S
U
4
0
1
1 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1Product Classification LLead Free Standard products comply with RoHS' requirements 1 ~ 9Lead Free Special products comply with RoHS' requirements
Appendix code 2Package Information Code A B T.B.D. T / R ( Reel package ) Inner package Inner package Q'TY T.B.D. 1,500 pcs Remark
AR-001A
SPECIFICATION FOR APPROVAL
20080804-B REF : 20070329-A
PROD. NAME PAGE: 5 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
RELIABILITY TEST
Test item Specification Test condition
Solderability
More than 95% of the terminal electrode Shall be covered With fresh solder.
Preheat : 155 / 4 hours. Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 50.5 seconds
Thermal shock test ( Temp. cycle )
Electrical oharacteristics shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-40 30 minutes +105 30 minutes
Humidity test
Temperature : 402 Humidity : 905% Time : 1000 hours
High temp. Resistance test
Temperature : 1055 Applied current : Per spec. Time : 96 hours
AR-001A
SPECIFICATION FOR APPROVAL
20080804-B REF : 20070329-A
PROD. NAME PAGE: 6 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
UL CARD
OBMW2 Magnet Wire-Comporent
August 27, 1999 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 160 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180
Mark Dsg
E180 A200 PN155 P155 Pg155 Pp155,Gp155 P160 P180 P170 or G170 PN180
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-79 MW-79 MW-79 MW-79 MW-79 MW-79 ____
Temp Class
180 200 155, 100 155, 130 130 155 155 155 156 180
MarkingDompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A
SPECIFICATION FOR APPROVAL
REF :20080804-B PROD. NAME PAGE: 7 ABC'S DWG NO. ABC'S ITEM NO. SU4011L-
SHIELDED SMD POWER INDUCTOR
OBMW2 Magnet Wire-Comporent
August 27, 1999 E143312
ELEKTRISOLA (MALAYSLA) SDN BHD IALAN DAMN SATU IANDA BAIK 28750 BENTONG, PAHANG DARUL MAKMUR MALAYSIA
Coating Type Mtl Dsg
Estersol 160 Amldester 200 Polysol-N 155 Polysol 155 Polysol 155g Polysol 155p Polysol 160 Polysol 180 Polysol 170 Polysol-N 180
Mark Dsg
E180 A200 PN155 P155 Pg155 Pp155,Gp155 P160 P180 P170 or G170 PN180
BC
Polyesterimide (solderable) Polyesterimide Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane Polyurechane
OC
____ ____ Nylon ____ ____ ____ ____ ____ ____ Nylon
ANSI Typ
MW-77 MW-74 MW-80, MW-28 MW-79, MW-79 MW-79 MW-79 MW-79 MW-79 MW-79 ____
Temp Class
180 200 155, 100 155, 130 130 155 155 155 156 180
MarkingDompany name/nateriel designation or marked designation and factory identification on package ok reel
See General Information preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
AR-001A


▲Up To Search▲   

 
Price & Availability of SU4011150YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X