Part Number Hot Search : 
IRF9510 AAT2820 6045WT CY2V995 LR645 T74LS T74LS 6045WT
Product Description
Full Text Search
 

To Download SA04-12SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
Part Number: SA04-12SRWA Super Bright Red
Features
0.4 INCH DIGIT HEIGHT. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAB8543 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1301000073
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. SA04-12SRWA Super Bright Red (GaAlAs) WHITE DIFFUSED 4700 Typ. 18000 Common Anode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Super Bright Red Typ. 660 640 20 45 1.85 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 75 30 155 5 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAB8543 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1301000073
Super Bright Red
SA04-12SRWA
SPEC NO: DSAB8543 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1301000073
PACKING & LABEL SPECIFICATIONS
SA04-12SRWA
SPEC NO: DSAB8543 APPROVED: WYNEC
REV NO: V.8 CHECKED: Joe Lee
DATE: MAY/15/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1301000073


▲Up To Search▲   

 
Price & Availability of SA04-12SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X