Part Number Hot Search : 
AN1020 SG20JC6M 023GP 10X12 CM502 MS3106 DD502 AD548S
Product Description
Full Text Search
 

To Download PDL02-05S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
FEATURES * 2 WATTS MAXIMUM OUTPUT POWER * OUTPUT CURRENT UP TO 500mA * SIP PACKAGE, 0.86 x 0.36x 0.44 INCH * HIGH EFFICIENCY UP TO 81% * 2:1 WIDE INPUT VOLTAGE RANGE * SWITCHING FREQUENCY (100KHz, MIN) * SINGLE AND DUAL OUTPUT * NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED * LOW RIPPLE & NOISE * UL94-V0 CASE POTTING MATERIALS * INPUT TO OUTPUT ISOLATION UP TO 1KVDC * CONTINUOUS SHORT CIRCUIT PROTECTION * EXTERNAL ON/OFF CONTROL * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC * UL60950-1, EN60950-1 AND IEC60950-1 LICENSED * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC DESCRIPTION The PDL02 series offer 2 watts of output power from a 21.8 x 9.1 x 11.2 mm package without derating to 85C and without external input/output capacitors. The PDL02 series have 2:1 wide input voltage of 4.5-9, 9-18, 18-36 and 36-75VDC and features 1000VDC of isolation, short-circuit protection.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 6) Line regulation Load regulation Cross regulation (Dual) Ripple and noise LL to HL at Full Load Single Min.load to Full load Dual Asymmetrical load 25%/100% FL 20MHz bandwidth 3.3Vout Others Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
INPUT SPECIFICATIONS
2 Watts max 1% See Table 0.5% 0.85% 0.75% 1% 5% See table 0.02% / C, max. 500S, typ. 4.5 - 9VDC 9 - 18VDC 18 - 36VDC 36 - 75VDC Input filter Capacitor type 5V input 15VDC Input surge voltage 12V input 36VDC 100mS max 24V input 50VDC 48V input 100VDC Input reflected ripple current 5V input (10F/MLCC) 400mAp-p, max. There is an external 12V input (10F/MLCC) 150mAp-p, max. capacitor at input (Note 7) 24V input (2.2F/MLCC) 380mAp-p, max. 48V input (2.2F/MLCC) 170mAp-p, max. Nominal Vin and Power up 1mS, typ. Start up time constant resistive load Remote ON/OFF 1mS, typ. Open or high impedance Remote ON/OFF DC-DC ON Control pin applied current DC-DC OFF 4 ~ 8mA max(via 1K) Remote off state input current Nominal Vin 2.5 mA, max. Input voltage range DC-DC OFF +Input Ctrl 6mA current Source -Input -40C to +85C(with derating) -55C to +105C MIL-STD-810F MIL-STD-810F 5% to 95% RH Class A 8KV 6KV 10 V/m 2KV 1KV 10 Vr.m.s Perf. Criteria A Perf. Criteria A Perf. Criteria B Perf. Criteria A Perf. Criteria A 1K Ctrl 5V nominal input 12V nominal input 24V nominal input 48V nominal input
Temperature coefficient Transient response recovery time 25% load step change Short circuit protection
Continuous, automatics recovery See table
GENERAL SPECIFICATIONS
Efficiency Isolation voltage 1000VDC, min.
Application circuit DC-DC ON 9 +Input Isolation resistance 10 ohms, min. 1K 6mA current Isolation capacitance 200pF, max. Source Switching frequency Full load to minimum load 100KHz, min. -Input Approvals and standard IEC60950-1, UL60950-1, EN60950-1 Case material Base material Potting material Dimensions Weight MTBF (Note 1) Non-conductive black plastic
ENVIRONMENTAL SPECIFICATIONS
BELLCORE TR-NWT-000332 MIL-HDBK-217F
Operating ambient temperature None Storage temperature range Silicon (UL94-V0) Thermal shock 0.86 X 0.36 X 0.44 Inch Vibration (21.8 X 9.1 X 11.2 mm) Relative humidity 4.8g (0.17oz) EMC CHARACTERISTICS 5.107 x 10 hrs EMI (Note 8) 6 2.886 x 10 hrs ESD
6
EN55022 Air EN61000-4-2 Contact EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Page 1 of 3
Radiated immunity Fast transient (Note 9) Surge (Note 9) Conducted immunity
Issued Date2008/08/19
Model Number
PDL02-05S33 PDL02-05S05 PDL02-05S09 PDL02-05S12 PDL02-05S15 PDL02-05D05 PDL02-05D12 PDL02-05D15 PDL02-12S33 PDL02-12S05 PDL02-12S09 PDL02-12S12 PDL02-12S15 PDL02-12D05 PDL02-12D12 PDL02-12D15 PDL02-24S33 PDL02-24S05 PDL02-24S09 PDL02-24S12 PDL02-24S15 PDL02-24D05 PDL02-24D12 PDL02-24D15 PDL02-48S33 PDL02-48S05 PDL02-48S09 PDL02-48S12 PDL02-48S15 PDL02-48D05 PDL02-48D12 PDL02-48D15
Input Range
4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 4.5 - 9 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Output Current Output (4) Input Current Eff (4) Capacitor(5) (3) (2) (%) Load max Voltage Min Load Full Load Ripple & Noise No load Full load
3.3 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 50mA 40mA 22mA 17mA 13mA 20mA 8mA 7mA 50mA 40mA 22mA 17mA 13mA 20mA 8mA 7mA 50mA 40mA 22mA 17mA 13mA 20mA 8mA 7mA 50mA 40mA 22mA 17mA 13mA 20mA 8mA 7mA 500mA 400mA 222mA 167mA 134mA 200mA 83mA 67mA 500mA 400mA 222mA 167mA 134mA 200mA 83mA 67mA 500mA 400mA 222mA 167mA 134mA 200mA 83mA 67mA 500mA 400mA 222mA 167mA 134mA 200mA 83mA 67mA 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 50mVp-p 60mA 55mA 55mA 75mA 40mA 75mA 75mA 90mA 20mA 25mA 25mA 30mA 30mA 50mA 40mA 40mA 10mA 10mA 15mA 15mA 15mA 15mA 20mA 20mA 10mA 10mA 10mA 10mA 10mA 10mA 10mA 12mA 540mA 615mA 596mA 588mA 582mA 645mA 595mA 598mA 202mA 234mA 222mA 219mA 220mA 242mA 224mA 226mA 102mA 115mA 109mA 109mA 108mA 117mA 112mA 110mA 52mA 60mA 56mA 55mA 55mA 62mA 57mA 57mA 65 69 71 72 73 77 78 78 72 75 79 80 80 73 78 78 71 76 80 80 81 75 78 80 70 74 78 80 79 75 77 77 2200F 1000F 470F 170F 110F 470F 100F 47F 2200F 1000F 470F 170F 110F 470F 100F 47F 2200F 1000F 470F 170F 110F 470F 100F 47F 2200F 1000F 470F 170F 110F 470F 100F 47F
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress. Temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). 2.Maximum value at nominal input voltage and full load. 3.Typical value at nominal input voltage and no load. 4.Typical value at nominal input voltage and full load. 5.Test by minimum Vin and constant resistive load. 6.The output requires a minimum loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification. 7.It will not damage the device without inserting external input capacitors. There is a smaller reflected ripple current when put a capacitor at input. 8.The PDL02 series meet EN55022 Class A with external L-C filter before the input pins to the converter. (Connect networks following Class B figure.) Recommend: 05 Vin : C1=10F/25V 1812 MLCC. L1=2.2H 0504 SMD Inductor P/N:PMT-059 12 Vin : C1=10F/25V 1812 MLCC. L1=2.2H 0504 SMD Inductor P/N:PMT-059 24 Vin : C1=6.8F/50V 1812 MLCC. L1=3.3H 0504 SMD Inductor P/N:PMT-044. 48 Vin : C1=2.2F/100V 1812 MLCC. L1=10H 0504 SMD Inductor P/N:PMT-047. 9. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220F/100V, ESR 48m.
PDL02-48S33 Derating Curve
OUTPUT POWER (%)
100 75 50 25 0 -40 -25 -10 0 50 60 70 85 90 100
Nature convection
EFFICIENCY (%)
PDL02-48S33 72 71 70 69 68 67 66 65 60 55 50
Efficiency VS Input voltage
AMBIENT TEMPERATURE (C)
EFFICIENCY(%)
PDL02-48S33 Efficiency VS Output Load
75 70 65 60 55 50 45 40 35 10 20 30 40 50 60 70 80 90 100
36
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V)
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2008/08/19
0.86(21.8)
0.44 (11.2)
FRONT VIEW
0.002(0.50)
0.16(4.1)
Recommended Filter for EN55022 Class B Compliance
1 2 3 5 6 7 8
0.100(2.54)
The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
C1 22F/25V PDL02-05XXX 1812 MLCC L1 3.3H 2.0A 0.06 0504 SMDInductor,P/N:PMT-044 3.3H 2.0A 0.06 0504 SMDInductor,P/N:PMT-044 12H 1.4A 0.12 0504 SMDInductor,P/N:PMT-062 27H 0.9A 0.2 0504 SMDInductor,P/N:PMT-063
0.700(17.78) Rectangular pin
0.13(3.3)
0.36(9.1)
BOTTOM VIEW
.0.01(0.3)
0.08(2.0)
0.02(0.5)
22F/25V PDL02-12xxx 1812 MLCC
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
4.7F/50V PDL02-24xxx 1812 MLCC 2.2F/100V PDL02-48xxx 1812 MLCC
PIN CONNECTION
PIN 1 2 3 5 6 7 8 SINGLE - INPUT + INPUT CTRL NC + OUTPUT - OUTPUT NC DUAL - INPUT + INPUT CTRL NC + OUTPUT COM - OUTPUT
Recommended EN55022 Class B Filter Circuit Layout
Page 3 of 3
Issued Date2008/08/19


▲Up To Search▲   

 
Price & Availability of PDL02-05S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X