Part Number Hot Search : 
2SA15 CS5001 RWP22 OP177 2N3968A B2010 MA3U689 GF063PB
Product Description
Full Text Search
 

To Download OLS-180SD-C-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OSA Opto Light GmbH Kopenicker Str. 325 / Haus 201 12555 Berlin - Germany Tel. +49 (0)30 65 76 26 83 Fax: +49 (0)30 65 76 26 81 E-Mail: contact@osa-opto.com
Series 180 - 0805 lower height low cost
Features
size 0805: 1,9(L) x 1,2(W) x 0,9(H) mm circuit substrate: glass laminated epoxy devices are ROHS conform lead free solderable, soldering pads: gold plated taped in 8 mm blister tape, cathode to transporting perforation - all devices sorted into luminous intensity classes
Absolute Maximum Ratings
IF, max[mA] 20 IF,P [mA] tp 100 s =1: 10 100 VR [V] 8 IR, max [A] 100 Thermal resistance R thJA [K / W] 500 TOp [C] -40...85 TSt [C] -55...85
20
15
10
5
Maximal forward current (DC) characteristic
IF [mA]
0 -40
-20
0
20
40
60
80
Top[ C]
Electro-Optical Characteristics
Type OLS-180 R OLS-180 PG OLS-180 G OLS-180 SYG OLS-180 Y OLS-180 D OLS-180 SD Emitting color red pure green green green yellow orange red Marking at cathode cathode cathode cathode cathode cathode cathode Measurement IF [mA] 20 20 20 20 20 20 20 VF[V] typ max 2,25 2,6 2,2 2,6 2,2 2,6 2,25 2,6 2,1 2,6 2,1 2,6 2,1 2,6 d / p* [nm] 700 * 562 572 572 590 605 625 IV[mcd] min typ 1.0 2.5 2.0 4.0 4.0 12 10 20 4.0 12 4.0 12 4.0 12
(c) 2005
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 10/05
90 1,0 120 60
150 0,5
30
view angle
0,0 180 0
10 SYG SD G PG Y D R
IF (mA)
UF - IF characteristic
1
1,6
1,7
1,8
1,9
2,0
2,1
2,2
2,3
2,4
2,5
2,6
2,7
UF (V)
6
5
Iv rel (at 10 mA )
4
3
D Y G PG SD R SYG
IF - Iv, rel characteristic
2
1
0
10
20
30
40
50
IF (mA)
(c) 2005
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 10/05
Outline Drawing
Recommended Soldering Patterns
Soldering Conditions
300
250 10-20 s
T emperature ( C)
230 C 200
150 Max. 40 s 100
IR reflow soldering profile
50
0 50 100 150 200 250 300
T ime (sec)
IR reflow soldering profile for lead free soldering
Manual soldering:
max power of iron 25W/ 3s/ 300 C
(c) 2005
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 10/05
Ordering Code For Parts
Series Color Encapsulation Packaging
OLS-180
-
???????
-
?
-
T T - taped
C - colored (standard) XD - uncolored diffused CD - colored diffused X - uncolored clear Type definition, e.g. OLS-180 R-C -T
LED Luminous Intensity Groups And Subgroups [ mcd ]
(general information - not this device specific)
C: D: E: F: G: H: J: K: L: M: N: P: Q: R: S: T: U: V: W: X: Y: Z: 0.28 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18 28 45 71 112 180 280 450 710 1120 1800 2800 4500 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18.00 28 45 71 112 180 280 450 710 1120 1800 2800 4500 7100 C1: C2: D1: D2: E1: E2: F1: F2: G1: G2: H1: H2: J1: J2: K1: K2: L1: L2: M1: M2: N1: N2: P1: P2: 0.28 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 71.00 Q1: Q2: R1: R2: S1: S2: T1: T2: U1: U2: V1: V2: W1: W2: X1: X2: Y1: Y2: Z1: Z2: 71 90 112 140 180 224 280 355 450 560 710 900 1120 1420 1800 2250 2800 3550 4500 5750 90 112 140 180 224 280 355 450 560 710 900 1120 1420 1800 2250 2800 3550 4500 5750 7100
Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated equipment with an accuracy of 11 %. Special service: Brightness selection in sub selections possible. Color selection in 3 sub selections possible (each subgroup per reel).
(c) 2005
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com
edition 10/05
Tape And Reel Packing
D 180 mm 330 mm
Parts/reel 3000 12000
Packing:
The reel is sealed in special plastic bag with integrate ESD protection ( MIL - STD 81705 ) including a silica dry-pack
Label
Order No. Type Intensity group Charge No. Quantity
XXXXXXXXX OLS-180 ?????-??-T ZZ
Color class: CC
Customer order No.
Color class - optional 11 Week - 22 year - A internal identification
1122-AAAAAA 9999
Attention please: The information describes the type of component and shall not considered as assured characteristics. Terms of delivery and rights to change reserved. Due to technical requirements components may contain dangerous substances. The data sheet may changed without prior information; the valid issue will be on our webpage in internet. Packaging: Please use the recycling operators known to you. Components used in life support devices or systems and safety systems must be expressly authorized for such purpose!
(c) 2005
OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com


▲Up To Search▲   

 
Price & Availability of OLS-180SD-C-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X