|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OSA Opto Light GmbH Kopenicker Str. 325 / Haus 201 12555 Berlin - Germany Tel. +49 (0)30 65 76 26 83 Fax: +49 (0)30 65 76 26 81 E-Mail: contact@osa-opto.com Series 137 - 1206 RGB Type OLS-137 RGB Features - size 1206: 3,2(L) x 1,6(W) x 1,2(H) mm - circuit substrate: glass laminated epoxy - soldering pads: gold plated, all soldering methods applicable - taped in 8 mm blister tape - all devices sorted into luminous intensity classes - taping: face-up (T) or face-down (TD) possible Absolute Maximum Ratings PD, max[mW] 65 IF,P [mA] tp 100 s =1: 10 100 VR [V] 5 IR, max [A] 100 Thermal resistance R thJA [K / W] 500 TOp [C] -40...85 TSt [C] -55...85 80 60 40 20 Maximal forward current (DC) characteristic PD [mW] 0 -40 -20 0 20 40 60 80 Top[ C] Electro-Optical Characteristics Emitting color G - green R - red B - blue Measurement IF [mA] 20 20 20 VF[V] typ max 2,2 2,6 1,9 2,6 3,7 4,5 d / p* [nm] 572 655 * 430 * IV[mcd] min typ 4.0 12 8.0 20 4,0 10 other color combination on request (c) 2004 OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com edition 10/04 90 1,0 120 60 150 0,5 30 view angle 0,0 180 0 10 B G R IF (mA) UF - IF characteristic 1 2,0 2,5 3,0 3,5 4,0 UF (V) 3 R G B) 2 Iv rel (at 10 mA ) IF - Iv, rel characteristic 1 0 5 10 15 20 IF (mA) (c) 2004 OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com edition 10/04 Outline Drawing Recommended Soldering Patterns Soldering Conditions 300 250 10-20 s T emperature (C) 230 C 200 150 Max. 40 s 100 IR reflow soldering profile 50 0 50 100 150 200 250 300 T ime (sec) 300 Max. 10 s 250 235 C-260 C First W ave S econd W ave T emperature (C) 200 150 P rocess Limits 100 4 C/sec. Wave soldering profile 50 0 50 100 150 200 250 T ime (sec) Manual soldering: max power of iron 25W/1s/300 C (c) 2004 OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com edition 10/04 Ordering Code For Parts Series Color Encapsulation Packaging OLS-137 - RGB - XD - ? T - taped up (standard) TD - taped down XD - uncolored diffused (standard) Type definition, e.g. OLS-137 RGB XD-T LED Luminous Intensity Groups And Subgroups [ mcd ] (general information - not this device specific) C: D: E: F: G: H: J: K: L: M: N: P: Q: R: S: T: U: V: W: X: Y: Z: 0.28 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18 28 45 71 112 180 280 450 710 1120 1800 2800 4500 0.45 0.71 1.12 1.80 2.80 4.50 7.10 11.20 18.00 28 45 71 112 180 280 450 710 1120 1800 2800 4500 7100 C1: C2: D1: D2: E1: E2: F1: F2: G1: G2: H1: H2: J1: J2: K1: K2: L1: L2: M1: M2: N1: N2: P1: P2: 0.28 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 0.36 0.45 0.56 0.71 0.90 1.12 1.40 1.80 2.24 2.80 3.55 4.50 5.60 7.10 9.00 11.20 14.00 18.00 22.40 28.00 35.50 45.00 56.00 71.00 Q1: Q2: R1: R2: S1: S2: T1: T2: U1: U2: V1: V2: W1: W2: X1: X2: Y1: Y2: Z1: Z2: 71 90 112 140 180 224 280 355 450 560 710 900 1120 1420 1800 2250 2800 3550 4500 5750 90 112 140 180 224 280 355 450 560 710 900 1120 1420 1800 2250 2800 3550 4500 5750 7100 Measured according to CIE 127. All SMD-LEDs are 100% measured and selected on full automated equipment with an accuracy of 11 %. Special service: Brightness selection in sub selections possible. Color selection in 3 sub selections possible (each subgroup per reel). (c) 2004 OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com edition 10/04 Tape And Reel Packing D 180 mm 330 mm Parts/reel 3000 12000 Packing: The reel is sealed in special plastic bag with integrate ESD protection ( MIL - STD 81705 ) including a silica dry-pack Label Order No. Type Intensity group Charge No. Quantity XXXXXXXXX OLS-137 RGB-XD-T ZZ Color class: CC Customer order No. Color class - optional 11 Week - 22 year - A internal identification 1122-AAAAAA 9999 (c) 2004 OSA Opto Light GmbH Tel. +49-(0)30-65 76 26 83 Fax +49-(0)30-65 76 26 81 contact@osa-opto.com |
Price & Availability of OLS-137RGB-XC-T |