Part Number Hot Search : 
66LE606 NJM7805 CONTROL R2060 R2060 41HA60 MLL977B DTC014EM
Product Description
Full Text Search
 

To Download NSPWR70CSS-K1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Nichia STS-DA1-0230C
SPECIFICATIONS FOR NICHIA WHITE
MODEL : NSPWR70CSS-K1
LED
NICHIA CORPORATION
-0-
Nichia STS-DA1-0230C
1.SPECIFICATIONS
(1) Absolute Maximum Ratings Item Forward Current Pulse Forward Current Allowable Reverse Current Power Dissipation Operating Temperature Storage Temperature Dice Temperature Soldering Temperature
IFP Conditions :
Symbol IF IFP IR PD Topr Tstg Tj Tsld
and
Absolute Maximum Rating 60 180 85 210 -30 ~ + 85 -40 ~ +100 100 265C for 5sec.
Duty 1/10
(Ta=25C) Unit mA mA mA mW C C C
Pulse Width 10msec.
(2) Initial Electrical/Optical Characteristics Item Symbol Forward Voltage VF Luminous Flux V x Chromaticity Coordinate y -
Condition IF=50[mA] IF=50[mA] IF=50[mA] IF=50[mA]
Typ. (3.1) (20.0) 0.344 0.355
(Ta=25C) Max. Unit 3.5 V lm -
Luminous flux value is traceable to the CIE 127:2007-compliant national standards. Please refer to CIE 1931 chromaticity diagram.
(3) Ranking Item Luminous Flux Rank P9 Rank P8 Rank P7 Symbol v Condition IF=50[mA] Min. 21.4 18.0 15.1
(Ta=25C) Max. Unit 25.5 lm 21.4 18.0
Luminous Flux Measurement allowance is 10%.
Color Ranks x y x y x y 0.287 0.295 0.296 0.276 0.330 0.318 Rank b3 0.283 0.304 0.305 0.330 Rank b5 0.287 0.307 0.295 0.315 Rank c0 0.330 0.361 0.360 0.385 0.307 0.315 0.311 0.294 0.356 0.351 x y x y 0.307 0.315 0.311 0.294
(IF=50mA,Ta=25C) Rank b4 0.304 0.330 0.330 0.330 0.360 0.339 Rank b6 0.307 0.330 0.315 0.339 0.330 0.318
Color Coordinates Measurement allowance is 0.01. Basically, a shipment shall consist of the LEDs of a combination of the above ranks. The percentage of each rank in the shipment shall be determined by Nichia. -1-
Nichia STS-DA1-0230C Correspondence table of Color Coordinates - Luminous Flux ranks
Ranking by Luminous Flux Ranking by Color Coordinates
P7
P8
P9
b3, b4, b5, b6 c0
Shaded ranks are available.
2.INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to "CHARACTERISTICS" on the following pages.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to "OUTLINE DIMENSIONS" on the following page.
4.PACKAGING
* The LEDs are packed in cardboard boxes after packaging in stick. Please refer to "STICK DIMENSIONS" and "PACKING" on the following pages. The label on the packing unit shows ; Part Number, Lot Number, Ranking, Quantity * In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation. * The LEDs may be damaged if the boxes are dropped or receive a strong impact against them, so precautions must be taken to prevent any damage. * The boxes are not water resistant and therefore must be kept away from water and moisture. * When the LEDs are transported, we recommend that you use the same packing method as Nichia.
5.LOT
NUMBER
The first six digits number shows lot number. The lot number is composed of the following characters; - Year ( 8 for 2008, 9 for 2009 ) - Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov. ) - Nichia's Product Number - Ranking by Color Coordinates, Ranking by Luminous Flux
-2-
Nichia STS-DA1-0230C
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item Resistance to Soldering Heat Solderability Temperature Cycle Moisture Resistance Cyclic Terminal Strength (bending test) Terminal Strength (pull test) High Temperature Storage Temperature Humidity Storage Low Temperature Storage Steady State Operating Life Steady State Operating Life of High Humidity Heat Steady State Operating Life of Low Temperature Electrostatic Discharges JEITA ED-4701 300 304 Standard Test Method JEITA ED-4701 300 302 JEITA ED-4701 300 303 JEITA ED-4701 100 105 JEITA ED-4701 200 203 JEITA ED-4701 400 401 JEITA ED-4701 400 401 JEITA ED-4701 200 201 JEITA ED-4701 100 103 JEITA ED-4701 200 202 Test Conditions Tsld=260 5C, 5sec. 1.6mm from the base of the stopper (Pre treatment 30C,70%,168hrs.) Tsld=235 5C, (using flux) 5sec. Note 1 time Number of Damaged 0/22
1 time over 95% 100 cycles 10 cycles No noticeable damage No noticeable damage 1000hrs.
0/22 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/50 0/22
-40C ~ 25C ~ 100C ~ 25C 30min. 5min. 30min. 5min. 25C ~ 65C ~ -10C 90%RH 24hrs./1cycle Load 5N (0.5kgf) 0 ~ 90 ~ 0 bend 2 times Load 10N (1kgf) 10 1 sec. Ta=100C Ta=60C, Ta=-40C Ta=25C, IF=60mA 60C, RH=90%, IF=30mA Ta=-30C, IF=50mA R=1.5k, C=100pF Test Voltage=2kV RH=90%
1000hrs. 1000hrs. 1000 hrs. 500 hrs. 1000 hrs. 3 times
Negative/Positive
(2) CRITERIA FOR JUDGING DAMAGE Item Symbol Test Conditions Forward Voltage VF IF=50mA U.S.L.*) Luminous Flux v IF=50mA L.S.L.**) 0.7 *) U.S.L. : Upper Standard Level **) L.S.L. : Lower Standard Level Criteria for Judgement Min. Max. 1.1
-3-
Nichia STS-DA1-0230C
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors. Consequently, the color of the LEDs is changed a little by an operating current. Care should be taken after due consideration when using LEDs. (1) Storage * Storage Conditions Before opening the package : The LEDs should be kept at 30C or less and 90%RH or less. The LEDs should be used within a year. When storing the LEDs, moisture proof packaging with absorbent material (silica gel) is recommended. After opening the package : The LEDs should be kept at 30C or less and 70%RH or less. The LEDs should be soldered within 168 hours (7days) after opening the package. If unused LEDs remain, they should be stored in moisture proof packages, such as sealed containers with packages of moisture absorbent material (silica gel). It is also recommended to return the LEDs to the original moisture proof bag and to reseal the moisture proof bag again. * If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : more than 24 hours at 85C * Nichia LED leadframes are silver plated copper alloy. The silver surface may be affected by environments which contain corrosive substances. Please avoid conditions which may cause the LED to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering operations. It is recommended that the LEDs be used as soon as possible. * Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can occur. (2) Recommended circuit * In designing a circuit, the current through each LED must not exceed the absolute maximum rating specified for each LED. It is recommended to use Circuit B which regulates the current flowing through each LED. In the meanwhile, when driving LEDs with a constant voltage in Circuit A, the current through the LEDs may vary due to the variation in forward voltage (VF) of the LEDs. In the worst case, some LED may be subjected to stresses in excess of the absolute maximum rating.
(A)
...
(B)
...
* This product should be operated in forward bias. A driving circuit must be designed so that the product is not subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is continuously applied to the product, such operation can cause migration resulting in LED damage.
-4-
Nichia STS-DA1-0230C (3) Static Electricity * Static electricity or surge voltage damages the LEDs. It is recommended that a wrist band or an anti-electrostatic glove be used when handling the LEDs. * All devices, equipment and machinery must be properly grounded. It is recommended that precautions be taken against surge voltage to the equipment that mounts the LEDs. * When inspecting the final products in which LEDs were assembled, it is recommended to check whether the assembled LEDs are damaged by static electricity or not. It is easy to find static-damaged LEDs by a light-on test or a VF test at a lower current (below 1mA is recommended). * Damaged LEDs will show some unusual characteristics such as the forward voltage becomes lower, or the LEDs do not light at the low current. Criteria : (VF > 2.0V at IF=0.5mA)
-5-
Nichia STS-DA1-0230C (4) Soldering Conditions * Nichia LEDs uses a copper alloy lead frame which provides a high thermal conductivity. Thermal stress such as soldering heat may reduce the reliability of the product; particular caution should be used to avoid damage prior to and during soldering. The recommended soldering conditions are listed in the following table. * Solder the LED no closer than 1.6mm from the base of the stopper. * The mechanical stress by clinching will cause degradation of the reliability on the LEDs. It is important to minimize the mechanical stress on the LEDs. It should be confirmed beforehand that it will not cause any problem when using it. * Recommended soldering conditions
Dip Soldering Pre-Heat Pre-Heat Time Solder Bath Temperature Dipping Time Dipping Position 5 seconds Max. No lower than 1.6 mm from the base of the stopper. 120C Max. 60 seconds Max. 260C Max. Temperature Soldering Time Position Hand Soldering 350C Max. 3 seconds Max. No closer than 1.6 mm from the base of the stopper.
* Although the recommended soldering conditions are specified in the above table, dip or hand soldering at the lowest possible temperature is desirable for the LEDs. * A rapid-rate process is not recommended for cooling the LEDs down from the peak temperature. * Dip soldering should not be done more than one time. * Hand soldering should not be done more than one time. * Do not apply any stress to the lead particularly when heated. * The LEDs must not be repositioned after soldering. * After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or vibration until the LEDs return to room temperature. * Direct soldering onto a PC board should be avoided. Mechanical stress to the resin may be caused from warping of the PC board or from the clinching and cutting of the leadframes. When it is absolutely necessary, the LEDs may be mounted in this fashion but the customer will assume responsibility for any problems. Direct soldering should only be done after testing has confirmed that no damage, such as wire bond failure or resin deterioration, will occur. Nichia's LEDs should not be soldered directly to double sided PC boards because the heat will deteriorate the epoxy resin. * When it is necessary to clamp the LEDs to prevent soldering failure, it is important to minimize the mechanical stress on the LEDs. * Cut the LED leadframes at room temperature. Cutting the leadframes at high temperatures may cause failure of the LEDs. (5) Cleaning * It is recommended that isopropyl alcohol be used as a solvent for cleaning the LEDs. When using other solvents, it should be confirmed beforehand whether the solvents will dissolve the resin or not. Freon solvents should not be used to clean the LEDs because of worldwide regulations. * Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the assembled condition. Before cleaning, a pre-test should be done to confirm whether any damage to the LEDs will occur.
-6-
Nichia STS-DA1-0230C (6) Heat Generation * Thermal design of the end product is of paramount importance. Please consider the heat generation of the LED when making the system design. The coefficient of temperature increase per input electric power is affected by the thermal resistance of the circuit board and density of LED placement on the board, as well as other components. It is necessary to avoid intense heat generation and operate within the maximum ratings given in this specification. * Please determine the operating current with consideration of the ambient temperature local to the LED and refer to the plot of Ambient temperature vs. Allowable Forward Current on CHARACTERISTICS in this specifications. Please also take measures to remove heat from the area near the LED to improve the operational characteristics of the LED. * The equation 1 indicates correlation between Tj and Ta, and the equation 2 indicates correlation between Tj and Ts1. Tj=Ta + Rja W 1 Tj=Ts1 + Rjs1 W 2 Tj = Dice Temperature : C, Ta = Ambient Temperature : C, Ts1 = Solder Temperature (Cathode Side) : C, Rja = Heat resistance from Dice to Ambient temperature : C /W, Rjs1 = Heat resistance from Dice to Ts1 measuring point : C /W, W = Inputting Power (IF VF) : W (7) Safety Guideline for Human Eyes * The International Electrical Commission (IEC) published in 2006 IEC 62471:2006 Photobiological safety of lamps and lamp systems which includes LEDs within its scope. Meanwhile LEDs were removed from the scope of the IEC 60825-1:2007 laser safety standard, the 2001 edition of which included LED sources within its scope. However, keep in mind that some countries and regions have adopted standards based on the IEC laser safety standard IEC 60825-1:2001 which includes LEDs within its scope. Following IEC 62471:2006, most of Nichia LEDs can be classified as belonging to either Exempt Group or Risk Group 1. Optical characteristics of a LED such as output power, spectrum and light distribution are factors that affect the risk group determination of the LED. Especially a high-power LED, that emits light containing blue wavelengths, may be in Risk Group 2. Great care should be taken when viewing directly the LED driven at high current or the LED with optical instruments, which may greatly increase the hazard to your eyes.
-7-
Nichia STS-DA1-0230C (8) Others * NSPWR70CS-K1 complies with RoHS Directive. * Flashing lights have been known to cause discomfort in people; you can prevent this by taking precautions during use. Also, people should be cautious when using equipment that has had LEDs incorporated into it. * The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment, communications equipment, measurement instruments and household appliances). Consult Nichia's sales staff in advance for information on the applications in which exceptional quality and reliability are required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support systems and safety devices). * The customer shall not reverse engineer by disassembling or analysis of the LEDs without having prior written consent from Nichia. When defective LEDs are found, the customer shall inform Nichia directly before disassembling or analysis. * The formal specifications must be exchanged and signed by both parties before large volume purchase begins. * The appearance and specifications of the product may be modified for improvement without notice.
-8-
Nichia STS-DA1-0230C
ICI Chromaticity Diagram
0.9
520 530
0.8
510
540 550 560
0.7
0.6
570 500
0.5 y
580 590
0.4
b4 b3
c0
600 610 620
0.3
490
b6 b5
630
0.2
0.1
480 470
0 0
460
0.1
0.2
0.3
0.4 x
0.5
0.6
0.7
0.8
Color Coordinates Measurement allowance is 0.01.
-9-
VfIf Forward Voltage vs. Forward Current
1000 IFP (mA) Forward Current IFP (mA) 180 100 50 10
Ta=25
- IfIv Forward Current vs. Relative Luminous Flux
(a.u.) Relative Luminous Flux (a.u.) 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 50 100 150
Ta=25
Duty Duty Ratio vs. Ta=25 Allowable Forward Current
IFP (mA) Allowable Forward Current IFP (mA) 1000
180 100 60
1 2.0
10 1 10 () Duty Ratio (%) 100
2.5
3.0
3.5
4.0
4.5
200
250
VF (V) Forward Voltage VF (V)
IFP (mA) Forward Current IFP (mA)
- Ambient Temperature vs. TaVf Forward Voltage
VF (V) Forward Voltage VF (V)
IFP= 50mA
- TaIv Ambient Temperature vs. Relative Luminous Flux
(a.u.) Relative Luminous Flux(a.u.) 10.0
IFP= 50mA
- Ambient Temperaturevs. Allowable Forward
IF (mA) Allowable Forward Current IF (mA) 100 80
(40,60)
Derating
-10-
4.5 4.0 3.5 3.0 2.5 2.0 -60 -30 0 30 60 90 120 Ta () Ambient Temperature Ta ()
60 40 20 0 0 30 60 90 120 Ta () Ambient Temperature Ta ()
(85,15)
1.0
0.1 -60 -30 0 30 60 90 120 Ta () Ambient Temperature Ta ()
Nichia STS-DA1-0230C
Model
NSPWR70CS-K1
() NICHIA CORPORATION
Title
/ CHARACTERISTICS
No.
090331 939311
- Ifxy Forward Current vs. Chromaticity Coordinate
0.37 0.36 y 0.35 0.34 0.33 0.32 0.33 0.34 x
Spectrum Spectrum
Ta=25 (a.u.) Relative Emission Intensity (a.u.) 1.2 1.0 0.8 0.6 0.4 0.2 0.0 350
Ta=25 IF= 50mA
1mA 5mA 50mA 60mA 180mA
0.35
0.36
450
550
650
750
(nm) Wavelength (nm)
- Taxy Ambient Temperature vs. Chromaticity Coordinate
IFP= 50mA
Directivity
-20 -30 -40 Radiation Angle -50 -60 -70 -80 -90 0.5
Directivity -10 0 10 20 30
Ta=25 IFP= 50mA
y
-11-
0.37 0.36 0.35 0.34 0.33 0.32 0.33 0.34 x 0.35 0.36
-30 0 25 50 85
40 50 60 70 80 90 0 0.5 1
1
(a.u.) Relative Illuminance(a.u.)
Nichia STS-DA1-0230C
Model
NSPWR70CS-K1
() NICHIA CORPORATION
Title
/ CHARACTERISTICS
No.
090331 939321
A
7.62 0.5 A Protection device 5
7.5 0.5 4.4 0.5
7.62 0.5
K
K (5) 2.5 Item Resin Leadframe 1.4MAX. 1 0.4 0.1 (NOTE1) (C 1.25) 1 Pin Mark 0.76 0.1 1.55
5.08 Materials ( ) Epoxy Resin (over Diffused + Phosphor) Ag Plating Copper Alloy 5.08 0.3 LED Please note that the bare copper alloy showing at the cut end of the lead frame may be corroded under certain conditions. LEDs have some sharp edges and points, particularly lead frames. Please handle with care so as to avoid injuries. NSPWR70CS-K1 has a protection device built in as a protection circuit against static electricity. 2 (NOTE2)
Detail of stopper
0.4
2.5 0.5
0.4
-120.5
Nichia STS-DA1-0230C
Model
NSPWR70CS-K1
() NICHIA CORPORATION
Title
OUTLINE DIMENSIONS
Unit
mm 0.2
No.
090331939331
Allow
Cross Sectional image of stick
6.4
13
3 9.6
Whole image of stick
485 1 Cap
5.85
t=0.60.1 1mm Warp:1mm Max.
9
-13A
K
60/ 60pcs/stick
Nichia STS-DA1-0230C
Model
NSPWR70CSS-K1
() NICHIA CORPORATION
Title
STICK DIMENSIONS
Unit
mm 0.2
No.
090331939341
Allow
Nichia STS-DA1-0230C
The stick and moisture absorbent material are put in the moisture proof foil bag and then heat sealed. Label
Stick
WHITE LED
TYPE NSPWR70CSS-K1 LOT QTY. xxxxxx- PCS
Moisture absorbent material Moisture proof foil bag
RoHS
NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN
Seal
Label
WHITE LED
TYPE NSPWR70CSS-K1 RANK QTY. PCS RoHS
NICHIA CORPORATION 491 OKA, KAMINAKA, ANAN, TOKUSHIMA, JAPAN
Packing Unit Stick/bag Moisture proof foil bag Cardbord box M 1/2L L 10 stick Max. Dimensions(mm) 590x277x120x4t 613x298x268x7t 613x298x518x7t Quantity/bag(pcs) 600 MAX. Stick/box 100 stick MAX. 200 stick MAX. 400 stick MAX. Quantity/box(pcs) 6,000 MAX. 12,000 MAX. 24,000 MAX.
Model
NSPWR70CSS-K1
() NICHIA CORPORATION
-14-
Title No.
PACKING
090331939351


▲Up To Search▲   

 
Price & Availability of NSPWR70CSS-K1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X