Part Number Hot Search : 
901CXC HT7465 CONDUCTO ZPD24 MMJT9435 RFN55C1 BS616L 3C220
Product Description
Full Text Search
 

To Download MIC811505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIC8115
Micrel
MIC8115
Microprocessor Reset Circuit
General Description
The MIC8115 is an inexpensive microprocessor supervisory circuit that monitors power supplies in microprocessor based systems. The function of this device is to assert a reset if the power supply drops below a designated reset threshold level or /MR is forced low. The MIC8115 has an active low /RESET output. The reset output is guaranteed to remain asserted for a minimum of 1100ms after VCC has risen above the designated reset threshold level. The MIC8115 comes in a 4-pin SOT-143 package.
Features
* * * * * * * * * * * * Precision voltage monitor for 3.3V power supplies Specifically tailored to the AMD Elan SC500 Series /RESET remains valid with VCC as low as 1V 5A typical supply current 1100ms minimum reset pulse width Manual reset input Available in 4-Pin SOT-143 Package Portable equipment Intelligent instruments Critical microprocessor power monitoring Printers/computers Embedded controllers
Applications
Ordering Information
Part Number MIC8115TU MIC8115TUY Marking NT NT
Operating Temp. Range -40C to +85C -40C to +85C
Package 4-lead SOT-143 4-lead SOT-143
Pb-Free No Yes
Typical Application
VCC
VCC
VCC
MIC8115
MR
P
RESET
RESET
MIC8115 Typical Application
Micrel, Inc. * 2180 Fortune Drive * San Jose, CA 95131 * USA * tel + 1 (408) 944-0800 * fax + 1 (408) 474-1000 * http://www.micrel.com
July 2005
1
MIC8115
MIC8115
Micrel
Pin Configuration
GND 1
4 VCC
MIC8115
RESET 2
3 MR
4-Lead SOT-143
Pin Description
Pin Number 1 2 Pin Name GND /RESET Pin Function IC Ground Pin /RESET goes low if either VCC falls below the supply reset threshold voltage or if /MR is asserted. /RESET remains asserted for one reset timeout period 1100ms min. After both VCC exceeds the supply reset threshold voltage and /MR is deasserted. Manual Reset Input. A logic low on /MR forces a reset. The reset will remain asserted as long as /MR is held low and for one reset timeout period (1100ms min.) after /MR goes high. This input can be shorted to ground via a switch or driven from CMOS or TTL logic. Pulled high internally through a 20k resistor. Float if unused. Power supply Input.
3
/MR
4
VCC
MIC8115
2
July 2005
MIC8115
Micrel
Absolute Maximum Ratings(Note 1)
Terminal Voltage (VCC) ...........................................................-0.3V to 6.0V (/MR) ..................................................-0.3V (VCC + 0.3V) Input Current (VCC, /MR) ............................................ 20mA Output Current (/RESET) ........................................... 20mA Rate of Rise (VCC) ..................................................100V/S Lead Temperature (soldering, 10 sec.) ...................... 300C Storage Temperature (TS) ........................ -65C to +150C ESD Rating .................................................................... 3kV
Operating Ratings(Note 2)
Operating Temperature Range MIC8115TU ............................................ -40C to +85C Power Dissipation (TA = +70C) .............................. 320mW
Electrical Characteristics
For typical values, VCC = 3.3V; TA = 25C, bold values indicate -40C TA +85C; unless noted Symbol VCC ICC VTH Parameter Condition Operating Voltage Range Supply Current Reset Voltage Threshold Reset Timeout Period /RESET Output Voltage /RESET Output Voltage /MR Minimum Pulse Width /MR to Reset Delay /MR Input Threshold, VIH /MR Input Threshold, VIL /MR Pull-Up Resistance /MR Glitch Immunity
Note 1. Note 2. Note 3. Exceeding the absolute maximum rating may damage the device. The device is not guaranteed to function outside its operating rating. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Min 1
Typ 5
Max 5.5 15 3.15 2500 0.3 0.3
Units V A V ms V V V s s V
TA = -40C to 85C
3.00 1100 ISOURCE = 500A VCC = VTH min, ISINK = 1.2mA 0.8xVCC
3.08 1700
tRST VOH VOL
VCC = 1V, ISINK = 50A, TA = -40C to +85C
10 0.5 0.7xVCC 10 20 100 0.25xVCC 30
k ns
Timing Diagram
VCC /MR VTH
/RESET
tRST
tRST
July 2005
3
MIC8115
MIC8115
Micrel
Functional Diagram
VCC
MR (3)
RESET GENERATOR
RESET (2)
VCC (4)
+
Reset Threshold (V)
-
GND (1)
MIC8115
4
July 2005
MIC8115
Micrel /RESET Valid at Low Voltage A resistor can be added from the /RESET pin-to-the ground to ensure the /RESET output remains low with VCC down to 0V. A 100k resistor connected from /RESET-to-ground is recommended. The resistor should be large enough not to load the /RESET output and small enough to pull-down any stray leakage currents.
VCC
Applications Information
Microprocessor Reset The /RESET pin is asserted whenever VCC falls below the reset threshold voltage. The reset pin remains asserted for a period of 1100ms after VCC has risen above the reset threshold voltage. The reset function ensures the microprocessor is properly reset and powers up into a known condition after a power failure. /RESET will remain valid with VCC as low as 1V. VCC Transients The MIC8115 is relatively immune to the negative-going VCC glitches below the reset threshold. Typically, a negative-going transient 125mV below the reset threshold with a duration of 20s or less will not cause a reset.
VCC
VCC
MIC81 15
RESET
100K
P
RESET
/RESET Valid to VCC = 0V
July 2005
5
MIC8115
MIC8115
Micrel
Package Information
0.950 (0.0374) TYP
1.40 (0.055) 2.50 (0.098) 1.20 (0.047) 2.10 (0.083)
C L C L
DIMENSIONS: MM (INCH)
1.12 (0.044) 0.81 (0.032)
8 0 0.150 (0.0059) 0.089 (0.0035)
3.05 (0.120) 2.67 (0.105)
0.800 (0.031) TYP
0.400 (0.016) TYP 3 PLACES
0.10 (0.004) 0.013 (0.0005)
0.41 (0.016) 0.13 (0.005)
4-Lead SOT-143 (UT)
TEL + 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use. Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser's own risk and Purchaser agrees to fully indemnify Micrel for any damages resulting from such use or sale. (c) 2003 Micrel, Incorporated.
MICREL, INC.
1849 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
MIC8115
6
July 2005


▲Up To Search▲   

 
Price & Availability of MIC811505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X