Part Number Hot Search : 
KP20A CT534 ACA0861C 48S15 2SD20 00110 MAN6610 BYV2100
Product Description
Full Text Search
 

To Download LT101603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LT1016 UltraFast Precision 10ns Comparator
FEATURES

DESCRIPTIO
UltraFastTM (10ns typ) Operates Off Single 5V Supply or 5V Complementary Output to TTL Low Offset Voltage No Minimum Input Slew Rate Requirement No Power Supply Current Spiking Output Latch Capability
The LT(R)1016 is an UltraFast 10ns comparator that interfaces directly to TTL/CMOS logic while operating off either 5V or single 5V supplies. Tight offset voltage specifications and high gain allow the LT1016 to be used in precision applications. Matched complementary outputs further extend the versatility of this comparator. A unique output stage provides active drive in both directions for maximum speed into TTL/CMOS logic or passive loads, yet does not exhibit the large current spikes found in conventional output stages. This allows the LT1016 to remain stable with the outputs in the active region which, greatly reduces the problem of output "glitching" when the input signal is slow moving or is low level. The LT1016 has a LATCH pin which will retain input data at the outputs, when held high. Quiescent negative power supply current is only 3mA. This allows the negative supply pin to be driven from virtually any supply voltage with a simple resistive divider. Device performance is not affected by variations in negative supply voltage. Linear Technology offers a wide range of comparators in addition to the LT1016 that address different applications. See the Related Parts section on the back page of the data sheet.
APPLICATIO S

High Speed A/D Converters High Speed Sampling Circuits Line Receivers Extended Range V-to-F Converters Fast Pulse Height/Width Discriminators Zero-Crossing Detectors Current Sense for Switching Regulators High Speed Triggers Crystal Oscillators
, LTC and LT are registered trademarks of Linear Technology Corporation. UltraFast is a trademark of Linear Technology Corporation.
TYPICAL APPLICATION
10MHz to 25MHz Crystal Oscillator
5V 2k 22 820pF 10MHz TO 25MHz (AT CUT) 5V
VIN 100mV STEP 5mV OVERDRIVE
THRESHOLD
+
2k
V+ Q LT1016 Q V- GND LATCH 2k
1016 TA1a
-
OUTPUT
VOUT 1V/DIV
200pF
0
U
Response Time
THRESHOLD 0 20 TIME (ns) 20
1016 TA2b
U
U
1
LT1016
ABSOLUTE
AXI U RATI GS
Positive Supply Voltage (Note 5) ............................... 7V Negative Supply Voltage ............................................ 7V Differential Input Voltage (Note 7) ........................... 5V +IN, -IN and LATCH ENABLE Current (Note 7) .. 10mA Output Current (Continuous) (Note 7) ................ 20mA
PACKAGE/ORDER I FOR ATIO
TOP VIEW V+ 1 +IN 2 -IN 3 V- 4 N8 PACKAGE 8-LEAD PDIP
TJMAX = 100C, qJA = 130C/W (N8)
ORDER PART NUMBER
8 Q OUT Q OUT GND LATCH ENABLE 7 6 5
+ -
LT1016CN8 LT1016IN8
Consult LTC marketing for parts specified with wider operating temperature ranges.
2
U
U
W
WW U
W
(Note 1)
Operating Temperature Range LT1016I ...............................................-40C to 85C LT1016C .................................................. 0C to 70C Storage Temperature Range ................. - 65C to 150C Lead Temperature (Soldering, 10 sec).................. 300C
TOP VIEW V+ 1 +IN 2 - IN 3 V- 4 + - 8 7 6 5 Q OUT Q OUT GND LATCH ENABLE
ORDER PART NUMBER LT1016CS8 LT1016IS8 S8 PART MARKING 1016 1016I
S8 PACKAGE 8-LEAD PLASTIC SO TJMAX = 110C, qJA = 120C/W
LT1016
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. V+ = 5V, V- = 5V, VOUT (Q) = 1.4V, VLATCH = 0V, unless otherwise noted.
SYMBOL VOS DVOS DT IOS IB PARAMETER Input Offset Voltage Input Offset Voltage Drift Input Offset Current Input Bias Current Input Voltage Range CMRR PSRR Common Mode Rejection Supply Voltage Rejection (Note 2)
ELECTRICAL CHARACTERISTICS
CONDITIONS
MIN

LT1016C/I TYP 1.0 4 0.3 0.3 5
MAX 3 3.5
UNITS mV mV mV/C
RS 100W (Note 2)
1.0 1.3 10 13 3.5 3.5
mA mA mA mA V V dB dB dB dB V/V V V
(Note 3)
(Note 6) Single 5V Supply -3.75V VCM 3.5V Positive Supply 4.6V LT1016C V + 5.4V

-3.75 1.25 80 60 54 80 1400 2.7 2.4 96 75 75 100 3000 3.4 3.0 0.3 0.4 25 3 2.0
Positive Supply 4.6V V + 5.4V LT1016I Negative Supply 2V V - 7V AV VOH VOL I+ I- VIH VIL IIL tPD Small-Signal Voltage Gain Output High Voltage Output Low Voltage Positive Supply Current Negative Supply Current LATCH Pin Hi Input Voltage LATCH Pin Lo Input Voltage LATCH Pin Current Propagation Delay (Note 4) VLATCH = 0V DVIN = 100mV, OD = 5mV DVIN = 100mV, OD = 20mV DtPD Differential Propagation Delay Latch Setup Time Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: Input offset voltage is defined as the average of the two voltages measured by forcing first one output, then the other to 1.4V. Input offset current is defined in the same way. Note 3: Input bias current (IB) is defined as the average of the two input currents. Note 4: tPD and DtPD cannot be measured in automatic handling equipment with low values of overdrive. The LT1016 is sample tested with a 1V step and 500mV overdrive. Correlation tests have shown that tPD and (Note 4) DVIN = 100mV, OD = 5mV 1V VOUT 2V V+ 4.6V IOUT =1mA IOUT = 10mA ISINK = 4mA ISINK = 10mA
0.5 35 5 0.8 500
V V mA mA V V mA ns ns ns ns ns ns
10
14 16 12 15 3
9
2
DtPD limits shown can be guaranteed with this test if additional DC tests are performed to guarantee that all internal bias conditions are correct. For low overdrive conditions VOS is added to overdrive. Differential propogation delay is defined as: DtPD = tPDLH - tPDHL Note 5: Electrical specifications apply only up to 5.4V. Note 6: Input voltage range is guaranteed in part by CMRR testing and in part by design and characterization. See text for discussion of input voltage range for supplies other than 5V or 5V. Note 7: This parameter is guaranteed to meet specified performance through design and characterization. It has not been tested.
3
LT1016 TYPICAL PERFOR A CE CHARACTERISTICS
Gain Characteristics
5.0 4.5 4.0
OUTPUT VOLTAGE (V)
TJ = 125C
3.5
TIME (ns)
2.5 2.0 1.5 1.0 0.5 0 - 2.5 TJ = - 55C
TJ = 25C
TIME (ns)
3.0
- 0.5 -1.5 0.5 1.5 DIFFERENTIAL INPUT VOLTAGE (mV)
Propagation Delay vs Source Resistance
80 VS = 5V T = 25C 70 J OVERDRIVE = 20mV EQUIVALENT INPUT 60 CAPACITANCE IS 3.5pF CLOAD = 10pF 50 STEP SIZE = 800mV 400mV 40 200mV 100mV 30 20 10 0
0 25
TIME (ns)
TIME (ns)
TIME (ns)
0
500
2.5k 1k 1.5k 2k SOURCE RESISTANCE ()
Latch Set-Up Time vs Temperature
6 4 2
TIME (ns)
VS = 5V IOUT = 0V
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
0 -2 -4 -6 50 100 -50 -25 25 75 0 JUNCTION TEMPERATURE (C)
4
UW
VS = 5V IOUT = 0
Propagation Delay vs Input Overdrive
25 VS = 5V TJ = 25C VSTEP = 100mV CLOAD = 10pF
Propagation Delay vs Load Capacitance
25 VS = 5V TJ = 25C IOUT = 0 20 V STEP = 100mV OVERDRIVE = 5mV 15 tPDHL 10 tPDLH
20
15
10
5
5
0 2.5 0 10 30 20 OVERDRIVE (mV) 40 50
1016 G02
0 0 10 30 40 20 OUTPUT LOAD CAPACITANCE (pF) 50
1016 G03
1016 G01
Propagation Delay vs Supply Voltage
V - = - 5V TJ = 25C VSTEP = 100mV 20 OVERDRIVE = 5mV CLOAD = 10pF 15 FALLING EDGE tPDHL RISING EDGE tPDLH
Propagation Delay vs Temperature
30 25 20 15 FALLING OUTPUT tPDHL 10 RISING OUTPUT tPDLH 5 0 50 100 -50 -25 25 75 0 JUNCTION TEMPERATURE (C) VS = 5V OVERDRIVE = 5mV STEP SIZE = 100mV CLOAD = 10pF
10
5
3k
1016 G04
4.4
4.8 5.0 5.2 5.4 4.6 POSITIVE SUPPLY VOLTAGE (V)
5.6
1016 G05
125
1016 G06
Output Low Voltage (VOL) vs Output Sink Current
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 TJ = 125C TJ = 25C TJ = - 55C VS = 5V VIN = 30mV 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 0 2 4 6 8 10 12 14 16 18 20 OUTPUT SINK CURRENT (mA)
1016 G08
Output High Voltage (VOH) vs Output Source Current
VS = 5V VIN = - 30mV TJ = 125C TJ = 25C TJ = - 55C
125
1.0 0 2 4 6 8 10 12 14 16 18 20 OUTPUT SOURCE CURRENT (mA)
1016 G09
1016 G07
LT1016 TYPICAL PERFOR A CE CHARACTERISTICS
Negative Supply Current vs Temperature
6 5 4 3 2 1 0 50 100 -50 -25 25 75 0 JUNCTION TEMPERATURE (C) VS = 5V IOUT = 0
50 45 40 35
CURRENT (mA)
CURRENT (mA)
CURRENT (mA)
Common Mode Rejection vs Frequency
120 110 VS = 5V VIN = 2VP-P TJ = 25C
REJECTION RATIO (dB)
100
INPUT VOLTAGE (V)
90 80 70 60 50 40 10k 100k 1M FREQUENCY (Hz) 10M
1016 G13
4 3 2 1 *SEE APPLICATION INFORMATION FOR COMMON MODE LIMIT WITH VARYING SUPPLY VOLTAGE. 125
INPUT VOLTAGE (V)
LATCH Pin Threshold vs Temperature
2.6 2.2 1.8 OUTPUT LATCHED 1.4 OUTPUT UNAFFECTED 1.0 0.6 0.2 50 100 -50 -25 25 75 0 JUNCTION TEMPERATURE (C) VS = 5V
CURRENT (A)
VOLTAGE (V)
UW
1016 G10
Positive Supply Current vs Positive Supply Voltage
V - = 0V VIN = 60mV IOUT = 0
Positive Supply Current vs Switching Frequency
40 35 30 25 20 15 10 5
7
TJ = 125C TJ = 25C TJ = - 55C
30 25 20 15 10 5 0 TJ = 125C TJ = 25C
TJ = - 55C 0 1 2 6 4 3 5 SUPPLY VOLTAGE (V) 8
VS = 5V VIN = 50mV IOUT = 0 1 10 SWITCHING FREQUENCY (MHz) 100
1016 G12
0
125
1016 G11
Positive Common Mode Limit vs Temperature
6 5 VS = 5V* 2
Negative Common Mode Limit vs Temperature
VS = SINGLE 5V SUPPLY 1 0 -1 -2 -3 VS = 5V* -4 50 100 25 75 -50 -25 0 JUNCTION TEMPERATURE (C) *SEE APPLICATION INFORMATION FOR COMMON MODE LIMIT WITH VARYING SUPPLY VOLTAGE.
0 50 100 -50 -25 25 75 0 JUNCTION TEMPERATURE (C)
125
1016 G14
1016 G15
LATCH Pin Current* vs Temperature
300 250 200 150 100 50 VS = 5V VLATCH = 0V
*CURRENT COMES OUT OF LATCH PIN BELOW THRESHOLD 125
125
0 50 100 -50 -25 25 75 0 JUNCTION TEMPERATURE (C)
1016 G16
1016 G17
5
LT1016
APPLICATIO S I FOR ATIO
Common Mode Considerations
The LT1016 is specified for a common mode range of -3.75V to 3.5V with supply voltages of 5V. A more general consideration is that the common mode range is 1.25V above the negative supply and 1.5V below the positive supply, independent of the actual supply voltage. The criteria for common mode limit is that the output still responds correctly to a small differential input signal. Either input may be outside the common mode limit (up to the supply voltage) as long as the remaining input is within the specified limit, and the output will still respond correctly. There is one consideration, however, for inputs that exceed the positive common mode limit. Propagation delay will be increased by up to 10ns if the signal input is more positive than the upper common mode limit and then switches back to within the common mode range. This effect is not seen for signals more negative than the lower common mode limit. Input Impedance and Bias Current Input bias current is measured with the output held at 1.4V. As with any simple NPN differential input stage, the LT1016 bias current will go to zero on an input that is low and double on an input that is high. If both inputs are less than 0.8V above V -, both input bias currents will go to zero. If either input exceeds the positive common mode limit, input bias current will increase rapidly, approaching several milliamperes at VIN = V +. Differential input resistance at zero differential input voltage is about 10kW, rapidly increasing as larger DC differential input signals are applied. Common mode input resistance is about 4MW with zero differential input voltage. With large differential input signals, the high input will have an input resistance of about 2MW and the low input greater than 20MW.
6
U
Input capacitance is typically 3.5pF. This is measured by inserting a 1k resistor in series with the input and measuring the resultant change in propagation delay. LATCH Pin Dynamics The LATCH pin is intended to retain input data (output latched) when the LATCH pin goes high. This pin will float to a high state when disconnected, so a flowthrough condition requires that the LATCH pin be grounded. To guarantee data retention, the input signal must be valid at least 5ns before the latch goes high (setup time) and must remain valid at least 3ns after the latch goes high (hold time). When the latch goes low, new data will appear at the output in approximately 8ns to 10ns. The LATCH pin is designed to be driven with TTL or CMOS gates. It has no built-in hysteresis. Measuring Response Time The LT1016 is able to respond quickly to fast low level signals because it has a very high gain-bandwidth product (50GHz), even at very high frequencies. To properly measure the response of the LT1016 requires an input signal source with very fast rise times and exceptionally clean settling characteristics. This last requirement comes about because the standard comparator test calls for an input step size that is large compared to the overdrive amplitude. Typical test conditions are 100mV step size with only 5mV overdrive. This requires an input signal that settles to within 1% (1mV) of final value in only a few nanoseconds with no ringing or "long tailing." Ordinary high speed pulse generators are not capable of generating such a signal, and in any case, no ordinary oscilloscope is capable of displaying the waveform to check its fidelity. Some means must be used to inherently generate a fast, clean edge with known final value.
W
UU
LT1016
APPLICATIO S I FOR ATIO
The circuit shown in Figure 1 is the best electronic means of generating a known fast, clean step to test comparators. It uses a very fast transistor in a common base configuration. The transistor is switched "off" with a fast edge from the generator and the collector voltage settles to exactly 0V in just a few nanoseconds. The most important feature of this circuit is the lack of feedthrough from the generator to the comparator input. This prevents overshoot on the comparator input that would give a false fast reading on comparator response time. To adjust this circuit for exactly 5mV overdrive, V1 is adjusted so that the LT1016 output under test settles to 1.4V (in the linear region). Then V1 is changed -5V to set overdrive at 5mV. The test circuit shown measures low to high transition on the "+" input. For opposite polarity transitions on the output, simply reverse the inputs of the LT1016. High Speed Design Techniques A substantial amount of design effort has made the LT1016 relatively easy to use. It is much less prone to oscillation and other vagaries than some slower comparators, even with slow input signals. In particular, the LT1016 is stable
0V -100mV
0.1F PULSE IN 0V - 3V 50
130 2N3866
400
- 5V
Figure 1. Response Time Test Circuit
U
in its linear region, a feature no other high speed comparator has. Additionally, output stage switching does not appreciably change power supply current, further enhancing stability. These features make the application of the 50GHz gain-bandwidth LT1016 considerably easier than other fast comparators. Unfortunately, laws of physics dictate that the circuit environment the LT1016 works in must be properly prepared. The performance limits of high speed circuitry are often determined by parasitics such as stray capacitance, ground impedance and layout. Some of these considerations are present in digital systems where designers are comfortable describing bit patterns and memory access times in terms of nanoseconds. The LT1016 can be used in such fast digital systems and Figure 2 shows just how fast the device is. The simple test circuit allows us to see that the LT1016's (Trace B) response to the pulse generator (Trace A) is as fast as a TTL inverter (Trace C) even when the LT1016 has only millivolts of input signal! Linear circuits operating with this kind of speed make many engineers justifiably wary. Nanosecond domain linear circuits are widely associated with oscillations, mysterious shifts in circuit characteristics, unintended modes of operation and outright failure to function.
5V 0.01F** 25 25
W
UU
+
LT1016
Q
10 SCOPE PROBE (CIN 10pF) 10 SCOPE PROBE (CIN 10pF)
10k
-
10 - 5V
L
Q
V1
750
0.01F
* SEE TEXT FOR CIRCUIT EXPLANATION ** TOTAL LEAD LENGTH INCLUDING DEVICE PIN. SOCKET AND CAPACITOR LEADS SHOULD BE LESS THAN 0.5 IN. USE GROUND PLANE (VOS + OVERDRIVE) * 1000
1016 F01
7
LT1016
APPLICATIO S I FOR ATIO
Other common problems include different measurement results using various pieces of test equipment, inability to make measurement connections to the circuit without inducing spurious responses and dissimilar operation between two "identical" circuits. If the components used in the circuit are good and the design is sound, all of the above problems can usually be traced to failure to provide a proper circuit "environment." To learn how to do this requires studying the causes of the aforementioned difficulties. By far the most common error involves power supply bypassing. Bypassing is necessary to maintain low supply impedance. DC resistance and inductance in supply wires and PC traces can quickly build up to unacceptable levels. This allows the supply line to move as internal current levels of the devices connected to it change. This will almost always cause unruly operation. In addition, several
TEST CIRCUIT 7404 PULSE GENERATOR 1k OUTPUTS 10 TRACE A 5V/DIV
+
LT1016
-
VREF
Figure 2. LT1016 vs a TTL Gate
2V/DIV
Figure 3. Unbypassed LT1016 Response
8
U
devices connected to an unbypassed supply can "communicate" through the finite supply impedances, causing erratic modes. Bypass capacitors furnish a simple way to eliminate this problem by providing a local reservoir of energy at the device. The bypass capacitor acts like an electrical flywheel to keep supply impedance low at high frequencies. The choice of what type of capacitors to use for bypassing is a critical issue and should be approached carefully. An unbypassed LT1016 is shown responding to a pulse input in Figure 3. The power supply the LT1016 sees at its terminals has high impedance at high frequency. This impedance forms a voltage divider with the LT1016, allowing the supply to move as internal conditions in the comparator change. This causes local feedback and oscillation occurs. Although the LT1016 responds to the input pulse, its output is a blur of 100MHz oscillation. Always use bypass capacitors.
TRACE B 5V/DIV TRACE C 5V/DIV 10ns/DIV
1016 F02
W
UU
100ns/DIV
1016 F03
LT1016
APPLICATIO S I FOR ATIO U
problem in high speed circuits and can be quite confusing. It is not due to suspension of natural law, but is traceable to a grossly miscompensated or improperly selected oscilloscope probe. Use probes that match your oscilloscope's input characteristics and compensate them properly. Figure 6 shows another probe-induced problem. Here, the amplitude seems correct but the 10ns response time LT1016 appears to have 50ns edges! In this case, the probe used is too heavily compensated or slow for the oscilloscope. Never use 1 or "straight" probes. Their bandwidth is 20MHz or less and capacitive loading is high. Check probe bandwidth to ensure it is adequate for the measurement. Similarly, use an oscilloscope with adequate bandwidth.
100ns/DIV
1016 F04
In Figure 4 the LT1016's supplies are bypassed, but it still oscillates. In this case, the bypass units are either too far from the device or are lossy capacitors. Use capacitors with good high frequency characteristics and mount them as close as possible to the LT1016. An inch of wire between the capacitor and the LT1016 can cause problems. If operation in the linear region is desired, the LT1016 must be over a ground plate with good RF bypass capacitors (0.01mF) having lead lengths less than 0.2 inches. Do not use sockets. In Figure 5 the device is properly bypassed but a new problem pops up. This photo shows both outputs of the comparator. Trace A appears normal, but Trace B shows an excursion of almost 8V--quite a trick for a device running from a 5V supply. This is a commonly reported
TRACE A 2V/DIV
TRACE B 2V/DIV 10ns/DIV
1016 F05
Figure 5. Improper Probe Compensation Causes Seemingly Unexplainable Amplitude Error
W
UU
2V/DIV
Figure 4. LT1016 Response with Poor Bypassing
1V/DIV
50ns/DIV
1016 F06
Figure 6. Overcompensated or Slow Probes Make Edges Look Too Slow
9
LT1016
APPLICATIO S I FOR ATIO
In Figure 7 the probes are properly selected and applied but the LT1016's output rings and distorts badly. In this case, the probe ground lead is too long. For general purpose work most probes come with ground leads about six inches long. At low frequencies this is fine. At high speed, the long ground lead looks inductive, causing the ringing shown. High quality probes are always supplied with some short ground straps to deal with this problem. Some come with very short spring clips which fix directly to the probe tip to facilitate a low impedance ground connection. For fast work, the ground connection to the probe should not exceed one inch in length. Keep the probe ground connection as short as possible. Figure 8 shows the LT1016's output (Trace B) oscillating near 40MHz as it responds to an input (Trace A). Note that the input signal shows artifacts of the oscillation. This example is caused by improper grounding of the comparator. In this case, the LT1016's GND pin connection is one inch long. The ground lead of the LT1016 must be as short as possible and connected directly to a low impedance ground point. Any substantial impedance in the LT1016's ground path will generate effects like this. The reason for this is related to the necessity of bypassing the
1V/DIV
Figure 7. Typical Results Due to Poor Probe Grounding
TRACE A 1V/DIV TRACE B 2V/DIV
100ns/DIV
1016 F08
Figure 8. Excessive LT1016 Ground Path Resistance Causes Oscillation
10
U
power supplies. The inductance created by a long device ground lead permits mixing of ground currents, causing undesired effects in the device. The solution here is simple. Keep the LT1016's ground pin connection as short (typically 1/4 inch) as possible and run it directly to a low impedance ground. Do not use sockets. Figure 9 addresses the issue of the "low impedance ground," referred to previously. In this example, the output is clean except for chattering around the edges. This photograph was generated by running the LT1016 without a "ground plane." A ground plane is formed by using a continuous conductive plane over the surface of the circuit board. The only breaks in this plane are for the circuit's necessary current paths. The ground plane serves two functions. Because it is flat (AC currents travel along the surface of a conductor) and covers the entire area of the board, it provides a way to access a low inductance ground from anywhere on the board. Also, it minimizes the effects of stray capacitance in the circuit by referring them to ground. This breaks up potential unintended and harmful feedback paths. Always use a ground plane with the LT1016 when input signal levels are low or slow moving.
20ns/DIV
1016 F07
W
UU
2V/DIV
100ns/DIV
1016 F09
Figure 9. Transition Instabilities Due to No Ground Plane
LT1016
APPLICATIO S I FOR ATIO
"Fuzz" on the edges is the difficulty in Figure 10. This condition appears similar to Figure 10, but the oscillation is more stubborn and persists well after the output has gone low. This condition is due to stray capacitive feedback from the outputs to the inputs. A 3kW input source impedance and 3pF of stray feedback allowed this oscillation. The solution for this condition is not too difficult. Keep source impedances as low as possible, preferably 1k or less. Route output and input pins and components away from each other. The opposite of stray-caused oscillations appears in Figure 11. Here, the output response (Trace B) badly lags the input (Trace A). This is due to some combination of high source impedance and stray capacitance to ground at the input. The resulting RC forces a lagged response at the input and output delay occurs. An RC combination of 2k
2V/DIV
Figure 10. 3pF Stray Capacitive Feedback with 3kW Source Can Cause Oscillation
TRACE A 2V/DIV 2V/DIV TRACE B 2V/DIV
10ns/DIV
1016 F11
Figure 11. Stray 5pF Capacitance from Input to Ground Causes Delay
U
source resistance and 10pF to ground gives a 20ns time constant--significantly longer than the LT1016's response time. Keep source impedances low and minimize stray input capacitance to ground. Figure 12 shows another capacitance related problem. Here the output does not oscillate, but the transitions are discontinuous and relatively slow. The villain of this situation is a large output load capacitance. This could be caused by cable driving, excessive output lead length or the input characteristics of the circuit being driven. In most situations this is undesirable and may be eliminated by buffering heavy capacitive loads. In a few circumstances it may not affect overall circuit operation and is tolerable. Consider the comparator's output load characteristics and their potential effect on the circuit. If necessary, buffer the load.
50ns/DIV
1016 F10
W
UU
100ns/DIV
1016 F12
Figure 12. Excessive Load Capacitance Forces Edge Distortion
11
LT1016
APPLICATIO S I FOR ATIO
Another output-caused fault is shown in Figure 13. The output transitions are initially correct but end in a ringing condition. The key to the solution here is the ringing. What is happening is caused by an output lead that is too long. The output lead looks like an unterminated transmission line at high frequencies and reflections occur. This accounts for the abrupt reversal of direction on the leading edge and the ringing. If the comparator is driving TTL this may be acceptable, but other loads may not tolerate it. In this instance, the direction reversal on the leading edge might cause trouble in a fast TTL load. Keep output lead lengths short. If they get much longer than a few inches, terminate with a resistor (typically 250W to 400W).
1V/DIV
50ns/DIV
1016 F13
Figure 13. Lengthy, Unterminated Output Lines Ring from Reflections
5V 5.1k 1N4148 390 470 100 100 1N4148 Q2 2N2907A 0.1F 5.1k 1.5k 1000pF (POLYSTYRENE) 390 1N4148 SN7402 100 1.5k Q4 2N2907A SAMPLE-HOLD COMMAND (TTL) 300 Q6 2N2222 Q1 2N5160 8pF Q7 2N5486 Q3 2N2369 Q5 2N2222 LT1009 2.5V 820 1.5k 1k DELAY COMP 1k
INPUT 3V
220
-15V
Figure 14. 200ns Sample-and-Hold
12
U
200ns-0.01% Sample-and-Hold Circuit Figure 14's circuit uses the LT1016's high speed to improve upon a standard circuit function. The 200ns acquisition time is well beyond monolithic sample-andhold capabilities. Other specifications exceed the best commercial unit's performance. This circuit also gets around many of the problems associated with standard sample-and-hold approaches, including FET switch errors and amplifier settling time. To achieve this, the LT1016's high speed is used in a circuit which completely abandons traditional sample-and-hold methods. Important specifications for this circuit include:
Acquisition Time Common Mode Input Range Droop Hold Step Hold Settling Time Feedthrough Rejection <200ns 3V 1mV/ms 2mV 15ns >>100dB
W
UU
When the sample-and-hold line goes low, a linear ramp starts just below the input level and ramps upward. When the ramp voltage reaches the input voltage, A1 shuts off the ramp, latches itself off and sends out a signal indicating sampling is complete.
-
A1 LT1016 NOW SN7402 SN7402
+
LATCH
- 5V
OUTPUT
1016 F14
LT1016
APPLICATIO S I FOR ATIO
1.8ms, 12-Bit A/D Converter The LT1016's high speed is used to implement a very fast 12-bit A/D converter in Figure 15. The circuit is a modified form of the standard successive approximation approach and is faster than most commercial SAR 12-bit units. In this arrangement the 2504 successive approximation register (SAR), A1 and C1 test each bit, beginning with the MSB, and produce a digital word representing VIN's value. To get faster conversion time, the clock is controlled by the window comparator monitoring the DAC input summing junction. Additionally, the DMOS FET clamps the DAC output to ground at the beginning of each clock cycle, shortening DAC settling time. After the fifth bit is converted, the clock runs at maximum speed.
5V 0.01F 2.5k 5V - 5V 1k 5V LT1021 10V 10V 10k** 14 0.01F 16 VR+ COMP 10k 15 VR- 13 GND 19 IO 15V 20 V+ -15V 17 V- IO 18 5V 150k 5V 9 74121 Q 6 PARALLEL DIGITAL DATA OUTPUT MSB 5V 24 13 V+ CLK GND 12 Q6 AM2504 E 1 S 14 CC 3 D 11 Q4 150k Q5 1/4 74S00 LSB 15k 27k -15V 150 VIN 0V TO 10V 2.5k** 1k 1k 620* 620* - 5V
1000pF
SD210
-15V
AM6012
IN B 3457
5V 5V 1k
-
0.1F 10 C3 LT1016
+
1/4 74S08 - 5V 5V - 5V Q1 TO Q5 RCA CA3127 ARRAY 1N4148 HP5082-2810 *1% FILM RESISTOR **PRECISION 0.01%; VISHAY S-102 0.1F 10 - 5V
+
1k C2 LT1016
-
Figure 15. 12-Bit 1.8ms SAR A-to-D
U
-
C1 LT1016 Q3
W
UU
+
NC
Q1 Q2
STATUS
NC
1/4 74S00 D 1/2 74S74 CLK PRS Q
1/4 74S08
PRS 1/2 74S74 NC RST
1/6 74S04 1/6 74S04 CLOCK 7.4MHz
CONVERT COMMAND
1016 F15
13
LT1016
TYPICAL APPLICATIO S
Voltage Controlled Pulse Width Generator
5V LM385 1.23V 2N3906 25 2N3906 1000pF 2.7k 5V 100pF
100pF
FULL-SCALE CALIBRATION 500 1k
5V
+
LT1016 VIN = 0V TO 2.5V
-
-5V 1N914
5V CEXT 1k Q B 74121 A1 Q
5V V- 10k 1%
2N3906 470pF 0s TO 2.5s (MINIMUM WIDTH 0.05s)
8.2k
* SELECT OR TRIM FOR f = 1.00MHz
1016 AI02
-5V
10k
-
LT1220
+ -
= HP 5082-4204 NPN = 2N3904 PNP = 2N3906
14
U
2k
Single Supply Precision RC 1MHz Oscillator
6.2k*
-
LT1016
Q Q GND LATCH
START
+
5pF 10k 1%
74HC04
10k 1%
OUTPUTS
1016 AI01
50MHz Fiber Optic Receiver with Adaptive Trigger
5V 3k
+
LT1223 1k
0.005F 500pF
-
22M LT1097
+
330 22M 0.1F
0.005F
+
50 LT1016 OUTPUT
-
3k -5V
1016 AI03
LT1016
TYPICAL APPLICATIO S
1MHz to 10MHz Crystal Oscillator
28V
5V 2k 1MHz TO 10MHz CRYSTAL
5V
+
2k
V+ LT1016
Q OUTPUT
-
V- 2k 0.068F
Q GND LATCH
1016 AI04
APPE DIX A
About Level Shifts The TTL output of the LT1016 will interface with many circuits directly. Many applications, however, require some form of level shifting of the output swing. With LT1016 based circuits this is not trivial because it is desirable to maintain very low delay in the level shifting stage. When designing level shifters, keep in mind that the TTL output of the LT1016 is a sink-source pair (Figure A1) with good ability to drive capacitance (such as feedforward capacitors). Figure A2 shows a noninverting voltage gain stage with a 15V output. When the LT1016 switches, the base-emitter voltages at the 2N2369 reverse, causing it to switch very quickly. The 2N3866 emitter-follower gives a low impedance output and the Schottky diode aids current sink capability. Figure A3 is a very versatile stage. It features a bipolar swing that may be programmed by varying the output transistor's supplies. This 3ns delay stage is ideal for driving FET switch gates. Q1, a gated current source, switches the Baker-clamped output transistor, Q2. The heavy feedforward capacitor from the LT1016 is the key to low delay, providing Q2's base with nearly ideal drive. This capacitor loads the LT1016's output transition (Trace A, Figure A4), but Q2's switching is clean (Trace B, Figure A4) with 3ns delay on the rise and fall of the pulse. Figure A5 is similar to Figure A2 except that a sink transistor has replaced the Schottky diode. The two emitter-followers drive a power MOSFET which switches 1A at 15V. Most of the 7ns to 9ns delay in this stage occurs in the MOSFET and the 2N2369. When designing level shifters, remember to use transistors with fast switching times and high fTs. To get the kind of results shown, switching times in the ns range and fTs approaching 1GHz are required.
U
18ns Fuse with Voltage Programmable Trip Point
Q1 2N3866
330 Q2 2N2369 2.4k - 5V
+
A1 LT1193 900 FB
1k* 9k* 10 CARBON
-
9k* 1k*
33pF
300
+
1k A2 LT1016 L * = 1% FILM RESISTOR A1 AND A2 USE 5V SUPPLIES
200 CALIBRATE
-
TRIP SET 0mA TO 250mA = 0V TO 2.5V LOAD
1016 AI05
RESET (NORMALLY OPEN)
U
15
LT1016
APPE DIX A
15V
TRACE A 2V/DIV
TRACE B 10V/DIV (INVERTED)
16
U
+V
2N2369
1k
2N3866 HP5082-2810
OUTPUT = 0V TO TYPICALLY 3V TO 4V
+
LT1016
-
NONINVERTING VOLTAGE GAIN tRISE = 4ns tFALL = 5ns
OUTPUT 1k 1k 12pF
1016 fFA02
LT1016 OUTPUT
1016 FA01
Figure A1
5V
Figure A2
+
INPUT LT1016 4.7k 1N4148 Q1 2N2907 HP5082-2810 820 Q2 2N2369 820 INVERTING VOLTAGE GAIN--BIPOLAR SWING tRISE = 3ns tFALL = 3ns -10V (TYP) 5V (TYP) 330 5V OUTPUT -10V 430
-
1000pF
0.1F
OUTPUT TRANSISTOR SUPPLIES (SHOWN IN HEAVY LINES) CAN BE REFERENCED ANYWHERE BETWEEN 15V AND -15V
1016 FA03
Figure A3
15V
1k 2N2369 2N3866
RL
+
LT1016
POWER FET 2N5160 1k 12pF 1k
-
NONINVERTING VOLTAGE GAIN tRISE = 7ns tFALL = 9ns
5ns/DIV
1016 FA04
1016 FA05
Figure A4. Figure A3's Waveforms
Figure A5
15pF Q32
375 2k Q15
700
800 50
800 50
75 150 150 Q11 Q33 Q22 670 Q28 90 Q34 D6 Q36 1.3k 1.3k 1.2k 490 Q51 Q9 Q10 955 350 1k 1.5k Q49 Q18 15pF 565 D5 Q25 Q19 Q20 Q21 210 3.5k 3.5k Q26 90 210 Q45 300 100 1.5k 100 1.5k Q23 Q24 1k 1.8k 1.8k Q14 Q35 Q13 Q Q12 Q6 Q7 Q8 150 150 D7
15pF
SI PLIFIED SCHE ATIC W
+
+
100pF Q29 170 Q31 D8 Q30
Q3
Q4
+ INPUT
Q1
Q5
D1 3k
1.3k
1.3k
D2
- INPUT
Q2
V+ Q40 700
830
+
+
15pF 300
170
Q41
D9
Q43 Q44 Q42 670 D10 Q
Q17
LATCH
Q50
Q16
D3
D4
Q46 D10 Q47
65 1.1k 165 165
Q27
1.2k
480 GND
V-
W
+
75
LT1016
17
LT1016
PACKAGE DESCRIPTIO
0.300 - 0.325 (7.620 - 8.255)
0.009 - 0.015 (0.229 - 0.381)
(
+0.035 0.325 -0.015 8.255 +0.889 -0.381
*THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.010 INCH (0.254mm)
18
U
N8 Package 8-Lead PDIP (Narrow .300 Inch)
(Reference LTC DWG # 05-08-1510)
0.400* (10.160) MAX 8 7 6 5 0.255 0.015* (6.477 0.381) 1 2 3 4 0.045 - 0.065 (1.143 - 1.651) 0.130 0.005 (3.302 0.127) 0.065 (1.651) TYP 0.125 (3.175) 0.020 MIN (0.508) MIN 0.018 0.003 (0.457 0.076)
N8 1098
)
0.100 (2.54) BSC
LT1016
PACKAGE DESCRIPTIO U
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988)
SO8 1298
1 0.010 - 0.020 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
2
3
4
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
0.050 (1.270) BSC
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
19
LT1016
APPLICATIO S I FOR ATIO
1Hz to 10MHz V-to-F Converter
The LT1016 and the LT1122 FET input amplifier combine to form a high speed V-to-F converter in Figure 16. A variety of techniques is used to achieve a 1Hz to 10MHz output. Overrange to 12MHz (VIN = 12V) is provided. This circuit's dynamic range is 140dB, or seven decades, which is wider than any commercially available unit. The 10MHz full-scale frequency is 10 times faster than monolithic V-to-F's now available. The theory of operation is based on the identity Q = CV. Each time the circuit produces an output pulse, it feeds back a fixed quantity of charge, Q, to a summing node, S. The circuit's input furnishes a comparison current at the summing node. This difference current is integrated in
INPUT 0V TO 10V Q1 15pF (POLYSTYRENE)
Q2 15V 2k 6MHz TRIM 5V 10k* 68pF 1.2k 5V - 5V 0.1F
-
A1 LT1122
8
+
10k - 5V
100
150pF 2.2M* 1k 5pF Q4 1k 10M 20k Q3
5V 0.02F = 2N2369 = 74HC14 * = 1% METAL FILM/10ppm/C BYPASS ALL ICs WITH 2.2F ON EACH SUPPLY DIRECTLY AT PINS
-
LTC1050
36k
+
- 5V
Figure 16. 1Hz to 10MHz V-to-F Converter. Linearity is Better Than 0.03% with 50ppm/C Drift
RELATED PARTS
PART NUMBER LT1116 LT1394 LT1671 LT1711/LT1712 LT1713/LT1714 LT1715 DESCRIPTION 12ns Single Supply Ground-Sensing Comparator 7ns, UltraFast, Single Supply Comparator 60ns, Low Power, Single Supply Comparator Single/Dual 7ns 3V/5V/5V Rail-to-Rail Comparators Dual 150MHz 4ns 3V/5V Comparator COMMENTS Single Supply Version of LT1016, LT1016 Pinout and Functionality 6mA, 100MHz Data Rate, LT1016 Pinout and Functionality 450mA, Single Supply Comparator, LT1016 Pinout and Functionality 5mA per Comparator, Rail-to-Rail Inputs and Outputs 150MHz Toggle Rate, Independent Input/Output Supplies 4mA per Comparator, Ground-Sensing Rail-to-Rail Inputs and Outputs
sn1016 1016fcs LT/TP 0601 1.5K REV C * PRINTED IN USA
Single/Dual 4.5ns 3V/5V/5V Rail-to-Rail Comparators Rail-to-Rail Inputs and Outputs
LT1719/LT1720/LT1721 Single/Dual/Quad 4.5ns 3V/5V Comparators
20
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 FAX: (408) 434-0507 www.linear-tech.com
U
A1's 68pF feedback capacitor. The amplifier controls the circuit's output pulse generator, closing feedback loop around the integrating amplifier. To maintain the summing node at zero, the pulse generator runs at a frequency that permits enough charge pumping to offset the input signal. Thus, the output frequency is linearly related to the input voltage. To trim this circuit, apply 6.000V at the input and adjust the 2kW pot for 6.000MHz output. Next, excite the circuit with a 10.000V input and trim the 20k resistor for 10.000MHz output. Repeat these adjustments until both points are fixed. Linearity of the circuit is 0.03%, with full-scale drift of 50ppm/C. The LTC1050 chopper op amp servos the integrator's noninverting input and eliminates the need for a zero trim. Residual zero point error is 0.05Hz/C.
OUTPUT 1Hz TO 10MHz 5V REF 15V 15V -15V
W
UU
+
4.7F A4 LT1010 A3 LT1006 470
+
-
6.8 100k* 100k* LT1034-1.2V LT1034-2.5V LM134
+
A2 LT1016
-
+
10F 10MHz TRIM
1016 F16
LINEAR TECHNOLOGY CORPORATION 1991


▲Up To Search▲   

 
Price & Availability of LT101603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X