Part Number Hot Search : 
MC339 TR100 HI5828 FAN1117A FERP20D HCC4077B BY268 MAX66
Product Description
Full Text Search
 

To Download LMV32110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LMV321, LMV358, LMV324
Low cost, low power, input/output rail-to-rail operational amplifiers
Features

Operating range from VCC = 2.7 V to 6 V Rail-to-rail input and output Extended Vicm (VDD - 0.2 V to VCC + 0.2 V) Low supply current (145 A) Gain bandwidth product (1 MHz) ESD tolerance (2 kV) Latch-up immunity Available in SOT23-5 micropackage
Output VDD Non Inverting Input
LMV321ILT (SOT23-5)
Non Inverting Input 1 VDD 2 5 VCC
+ _
4 Output
Inverting Input 3
LMV321RILT (SOT23-5)
1 2 3 4 Inverting Input 5 VCC
Applications

Two-cell battery powered systems Battery powered electronic equipment Cordless phones Personal medical care (glucose meters) Laptops PDAs
LMV358ID/IDT-LMV358IPT (SO-8, TSSOP-8)
Output 1 Inverting Input 1 Non Inverting Input 1 VDD 1 2 3 4 _ + _ + 8 7 6 5 VCC Output 2 Inverting Input 2 Non Inverting Input 2
Description
The LMV321/358/324 family (single, dual and quad) answers the need for low-cost, generalpurpose operational amplifiers. They operate with voltages as low as 2.7 V and feature both input and output rail-to-rail, 145 A consumption current and 1 MHz gain bandwidth product (GBP). With such a low consumption and a sufficient GBP for many applications, these op-amps are very well-suited for any kind of battery supplied and portable equipment application. The LMV321 is housed in the space-saving 5-pin SOT23-5 package, which simplifies board design (overall dimensions are 2.8 mm x 2.9 mm). The SOT23-5 has two pinning configurations to answer all application requirements.
LMV324ID/IDT-LMV324IPT (SO-14, TSSOP-14)
Output 1 Inverting Input 1 Non Inverting Input 1 VCC Non Inverting Input 2 Inverting Input 2 Output 2 1 2 3 4 5 6 7 + _ + _ _ + _ + 14 Output 4 13 Inverting Input 4 12 Non Inverting Input 4 11 VDD 10 Non Inverting Input 3 9 8 Inverting Input 3 Output 3
January 2010
Doc ID 11887 Rev 4
1/16
www.st.com 16
Absolute maximum ratings and operating conditions
LMV321, LMV358, LMV324
1
Absolute maximum ratings and operating conditions
Table 1.
Symbol VCC Vid Vin Toper Tstg Tj Supply voltage Input voltage Operating free air temperature range Storage temperature Maximum junction temperature Thermal resistance junction to ambient (3) SOT23-5 SO-8 SO-14 TSSOP8 TSSOP14 Thermal resistance junction to case(3) SOT23-5 SO-8 SO-14 TSSOP8 TSSOP14 HBM: human body model(4) ESD MM: machine model
(5) (6) (1) (2)
Absolute maximum ratings
Parameter Value 7 1 VDD-0.3 to VCC+0.3 -40 to + 125 -65 to +150 150 250 125 103 120 100 81 40 31 37 32 2 200 1.5 250 see note(7) Unit V V V C C C
Differential input voltage
Rthja
C/W
Rthjc
C/W
kV V kV C
CDM: charged device model Output short-circuit duration
Lead temperature (soldering, 10sec)
1. All voltage values, except differential voltage are with respect to network terminal. 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If Vid > 1 V, the maximum input current must not exceed 1 mA. In this case (Vid > 1 V), an input series resistor must be added to limit input current. 3. Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous shortcircuits on all amplifiers. All values are typical. 4. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 k resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 5. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 ). This is done for all couples of connected pin combinations while the other pins are floating. 6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. No value specified for CDM on SOT23-5L package. The value is given for SO and TSSOP packages. 7. Short-circuits from the output to VCC can cause excessive heating. The maximum output current is approximately 48 mA, independent of the magnitude of VCC. Destructive dissipation can result from simultaneous short-circuits on all amplifiers.
2/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324 Table 2.
Symbol VCC Vicm Vicm Toper Supply voltage
Absolute maximum ratings and operating conditions
Operating conditions
Parameter
(1)
Value 2.7 to 6 VDD -0.2 to VCC + 0.2 VDD to VCC -40 to + 125
Unit V V V C
Common mode input voltage range
Common mode input voltage range (2) Operating free air temperature range
1. At 25C, for 2.7 VCC 6 V, Vicm is extended to VDD - 0.2 V, VCC + 0.2 V. 2. In full temperature range, both rails can be reached when VCC does not exceed 5.5 V.
Doc ID 11887 Rev 4
3/16
Electrical characteristics
LMV321, LMV358, LMV324
2
Table 3.
Symbol Vio Vio Iio Iib CMR SVR Avd
Electrical characteristics
VCC = +2.7 V, VDD = 0 V, CL and RL connected to VCC/2, Tamb = 25C (unless otherwise specified)
Parameter Input offset voltage Input offset voltage drift Input offset current Input bias current Common mode rejection ratio Supply voltage rejection ratio Large signal voltage gain Vicm = Vout = VCC/2 Tmin Tamb Tmax
(1)
Conditions Vicm = Vout = VCC/2 Tmin Tamb Tmax
Min.
Typ. 0.1 2 1 10
Max. 3 6 9 25 50 85
Unit mV V/C nA nA dB dB dB
Vicm = Vout = VCC/2(1) Tmin Tamb Tmax 0 Vicm VCC Vicm = VCC/2 Vout = 0.5 V to 2.2 V RL = 10 k RL = 2 k Vid = 100 mV Tmin Tamb Tmax RL = 10 k RL = 2 k Vid = -100 mV Tmin Tamb Tmax RL = 10 k RL = 2 k Output source current Vid = 100 mV, VO = VDD Output sink current Vid = -100 mV, VO = VCC Vout = VCC/2 AVCL = 1, no load Tmin Tamb Tmax , RL = 10 k CL = 100 pF, f = 100 kHz , RL = 600 CL = 100 pF, AV = 1 , RL = 600 CL = 100 pF 5 5 55 70 80 70
85 80 100 88
VOH
High level output voltage
2.6 2.55
2.65 2.6
V
VOL
Low level output voltage
15 50 46 46 145
90 100
mV
Io
Output current
mA
ICC
Supply current (per amplifier)
200 230
A
GBP SR m en THD
Gain bandwidth product Slew rate Phase margin Input voltage noise Total harmonic distortion
1 0.35 44 40 0.01
MHz V/s Degrees nV/Hz %
1. Maximum values include unavoidable inaccuracies of the industrial tests.
4/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324 Table 4.
Symbol Vio Vio Iio Iib CMR SVR Avd
Electrical characteristics
VCC = +5 V, VDD = 0 V, CL and RL connected to VCC/2, Tamb = 25C (unless otherwise specified)
Parameter Input offset voltage Input offset voltage drift Input offset current Input bias current Common mode rejection ratio Supply voltage rejection ratio Large signal voltage gain Vicm = Vout = VCC/2 Tmin Tamb Tmax
(1)
Conditions Vicm = Vout = VCC/2 Tmin Tamb Tmax
Min.
Typ. 0.1 2 1 16
Max. 3 6 9 25 63 95
Unit mV V/C nA nA dB dB dB
Vicm = Vout = VCC/2(1) Tmin Tamb Tmax 0 Vicm VCC Vicm = VCC/2 Vout = 0.5 V to 4.5 V RL = 10 k RL = 2 k Vid = 100 mV Tmin Tamb Tmax RL = 10 k RL = 2 k Vid = -100 mV Tmin Tamb Tmax RL = 10 k RL = 2 k Output source current Vid = 100 mV, VO = VDD Output sink current Vid = -100 mV, VO = VCC Vout = VCC/2 AVCL = 1, no load Tmin Tamb Tmax , RL = 10 k CL = 100 pF, f = 100 kHz , RL = 600 CL = 100 pF, AV = 1 , RL = 600 CL = 100 pF 7 7 65 70 85 77
95 90 97 93
VOH
High level output voltage
4.85 4.8
4.95 4.91
V
VOL
Low level output voltage
40 80 48 48 162
180 200
mV
Io
Output current
mA
ICC GBP SR m en THD
Supply current (per amplifier)
220 250
A
Gain bandwidth product Slew rate Phase margin Input voltage noise Total harmonic distortion
1.3 0.45 48 40 0.01
MHz V/s Degrees nV/Hz %
1. Maximum values include unavoidable inaccuracies of the industrial tests.
Doc ID 11887 Rev 4
5/16
Electrical characteristics
LMV321, LMV358, LMV324
Figure 1.
200
Supply current/amplifier vs. supply Figure 2. voltage
0 Input bias current (nA) -2 -4 -6 -8 -10
Input bias current vs. temperature
p Vcc = 3V Vicm = 1.5V p
Supply Current (A)
150 Tamb = 25C 100
50
0 0 2 4 6 8 Supply Voltage (V)
-12 -40 -20 0
20
40
60
80 100 120 140
Temperature (C)
Figure 3.
0 Input bias current (nA) -2 -4 -6 -8 -10
Input bias current vs. temperature
Figure 4.
Common Mode Rejection (dB) 110
Common mode rejection vs. temperature
Vcc = 3V
Vcc = 5V Vicm = 2.5V
100 90 80 70 60 -50
-12 -40 -20 0
20
40
60
80 100 120 140
0
50 Temperature (C)
100
150
Temperature (C)
Figure 5.
110
Common mode rejection vs. temperature
Figure 6.
110
Supply voltage rejection vs. temperature
Common Mode Rejection (dB)
Supply Voltage Rejection (dB)
Vcc = 5V
100
100
Vcc = 5V Vicm = 2.5V
90
90
80
80
70
70
60 -40 -20 0 20 40 60 80 100 120 140
60 -40 -20 0 20 40 60 80 100 120 140
Temperature (C)
Temperature (C)
6/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324
Electrical characteristics
Figure 7.
110
Open-loop gain vs. temperature
Figure 8.
110
Open-loop gain vs. temperature
RL = 10 kohms
Vcc = 3V
VCC = 5V
Open Loop Gain (dB)
100
Open Loop Gain (dB)
RL = 10 kohms RL = 2 kohms
90
100
RL = 2 kohms
90
80
80
70 -40 -20 0 20 40 60 80 100 120 140
70 -40 -20 0 20 40 60 80 100 120 140
Temperature (C)
Temperature (C)
Figure 9.
110
Supply voltage rejection vs. temperature
Figure 10. Output current vs. output voltage
80
Supply Voltage Rejection (dB)
Output Current (mA)
100
Vcc = 3V Vicm = 1.5V
sink
60 40 20 0 -20 -40
T = 25 C T = -40 C T = 125 C Vcc = 3V Vid = 0.1V Vicm = 1.5V
90
80
T = 125 C T = -40 C T = 25 C
0.0 0.5 1.0 1.5 2.0 2.5
70
source
3.0
60 -40 -20 0 20 40 60 80 100 120 140
-60
Temperature (C)
Output Voltage (V)
Figure 11. Output current vs. output voltage
80
Figure 12. Noise versus frequency
Equivalent input noise vs Frequency
Equivalent Input Noise (nV/sqr(Hz))
50
sink
60
T = 25 C
Output Current (mA)
40 20 0 -20 -40 -60 0.0 1.0 2.0 3.0
T = 125 C T = -40 C Vcc = 5V Vid = 0.1V Vicm = 2.5V T = -40 C T = 25 C T = 125 C
4.0 5.0
40
30
20
10
VCC = 1.8V gain = 100 Rs = 100 ohms
source
0 1E+1 1E+2
1E+3 1E+4
1E+5
Output Voltage (V)
Frequency (Hz)
Doc ID 11887 Rev 4
7/16
Package information
LMV321, LMV358, LMV324
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK(R) is an ST trademark.
8/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324
Package information
3.1
SOT23-5 package information
Figure 13. SOT23-5 package mechanical drawing
Table 5.
SOT23-5 package mechanical data
Dimensions
Ref. Min. A A1 A2 B C D D1 e E F L K 2.60 1.50 0.10 0 degrees 0.90 0.35 0.09 2.80 0.90
Millimeters Typ. 1.20 Max. 1.45 0.15 1.05 0.40 0.15 2.90 1.90 0.95 2.80 1.60 0.35 3.00 1.75 0.60 10 degrees 0.102 0.059 0.004 1.30 0.50 0.20 3.00 0.035 0.013 0.003 0.110 Min. 0.035
Inches Typ. 0.047 Max. 0.057 0.006 0.041 0.015 0.006 0.114 0.075 0.037 0.110 0.063 0.013 0.118 0.069 0.023 0.051 0.019 0.008 0.118
Doc ID 11887 Rev 4
9/16
Package information
LMV321, LMV358, LMV324
3.2
SO-8 package information
Figure 14. SO-8 package mechanical drawing
Table 6.
SO-8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e h L L1 k ccc 0 0.25 0.40 0.10 1.25 0.28 0.17 4.80 5.80 3.80
Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.48 0.23 4.90 6.00 3.90 1.27 0.50 1.27 1.04 8 0.10 1 0.010 0.016 5.00 6.20 4.00 0.011 0.007 0.189 0.228 0.150 Min.
Inches Typ. Max. 0.069 0.010
0.019 0.010 0.193 0.236 0.154 0.050 0.020 0.050 0.040 8 0.004 0.197 0.244 0.157
10/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324
Package information
3.3
TSSOP8 package information
Figure 15. TSSOP8 package mechanical drawing
Table 7.
TSSOP8 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e k L L1 aaa 0 0.45 0.05 0.80 0.19 0.09 2.90 6.20 4.30
Millimeters Typ. Max. 1.20 0.15 1.00 1.05 0.30 0.20 3.00 6.40 4.40 0.65 8 0.60 1 0.10 0.75 0 0.018 3.10 6.60 4.50 0.002 0.031 0.007 0.004 0.114 0.244 0.169 Min.
Inches Typ. Max. 0.047 0.006 0.039 0.041 0.012 0.008 0.118 0.252 0.173 0.0256 8 0.024 0.039 0.004 0.030 0.122 0.260 0.177
Doc ID 11887 Rev 4
11/16
Package information
LMV321, LMV358, LMV324
3.4
SO-14 package information
Figure 16. SO-14 package mechanical drawing
Table 8.
SO-14 package mechanical data
Dimensions Millimeters Inches Max. 1.75 0.25 1.65 0.51 0.25 8.75 4.0 1.27 5.80 0.25 0.40 6.20 0.50 1.27 0.22 0.009 0.015 8 (max.) 0.10 0.004 Min. 0.05 0.004 0.04 0.01 0.007 0.33 0.15 0.05 0.24 0.02 0.05 Typ. Max. 0.068 0.009 0.06 0.02 0.009 0.34 0.15
Ref. Min. A A1 A2 B C D E e H h L k ddd 1.35 0.10 1.10 0.33 0.19 8.55 3.80 Typ.
12/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324
Package information
3.5
TSSOP14 package information
Figure 17. TSSOP14 package mechanical drawing
Table 9.
TSSOP14 package mechanical data
Dimensions
Ref. Min. A A1 A2 b c D E E1 e L L1 k aaa 0 0.45 0.05 0.80 0.19 0.09 4.90 6.20 4.30
Millimeters Typ. Max. 1.20 0.15 1.00 1.05 0.30 0.20 5.00 6.40 4.40 0.65 0.60 1.00 8 0.10 0 0.75 0.018 5.10 6.60 4.50 0.002 0.031 0.007 0.004 0.193 0.244 0.169 Min.
Inches Typ. Max. 0.047 0.004 0.039 0.006 0.041 0.012 0.0089 0.197 0.252 0.173 0.0256 0.024 0.039 8 0.004 0.030 0.201 0.260 0.176
Doc ID 11887 Rev 4
13/16
Ordering information
LMV321, LMV358, LMV324
4
Table 10.
LMV321ILT LMV321RILT
Ordering information
Order codes
Temperature range Package SOT23-5 SOT23-5 (Automotive grade) SO-8 SO-8 (Automotive grade) -40C, +125 C TSSOP8 TSSOP8 (Automotive grade) SO-14 SO-14 (Automotive grade) TSSOP14 TSSOP14 (Automotive grade) Packaging Tape & reel Tape & reel Tube or tape & reel Tube or tape & reel Tape & reel Tape & reel Tube or tape & reel Tube or tape & reel Tape & reel Tape & reel Marking K177 K176 K180 K185 LMV358 LMV358IY MV358 K181Y LMV324 V324Y MV324 V324IY
Order code
LMV321IYLT(1) LMV321RIYLT(2) LMV358ID LMV358IDT LMV358IYD(1) LMV358IYDT(1) LMV358IPT LMV358IYPT(2) LMV324ID LMV324IDT LMV324IYD(1) LMV324IYDT(1) LMV324IPT LMV324IYPT(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent. 2. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 & Q 002 or equivalent are ongoing.
14/16
Doc ID 11887 Rev 4
LMV321, LMV358, LMV324
Revision history
5
Revision history
Table 11.
Date 1-Dec-2005 25-May-2007
Document revision history
Revision 1 2 Changes First release - Products in full production. Added automotive grade part numbers to order codes table. Moved order codes table to Section 4 on page 14. Added Figure 12: Noise versus frequency on page 7. Updated presentation of package information. Corrected footnote for automotive grade part numbers in order codes table. Updated document format. Updated packages in Chapter 3: Package information. Modified Note 1 and added Note 2 under Table 10: Order codes.
20-Feb-2008
3
18-Jan-2010
4
Doc ID 11887 Rev 4
15/16
LMV321, LMV358, LMV324
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2010 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Philippines - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
16/16
Doc ID 11887 Rev 4


▲Up To Search▲   

 
Price & Availability of LMV32110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X