Part Number Hot Search : 
4105CK SMF06020 C144E ON0216 8C43S8R NJM2268V CV10814 SBT3906
Product Description
Full Text Search
 

To Download LCC-20K4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LCD MODULES
LCC-20K4, LCD Character Module 20 x 4
FEATURES
5 x 7 DOTS WITH CURSOR BUILT-IN CONTROLLER (KS0066 OR EQUIVALENT) 5 V POWER SUPPLY 1/16 DUTY CYCLE 4.2 V LED FORWARD VOLTAGE
Supply Voltage Supply Current Input Voltage "HIGH" Level "LOW" Level "HIGH" Level "LOW" Level VDD-VSS IDD VIH VIL VOH VOL
ELECTRICAL CHARACTERISTICS
ITEM
LCD Operating Voltage VDD-VO
SYMBOL CONDITION MIN. TYP. MAX. UNIT
o T=0 C o T=25 C
4.7 2.2 0 2.4 -
4.8 4.5 4.2 5 3.2 -
5.3 6 VDD 0.6 0.4
V V V V mA V V V V
T=50 C
o
-
MECHANICAL DATA
ITEM
Module Size (W x H x T) Viewing Area ( W x H ) Character Size ( W x H ) Character Pitch (W x H) Dot Size ( W x H ) Dot Pitch ( W x H )
Output
DIMENSIONS
118.0 x 43.0 x 8.8 ( 12.7 LED ) 77.0 x 26.3 2.95 x 4.75 3.55 x 5.35 0.55 x 0.55 0.60 x 0.60
UNIT
mm mm mm mm mm mm
Voltage
BLOCK DIAGRAM
INTERFACE PIN CONNECTIONS
NO.
1 2 3 4 5 6 7 8
SYMBOL
VSS VDD VO RS R/W E DB0 DB1
FUNCTION
Supply Ground Supply Voltage Contrast Adj. Register Select Read/Write Enable Signal Data Bit 0 Data Bit 1
NO. SYMBOL
9 10 11 12 13 14 15 16 DB2 DB3 DB4 DB5 DB6 DB7 A K
FUNCTION
Data Bit 2 Data Bit 3 Data Bit 4 Data Bit 5 Data Bit 6 Data Bit 7 LED Power LED Power
EXTERNAL DIMENSIONS
DELTA COMPONENTS Auweg 27 D-79761 Waldshut-Tiengen Tel: +49/7751/8399-0 Fax: +49/7751/8399-99 Mail: info@delta-components.de www.delta-components.de


▲Up To Search▲   

 
Price & Availability of LCC-20K4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X