Part Number Hot Search : 
TA8186 0T024 0T024 UR18650Y MJE1102 OV7141 152M50 BR8D5
Product Description
Full Text Search
 

To Download LAN1059-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAN1059-50
10/100BASE-Tx Magnetics Module
Meets IEEE 802.3 standard RoHS Compliant Single port configuration Design for 100base-Tx transmission over UTP-5 cable Operating Temperature: 0~70
Electrical Specification @25
OCL: Hi-POT : Turn Ratio: D.C.R: Insertion Loss: Return Loss: D.C.M.R : Cross Talk : 350uH Min. @100KHz/0.1V with 8mA DC Bias 1500Vrms. 1CT:1CT2% 1.5 ohm Max. -1.1dB Max.@1-100MHz 40-50MHz -13dB Min. 60MHz -37dB Min. 60MHz -40dB Min.
1-30MHz -16dB Min. 30MHz -43dB Min. 30MHz -45dB Min.
60-80MHz -10dB Min 100MHz -33dB Min. 100MHz -33dB Min.
Dimensions
Schematic
A
12.7 0.46TYP 1.9 8.89
T1 1 2 3 CH1 16 15 14
C
6.9
LAN****
X DATE CODE G
9.4 B
6.86 10.67
T2 6 CH3 11 10 9
1.27TYP
0.64
1.27
7 8
5.65 0.250.13
D
0~8
0.250.10
0.89
Mark
1.LAN****----LAN1059 2. X----PRODUCT LINE
Units: mm Unless otherwise specified, all tolerances are 0.25
3. DATE CODE----YYWW 4. G----RoHS


▲Up To Search▲   

 
Price & Availability of LAN1059-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X