Part Number Hot Search : 
CXA21 40240 B99003 ZRA12501 7427114 8840JE 3Y26B 7427114
Product Description
Full Text Search
 

To Download JY-12W-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER RELAY
1 POLE-- 3, 5 A (MEDIUM LOAD CONTROL)
JY SERIES
n
l l l l l l l l
RoHS compliant
l
UL, CSA, VDE recognized High sensitivity and low power consumption High isolation Wide operating range DIL pitch terminals Plastic sealed type Socket mounting type and socket available Compatible with solid state relays type SJ (see page 365, 366) in size and pin (terminal) arrangement RoHS compliant since date code: 0514Please see page 6 for more information
FEATURES
n
ORDERING INFORMATION
JY - 12 (a) (*) (b) H (c)
[Example]
(a) (b) (c)
E - K P*2 (d) (e) (f )
JY : JY Series Refer to the COIL DATA CHART Nil : 3 A (Single contact) H : 5 A (Single contact) W : 3A (Bifurcated contact) Nil : Gold-plate silver cadmium oxide (single type) Nil : Gold overlay silver alloy (bifurcated) E : Silver cadmium oxide (single type) K : Plastic sealed type Nil:PCboardmountingtype P : Socket mounting type (without JY-W)
Series Name Nominal Voltage Contact Style
(d) (e) (f )
Contact Material Enclosure TerminalClassification
Note: 1. Actual marking omits the hyphen (-) of (*) 2. Actual marking omits the P of (*2)
1
JY SERIES
n COIL DATA CHART
MODEL 5 A Type JY-( ) H, JY-( ) HE JY-4.5H()-K JY-5H()-K JY-6H()-K JY-9H()-K JY-12H()-K JY-18H()-K JY-24H()-K JY-48H()-K JY-101-K JY-105-K JY-107-K 3 A Type JY-( ), JY-( ) W, JY-( )E JY-4.5()-K JY-5()-K JY-6()-K JY-9()-K JY-12()-K JY-18()-K JY-24()-K JY-48()-K 4.5VDC 5VDC 6VDC 9VDC 12VDC 18VDC 24VDC 48VDC 23.5VDC 12VDC 5VDC 100 125 180 405 720 1,620 2,880 6,400 2,760 720 125 3.1VDC 3.5VDC 4.2VDC 6.3VDC 8.4VDC 12.6VDC 16.8VDC 32.6VDC 15.5VDC 8.4VDC 3.5VDC 0.23VDC 0.25VDC 0.3VDC 0.45VDC 0.6VDC 0.9VDC 1.2VDC 2.4VDC 1.18VDC 0.6VDC 0.25VDC 200mW 200mW 200mW 200mW 200mW 200mW 200mW 360mW 200mW 200mW 200mW Nominal Coil resistance voltage (10%) Must operate voltage*1 Must release voltage*1 Nominal power
Note: All values in the table are measured at 20C.
*1Specifiedvaluesaresubjecttopulsewavevoltage.
2
JY SERIES
n SPECIFICATIONS
Item Contact Arrangement Material Configuration Resistance (initial) (at 1A 6 VDC) Rating (resistive) Maximum Carrying Current Maximum Switching Power Maximum Switching Voltage Maximum Switching Current Minimum Switching Load*1 Coil Nominal Power (at 20C) Operate Power (at 20C) Operating Temperature Time Value Insulation Operate (at nominal voltage) Release (at nominal voltage) Resistance(initial) between open contacts Dielectric Strength between coil and contacts Surge Strength Life Other Mechanical Electrical Vibration Misoperation Resistance Endurance Shock Misoperation Resistance Endurance Weight 3 A Type JY-( ) W Gold-overlay silver alloy JY-( ) JY-( ) E 1 form A (SPST-NO) 5 A Type JY-( ) H JY-( ) HE Silver cadmium oxide Max.100m
Gold-plate Gold-plate Silver cadmium silver cadmium silver cadmium oxide oxide oxide
BifurcatedSingle Maximum30m 3 A 250 VAC or 3 A 30 VDC 5A 750 VA, 90 W 250 VAC, 150 VDC 3A 0.1 mA 100 mVDC 10 mA 5 VDC 100 mA 5 VDC 200 mW (48 V type: 360 mW) 100m W (48 V type: 170 mW) -40C to +90C (no frost) (48V type: +80C) Maximum 6 ms Maximum 3 ms Minimum1,000M(at500VDC) 750 VAC 1 minute 2,000 VAC 1 minute 4,000 V (at 1.2 x 50 s standard wave) 2 x 10 7 operations minimum 1 x 10 5 operations minimum (contact rating) 10 to 55 Hz (double amplitude of 1.5 mm) 10 to 55 Hz (double amplitude of 4.5 mm) 100 m/s 2 (111 ms) 1,000 m/s 2 (61 ms) Approximately 5 g 5 A (3A when used with used with socket) 10 mA 5 VDC 100 mA 5 VDC 1,250 VA, 150 W Max.100m Max.30m 5 A 250 VAC or 5 A 30 VDC
*1Minimumswitchingloadsmentionedabovearereferencevalues.Pleaseperformtheconfirmationtestwiththeactual load before production since reference values may vary according to switching frequencies, environmental conditions and expected reliability levels.
3
JY SERIES
n
Item
INSULATION
5A Min.1,000M 750 VAC 1min. 2,000 VAC 1 min. 4,000V 1.2 x 50s standard wave open contacts coil and contacts 3A
Resistance (500VDC) Dielectric strength
Surge voltage
n SAFETY STANDARD AND FILE NUMBERS
Type UL CSA Compliance UL 508 E56 140 C22.2 No. 14 LR35579 Contact rating Flammabiliaty: UL94V-0 (pastics) [JY-H, JY-HE] 5A, 250 VAC / 30 VDC (resistive) 1/8 HP, 125VAC, 250 VAC Pilot duty code C150 [JY, JY-W, JY-E] 3A, 250 VAC / 30 VDC (resistive) 1/10 HP, 125VAC, 250 VAC Pilot duty: C150
n REFERENCE DATA
4
JY SERIES
n REFERENCE DATA
5
JY SERIES
n DIMENSIONS
l
Dimensions
l Schematics (BOTTOM VIEW)
JY Type
l PC board mounting hole layout (BOTTOM VIEW)
Unit: mm
n SOCKET DIMENSIONS
l PC board mounting hole layout
n
1. Socket ordering code : JK-4N 2. Standard IC socket is not recommended. Please use socket "JK-4N".
NOTES
Unit: mm
6
JY SERIES
RoHS Compliance and Lead Free Relay Information
1. General Information
Relaysproducedafterthespecificdatecodethatisindicatedoneachdatasheetarelead-free now. All of our signal and power relays are lead-free. Please refer to Lead-Free Status Info. (http://www.fujitsu.com/us/downloads/MICRO/fcai/relays/lead-free-letter.pdf) l Lead free solder paste currently used in relays is Sn-3.0Ag-0.5Cu. l All signal and most power relays also comply with RoHS. Please refer to individual data sheets. Relays that are RoHS compliant do not contain the 5 hazardous materials that are restricted by RoHS directive (lead, mercury, chromium IV, PBB, PBDE). l Ithasbeenverifiedthatusinglead-freerelaysinleadedassemblyprocesswillnotcauseany problems (compatible). l "LF" is marked on each outer and inner carton. (No marking on individual relays). l Toavoidleadedrelays(forlead-freesample,etc.)pleaseconsultwithareasalesoffice. l We will ship leaded relays as long as the leaded relay inventory exists. Note: Cadmium was exempted from RoHS on October 21, 2005. (Amendment to Directive 2002/95/EC)
l
2. Recommended Lead Free Solder Profile
l
Recommended solder paste Sn-3.0Ag-0.5Cu.
Reflow Solder condtion Flow Solder condtion:
Pre-heating: Soldering: maximum120C dip within 5 sec. at 260Csolerbath
Solder by Soldering Iron:
Soldering Iron Temperature: maximum360C Duration: maximum 3 sec.
We highly recommend that you confirm your actual solder conditions
3. Moisture Sensitivity
Moisture Sensitivity Level standard is not applicable to electromechanical realys.
4. Tin Whisker
l
Dipped SnAgCu solder is known as low risk tin whisker. No considerable length whisker was found by our in house test.
7
JY SERIES
Fujitsu Components International Headquarter Offices
Japan FujitsuComponentLimited Gotanda-Chuo Building 3-5, Higashigotanda 2-chome, Shinagawa-ku Tokyo 141, Japan Tel: (81-3) 5449-7010 Fax: (81-3) 5449-2626 Email:promothq@ft.ed.fujitsu.com Web:www.fcl.fujitsu.com North and South America FujitsuComponentsAmerica,Inc. 250 E. Caribbean Drive Sunnyvale, CA 94089 U.S.A. Tel: (1-408) 745-4900 Fax: (1-408) 745-4970 Email:components@us.fujitsu.com Web:http://us.fujitsu.com/components/ Europe FujitsuComponentsEuropeB.V. Diamantlaan 25 2132 WV Hoofddorp Netherlands Tel: (31-23) 5560910 Fax: (31-23) 5560950 Email:info@fceu.fujitsu.com Web:http://www.fujitsu.com/emea/services/components/ Asia Pacific FujitsuComponentsAsiaLtd. 102EPasirPanjangRoad #04-01 Citilink Warehouse Complex Singapore 118529 Tel: (65) 6375-8560 Fax: (65) 6273-3021 Email:fcal@fcal.fujitsu.com Web:http://www.fujitsu.com/sg/services/micro/components/
(c)2007FujitsuComponentsAmerica,Inc.Allrightsreserved.Alltrademarksorregisteredtrademarksarethepropertyofftheirrespective owners. FujitsuComponentsAmericadoesnotwarrantthatthecontentofdatasheetiserrorfree.InacontinuingefforttoimproveourproductsFujitsu ComponentsAmerica,Inc.reservestherighttochangespecifications/datasheetswithoutpriornotice.Rev.November30,2007.
8


▲Up To Search▲   

 
Price & Availability of JY-12W-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X