Part Number Hot Search : 
20B1TR 18LF44 5KE400CA 1212S LT6232 74LVC1G1 T1214 NJU7002
Product Description
Full Text Search
 

To Download IRMCK311 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60338
IRMCK311
Dual Channel Sensorless Motor Control IC for Appliances
Features
MCE (Motion Control Engine) - Hardware based computation engine for high efficiency sinusoidal sensorless control of permanent magnet AC motor Integrated Power Factor Correction control Supports both interior and surface permanent magnet motors Built-in hardware peripheral for single shunt current feedback reconstruction No external current or voltage sensing operational amplifier required Dual channel three/two-phase Space Vector PWM Three-channel analog output (PWM) Embedded 8-bit high speed microcontroller (8051) for flexible I/O and man-machine control JTAG programming port for emulation/debugger Two serial communication interface (UART) I2C/SPI serial interface Watchdog timer with independent analog clock Three general purpose timers/counters Two special timers: periodic timer, capture timer Internal `One-Time Programmable' (OTP) memory and internal RAM for final production usage Pin compatible with IRMCF311 RAM version 1.8V/3.3V CMOS
TM
Product Summary
Maximum crystal frequency Maximum internal clock (SYSCLK) frequency Maximum 8051 clock frequency Sensorless control computation time MCE
TM
60 MHz 128 MHz 33 MHz 11 sec typ 16 bit signed 56K bytes 8K bytes 2 sec 16 bits/ SYSCLK 6 12 bits 2 sec 2 SYSCLK 8 bits 57.6K bps 14 QFP64 -40C ~ 85C
computation data range
8051 OTP Program memory MCE program and Data RAM GateKill latency (digital filtered) PWM carrier frequency counter A/D input channels A/D converter resolution A/D converter conversion speed 8051 instruction execution speed Analog output (PWM) resolution UART baud rate (typ) Number of I/O (max) Package (lead-free) Operating temperature
Description
IRMCK311 is a high performance OTP based motion control IC designed primarily for appliance applications. IRMCK311 is designed to achieve low cost and high performance control solutions for advanced inverterized appliance motor control. IRMCK311 contains two computation engines. One is Motion Control Engine (MCETM) for sensorless control of permanent magnet motors; the other is an 8-bit high-speed microcontroller (8051). Both computation engines are integrated into one monolithic chip. The MCETM contains a collection of control elements such as Proportional plus Integral, Vector rotator, Angle estimator, Multiply/Divide, Low loss SVPWM, Single Shunt IFB. The user can program a motion control algorithm by connecting these control elements using a graphic compiler. Key components of the sensorless control algorithms, such as the Angle Estimator, are provided as complete pre-defined control blocks implemented in hardware. A unique analog/digital circuit and algorithm to fully support single shunt current reconstruction is also provided. The 8051 microcontroller performs 2cycle instruction execution (16MIPS at 33MHz). The MCE and 8051 microcontroller are connected via dual port RAM to process signal monitoring and command input. An advanced graphic compiler for the MCETM is seamlessly integrated into the MATLAB/Simulink environment, while third party JTAG based emulator tools are supported for 8051 developments. IRMCK311 comes with a small QFP64 pin lead-free package.
Rev 1.0
IRMCK311
TABLE OF CONTENTS
Overview...................................................................................................................................... 5 IRMCK311 Block Diagram and Main Functions........................................................................ 6 Pinout........................................................................................................................................... 8 Input/Output of IRMCK311 ........................................................................................................ 9 4.1 8051 Peripheral Interface Group......................................................................................... 10 4.2 Motion Peripheral Interface Group ..................................................................................... 10 4.3 Analog Interface Group ...................................................................................................... 11 4.4 Power Interface Group ........................................................................................................ 11 4.5 Test Interface....................................................................................................................... 12 5 Application Connections ........................................................................................................... 13 6 DC Characteristics ..................................................................................................................... 14 6.1 Absolute Maximum Ratings ............................................................................................... 14 6.2 System Clock Frequency and Power Consumption............................................................ 14 6.3 Digital I/O DC Characteristics............................................................................................ 15 6.4 PLL and Oscillator DC Characteristics............................................................................... 15 6.5 Analog I/O DC Characteristics ........................................................................................... 16 6.6 Under Voltage Lockout DC Characteristics ....................................................................... 17 6.7 AREF Characteristics.......................................................................................................... 17 7 AC Characteristics ..................................................................................................................... 18 7.1 PLL AC Characteristics ...................................................................................................... 18 7.2 Analog to Digital Converter AC Characteristics ................................................................ 19 7.3 Op Amp AC Characteristics ............................................................................................... 19 7.4 SYNC to SVPWM and A/D Conversion AC Timing......................................................... 20 7.5 GATEKILL to SVPWM AC Timing.................................................................................. 21 7.6 Interrupt AC Timing ........................................................................................................... 21 7.7 I2C AC Timing .................................................................................................................... 22 7.8 SPI AC Timing.................................................................................................................... 23 7.8.1 SPI Write AC timing .................................................................................................... 23 7.8.2 SPI Read AC Timing.................................................................................................... 24 7.9 UART AC Timing .............................................................................................................. 25 7.10 CAPTURE Input AC Timing .......................................................................................... 26 7.11 JTAG AC Timing ............................................................................................................ 27 7.12 OTP Programming Timing .............................................................................................. 28 8 I/O Structure .............................................................................................................................. 29 9 Pin List....................................................................................................................................... 32 10 Package Dimensions............................................................................................................... 35 11 Part Marking Information....................................................................................................... 36 12 Ordering Information ............................................................................................................. 36 1 2 3 4
www.irf.com
2
(c) 2007 International Rectifier
IRMCK311
TABLE OF FIGURES
Figure 1. Typical Application Block Diagram Using IRMCK311 .......................................5 Figure 2. IRMCK311 Internal Block Diagram ...................................................................6 Figure 3. IRMCK311 Pin Configuration ............................................................................8 Figure 4. Input/Output of IRMCK311................................................................................9 Figure 5. Application Connection of IRMCK311 .............................................................13 Figure 6. Clock Frequency vs. Power Consumption ......................................................14 Figure 7 Crystal oscillator circuit ....................................................................................18 Figure 8 Voltage droop of sample and hold ...................................................................19 Figure 9 SYNC to SVPWM and A/D conversion AC Timing...........................................20 Figure 10 GATEKILL to SVPWM AC Timing ....................................................................21 Figure 11 Interrupt AC Timing ........................................................................................21 Figure 12 I2C AC Timing ................................................................................................22 Figure 13 SPI AC Timing ...............................................................................................23 Figure 14 SPI Read AC Timing ......................................................................................24 Figure 15 UART AC Timing............................................................................................25 Figure 16 CAPTURE Input AC Timing ...........................................................................26 Figure 17 JTAG AC Timing ............................................................................................27 Figure 18 OTP Programming Timing .............................................................................28 Figure 19 All digital I/O except motor PWM output ...........................................................29 Figure 20 RESET, GATEKILL I/O.....................................................................................29 Figure 21 Analog input......................................................................................................30 Figure 22 Analog operational amplifier output and AREF I/O structure..........................30 Figure 23 VPP programming pin I/O structure .............................................................30 Figure 24 VSS and AVSS pin structure ............................................................................31 Figure 25 VDD1 and VDDCAP pin structure ....................................................................31 Figure 26 XTAL0/XTAL1 pins structure..........................................................................31
www.irf.com
3
(c) 2007 International Rectifier
IRMCK311
TABLE OF TABLES
Table 1. Table 2. Table 3. Table 4. Table 5. Table 6. Table 7. Table 8. Table 9. Table 10. Table 11. Table 12. Table 13. Table 14. Table 15. Table 16. Table 17. Table 18. Table 19. Table 20. Table 21. Absolute Maximum Ratings............................................................................................ 14 System Clock Frequency................................................................................................. 14 Digital I/O DC Characteristics ........................................................................................ 15 PLL DC Characteristics .................................................................................................. 15 Analog I/O DC Characteristics ....................................................................................... 16 UVcc DC Characteristics ................................................................................................ 17 AREF DC Characteristics ............................................................................................... 17 PLL AC Characteristics .................................................................................................. 18 A/D Converter AC Characteristics.................................................................................. 19 Current Sensing OP Amp AC Characteristics............................................................... 19 SYNC AC Characteristics............................................................................................. 20 GATEKILL to SVPWM AC Timing ............................................................................ 21 Interrupt AC Timing...................................................................................................... 21 I2C AC Timing .............................................................................................................. 22 SPI Write AC Timing.................................................................................................... 23 SPI Read AC Timing..................................................................................................... 24 UART AC Timing......................................................................................................... 25 CAPTURE AC Timing ................................................................................................. 26 JTAG AC Timing.......................................................................................................... 27 OTP Programming Timing............................................................................................ 28 Pin List .......................................................................................................................... 32
www.irf.com
4
(c) 2007 International Rectifier
IRMCK311 1 Overview
IRMCK311 is a new International Rectifier integrated circuit device primarily designed as a onechip solution for complete inverter controlled appliance dual motor control applications. Unlike a traditional microcontroller or DSP, the IRMCK311 provides a built-in closed loop sensorless control algorithm using the unique Motion Control Engine (MCETM) for permanent magnet motors. The MCETM consists of a collection of control elements, motion peripherals, a dedicated motion control sequencer and dual port RAM to map internal signal nodes. IRMCK311 also employs a unique single shunt current reconstruction circuit to eliminate additional analog/digital circuitry and enables a direct shunt resistor interface to the IC. The sensorless control is the same for both motors with a single shunt current sensing capability. Motion control programming is achieved using a dedicated graphical compiler integrated into the MATLAB/SimulinkTM development environment. Sequencing, user interface, host communication, and upper layer control tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051 microcontroller is equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows a typical application schematic using IRMCK311. IRMCK311 is intended for volume production purpose and contains 64K bytes of OTP (One Time Programming) ROM, which can be programmed through a JTAG port. For a development purpose use, IRMCF311 contains a 48k byte of RAM in place of program OTP to facilitate an application development work. Both IRMCF311 and IRMCK311 come in the same 64-pin QFP package with identical pin configuration to facilitate PC board layout and transition to mass production
Figure 1. Typical Application Block Diagram Using IRMCK311
www.irf.com
5
(c) 2007 International Rectifier
IRMCK311 2 IRMCK311 Block Diagram and Main Functions
IRMCK311 block diagram is shown in Figure 2.
8bit uP Address/Data bus
Figure 2.
IRMCK311 Internal Block Diagram
IRMCK311 contains the following functions for sensorless AC motor control applications: * Motion Control Engine (MCETM) o Proportional plus Integral block o Low pass filter o Differentiator and lag (high pass filter) o Ramp o Limit o Angle estimate (sensorless control) o Inverse Clark transformation o Vector rotator o Bit latch o Peak detect o Transition
(c) 2007 International Rectifier
www.irf.com
6
Motion Control Bus
IRMCK311
o o o o o o o o o o o o o o * Multiply-divide (signed and unsigned) Divide (signed and unsigned) Adder Subtractor Comparator Counter Accumulator Switch Shift ATAN (arc tangent) Function block (any curve fitting, nonlinear function) 16-bit wide Logic operations (AND, OR, XOR, NOT, NEGATE) MCETM program and data memory (6K byte). Note 1 MCETM control sequencer
8051 microcontroller o Three 16-bit timer/counters o 16-bit periodic timer o 16-bit analog watchdog timer o 16-bit capture timer o Up to 36 discrete I/Os o Eleven-channel 12-bit A/D Five buffered channels (0 - 1.2V input) One unbuffered channel (0 - 1.2V input) o JTAG port (4 pins) o Up to three channels of analog output (8-bit PWM) o Two UART o I2C/SPI port o 64K byte Note 1program One-Time Programmable memory o 2K byte data RAM. Note 2 Note 1: Total size of OTP memory is 64K byte, however MCE program occupies maximum 8K byte which will be loaded into internal RAM at a powerup/boot process. Therefore only 56K byte OTP memory area is usable for 8051 microcontroller. Note 2: Total size of RAM is 8K byte including MCE program, MCE data, and 8051 data. Different sizes can be allocated depending on applications.
www.irf.com
7
(c) 2007 International Rectifier
IRMCK311 3 Pinout
SCL/SO-SI/VPP P5.0/PFCGKILL
P3.6/RXD1
P3.7/TXD1
P3.2/INT0
P5.2/TDO
P5.1/TMS
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 XTAL0 XTAL1 P1.1/RXD P1.2/TXD P1.3/SYNC/SCK P1.4/CAP VDD2 VSS VDD1 FGATEKILL FPWMWL FPWMWH FPWMVL FPWMVH FPWMUL FPWMUH 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 P3.0/INT2/CS1 CPWMUH CPWMUL CPWMVH CPWMVL CPWMWH CPWMWL CGATEKILL VDD1 VSS IPFCIPFC+ IPFCO VACO VACVAC+
(Top View)
IFBF-
AVDD
IFBF+
IFBFO
IFBC-
PFCPWM IFBC+
SDA/CS0
PLLVDD
PLLVSS
RESET
TCK
P5.3/TDI
VSS
NC
CMEXT
P2.6/AOPWM0
P2.7/AOPWM1
Figure 3. IRMCK311 Pin Configuration
www.irf.com
IFBCO
(c) 2007 International Rectifier
AVSS
8
AREF
VSS
VDD2
AIN0
AIN1
IRMCK311 4 Input/Output of IRMCK311
All I/O signals of IRMCK311 are shown in Figure 4. All I/O pins are 3.3V logic interface except A/D interface pins.
Figure 4. Input/Output of IRMCK311
www.irf.com
9
(c) 2007 International Rectifier
IRMCK311
4.1 8051 Peripheral Interface Group
Input, Receive data to IRMCK311, can be configured as P1.1 Output, Transmit data from IRMCK311, can be configured as P1.2 Input, 2nd channel Receive data to IRMCK311, can be configured as P3.6 Output, 2nd channel Transmit data from IRMCK311, can be configured as P3.7
UART Interface P1.1/RXD P1.2/TXD P3.6/RXD1 P3.7/TXD1
Discrete I/O Interface P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock P1.4/CAP Input/output port 1.4, can be configured as Capture Timer input P3.0/INT2/CS1 Input/output port 3.0, can be configured as external interrupt 2 or SPI chip select 1 P3.2/INT0 Input/output port 3.2, can be configured as external interrupt 0 Analog Output Interface P2.6/AOPWM0 Input/output, can be configured as 8-bit PWM output 0 with programmable carrier frequency P2.7/AOPWM1 Input/output, can be configured as 8-bit PWM output 1 with programmable carrier frequency Crystal Interface XTAL0 XTAL1 Reset Interface RESET Input, connected to crystal Output, connected to crystal Inout, system reset, needs to be pulled up to VDD1 but doesn't require external RC time constant
I2C/SPI Interface SCL/SO-SI/VPP Output, I2C clock output, SPI SO-SI SDA/CS0 Input/output, I2C Data line, Chip Select 0 of SPI P3.0/INT2/CS1 Input/output port 3.0, can be configured as external interrupt 2 or SPI chip select 1 P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock
4.2
Motion Peripheral Interface Group
Output, motor 1 PWM phase U high side gate signal Output, motor 1 PWM phase U low side gate signal Output, motor 1 PWM phase V high side gate signal Output, motor 1 PWM phase V low side gate signal Output, motor 1 PWM phase W high side gate signal Output, motor 1 PWM phase W low side gate signal Output, motor 2 PWM phase U high side gate signal Output, motor 2 PWM phase U low side gate signal
(c) 2007 International Rectifier
PWM CPWMUH CPWMUL CPWMVH CPWMVL CPWMWH CPWMWL FPWMUH FPWMUL
www.irf.com
10
IRMCK311
FPWMVH FPWMVL FPWMWH FPWMWL PFCPWM Fault CGATEKILL P5.0/PFCGKILL FGATEKILL Output, motor 2 PWM phase V high side gate signal Output, motor 2 PWM phase V low side gate signal Output, motor 2 PWM phase W high side gate signal Output, motor 2 PWM phase W low side gate signal Output, PFC PWM Input, upon assertion, this negates all six PWM signals for motor 1, programmable logic sense Input, upon assertion, this negates PFCPWM signal, programmable logic sense, can be configured as discrete I/O in which case CGATEKILL negates PFCPWM Input, upon assertion, this negates all six PWM signals for motor 2, programmable logic sense
4.3
Analog Interface Group
Analog power (1.8V) Analog power return Buffered 0.6V output Unbuffered 0.6V, input to the AREF buffer, capacitor needs to be connected. Input, Operational amplifier positive input for shunt resistor current sensing of motor 1 Input, Operational amplifier negative input for shunt resistor current sensing of motor 1 Output, Operational amplifier output for shunt resistor current sensing of motor 1 Input, Operational amplifier positive input for shunt resistor current sensing of motor 2 Input, Operational amplifier negative input for shunt resistor current sensing of motor 2 Output, Operational amplifier output for shunt resistor current sensing of motor 2 Input, Operational amplifier positive input for PFC current sensing Input, Operational amplifier negative input for PFC current sensing Output, Operational amplifier output for PFC current sensing Input, Operational amplifier positive input for PFC AC voltage sensing Input, Operational amplifier negative input for PFC AC voltage sensing Output, Operational amplifier output for PFC AC voltage sensing Input, Operational amplifier positive input for DC bus voltage sensing Input, Operational amplifier negative input for DC bus voltage sensing Input/Output, Analog input channel 0 or Operational amplifier output for DC bus voltage sensing Input, Analog input channel 1 (0-1.2V), needs to be pulled down to AVSS if unused
AVDD AVSS AREF CMEXT IFBC+ IFBCIFBCO IFBF+ IFBFIFBFO IPFC+ IPFCIPFO VAC+ VACVACO VDC+ VDCAIN0/VDCO AIN1
4.4
Power Interface Group
Digital power for I/O (3.3V) Digital power for core logic (1.8V)
11 (c) 2007 International Rectifier
VDD1 VDD2
www.irf.com
IRMCK311
VSS PLLVDD PLLVSS SCL/SO-SI/VPP Digital common PLL power (1.8V) PLL ground return OTP programming supply. Can be left open in OTP read mode (normal)
4.5
Test Interface
Input, JTAG test data input Input, JTAG test mode select Input, JTAG test clock Output, JTAG test data output
P5.3/TDI P5.1/TMS TCK P5.2/TDO
www.irf.com
12
(c) 2007 International Rectifier
IRMCK311 5 Application Connections
Typical application connection is shown in Figure 5. All components necessary to implement a complete sensorless drive control algorithm are shown connected to IRMCK311.
CPWMUH
System Clock
4 MHz Crystal
XTAL0 XTAL1 PLLVDD(1.8V) PLLVSS
PLL Logic
System clock
To indoor unit Microcontroller (UART) To other Host (UART) Other communication (I2C)
P1.2/TXD P1.1/RXD P3.7/TXD1 P3.6/RXD1 SDA/CS0 SCL/SO-SI
UART0 UART1 I2C
Motion Control Modules Dual Port Memory (512B) & MCE Memory (5.5KB)
Low Loss Space Vector PWM Low Loss Space Vector PWM
CPWMUL CPWMVH CPWMVL CPWMWH CPWMWL CGATEKILL FPWMUH FPWMUL FPWMVH FPWMVL FPWMWH FPWMWL FGATEKILL
P1.3/SYNC/SCK P1.4/CAP
Digital I/O Control
P3.0/INT2/CS1
PORT1
Motion Control Sequencer S/H
PFC PWM
PFCPWM PFCGKILL 0.6V IFBC+ IFBCIFBCO IFBF+ 0.6V FAN motor DC bus shunt resistor 0.6V PFC DC bus shunt resistor Compressor DC bus shunt resistor
PORT3 S/H
Timer
RESET
IFBFIFBFO IPFC+
RESET
System Reset
Watchdog Timer Local RAM (2KB)
S/H
IPFCIPFCO
VAC+
P2.6/AOPWM0
PWM0
12bit A/D & MUX
VACVACO DC bus voltage
AC line voltage
AIN0
Analog Output
P2.7/AOPWM1
PWM1
Program OTP ROM (64KB)
AIN1 AREF CMEXT
Other analog input (0-1.2V) Optional External Voltage Reference (0.6V)
TCK
JTAG Control
P5.3/TDI P5.1/TMS P5.2/TDO
JTAG Interface
System Clock
8051 CPU
Clock divider
AVDD(1.8V) AVSS
6.75V
Power
3.3V 1.8V
SCL/SO-SI/VPP VDD1 VDD2 VSS
Figure 5. Application Connection of IRMCK311
www.irf.com
13
(c) 2007 International Rectifier
IRMCK311 6 DC Characteristics
6.1 Absolute Maximum Ratings
Parameter Min Typ Max Condition
Respect to VSS Respect to VSS Respect to VSS Respect to AVSS Respect to VSS Supply Voltage -0.3 V 3.6 V Supply Voltage -0.3 V 1.98 V OTP Programming -0.3V 7.0V Voltage Analog Input Voltage -0.3 V 1.98 V Digital Input Voltage -0.3 V 3.65 V Ambient Temperature -40 C 85 C Storage Temperature -65 C 150 C Table 1. Absolute Maximum Ratings
Symbol
VDD1 VDD2 VPP VIA VID TA TS
Caution: Stresses beyond those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and function of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not implied.
6.2
System Clock Frequency and Power Consumption
Parameter Min Typ Max Unit
MHz MHz System Clock 32 128 8051 Clock 32 Table 2. System Clock Frequency
Power Consumption
180 160 140 120 Power (mW) 100 80 60 40 20 0 0 20 40 60 80 100 120 140 MCE Frequency (MHz) 1.8V 3.3V Total Power
Symbol
SYSCLK 8051CLK
Figure 6. Clock Frequency vs. Power Consumption
www.irf.com
14
(c) 2007 International Rectifier
IRMCK311
6.3
VDD1 VDD2 VPP VIL VIH CIN IL IOL1(2) IOH1(2) IOL2(3) IOH2(3)
Digital I/O DC Characteristics
Parameter Min Typ Max Condition
Recommended Recommended Recommended Recommended Recommended
(1)
Symbol
Supply Voltage 3.0 V 3.3 V 3.6 V Supply Voltage 1.62 V 1.8 V 1.98 V OTP Programming 6.50V 6.75V 7.0V voltage Input Low Voltage -0.3 V 0.8 V Input High Voltage 2.0 V 3.6 V Input capacitance 3.6 pF Input leakage current 10 nA 1 A Low level output 8.9 mA 13.2 mA 15.2 mA current High level output 12.4 mA 24.8 mA 38 mA current Low level output 17.9 mA 26.3 mA 33.4 mA current High level output 24.6 mA 49.5 mA 81 mA current Table 3. Digital I/O DC Characteristics
(1)
VO = 3.3 V or 0 V VOL = 0.4 V = 2.4 V = 0.4 V = 2.4 V
VOH (1) VOL (1) VOH (1)
Note: (1) Data guaranteed by design. (2) Applied to SCL/SO-SI, SDA/CS0 pins. (3) Applied to P1.1/RXD, P1.2/TXD, P1.3/SYNC/SCK, P1.4/CAP, P2.6/AOPWM0, P2.7/AOPWM1, P3.0/INT2/CS1, P3.2/INT0, P3.6/RXD1, P3.7/TXD1, P5.0/PFCGKILL, P5.1/TMS, P5.2/TDO, P5.3/TDI, CGATEKILL, FGATEKILL, CPWMUL, CPWMUH, CPWMVL, CPWMVH, CPWMWL, CPWMWH, FPWMUL, FPWMUH, FPWMVL, FPWMVH, FPWMWL, FPWMWH, and PFCPWM pins.
6.4
VPLLVDD VIL OSC VIH OSC
PLL and Oscillator DC Characteristics
Parameter
Supply Voltage Oscillator Input Low Voltage Oscillator Input High Voltage Table 4.
Symbol
Min
1.62 V VPLLVSS
Typ
1.8 V -
Max
1.92 V 0.2* VPLLVDD VPLLVDD
(1)
Condition
Recommended VPLLVDD = 1.8 V VPLLVDD (1) = 1.8 V
0.8* VPLLVDD PLL DC Characteristics
Note: (1) Data guaranteed by design.
www.irf.com
15
(c) 2007 International Rectifier
IRMCK311
6.5 Analog I/O DC Characteristics
- OP amps for current sensing (IFBC+, IFBC-, IFBCO, IFBF+, IFBF-, IFBFO, IPFC+, IPFC-, IPFCO) CAREF = 1nF, CMEXT= 100nF. Unless specified, Ta = 25C.
Symbol
VAVDD VOFFSET VI VOUTSW CIN RFDBK
Parameter
Supply Voltage Input Offset Voltage Input Voltage Range OP amp output operating range Input capacitance OP amp feedback resistor
Min
1.71 V 0V 50 mV
(1)
Typ
1.8 V 3.6 pF -
Max
1.89 V 26 mV 1.2 V 1.2 V 20 k
Condition
Recommended VAVDD = 1.8 V Recommended VAVDD = 1.8 V
(1)
5 k
Requested between op amp output and negative input
(1) (1)
Operating Close loop 80 db Gain CMRR Common Mode 80 db Rejection Ratio ISRC Op amp output 1 mA source current ISNK Op amp output sink 100 A current Table 5. Analog I/O DC Characteristics Note: (1) Data guaranteed by design.
OP GAINCL
VOUT (1) VOUT (1)
= 0.6 V = 0.6 V
www.irf.com
16
(c) 2007 International Rectifier
6.6
Under Voltage Lockout DC Characteristics
- Based on AVDD (1.8V) Unless specified, Ta = 25C.
Symbol
UVCC+ UVCCUVCCH
Parameter
Min
Typ
Max
Condition
VDD1 = 3.3 V VDD1 = 3.3 V
UVcc positive going 1.53 V 1.66 V 1.71 V Threshold1) UVcc negative going 1.52 V 1.62 V 1.71 V Threshold UVcc Hysteresys 40 mV Table 6. UVcc DC Characteristics
Note: 1) Data guaranteed by design.
6.7
AREF Characteristics
Parameter Min Typ Max
(1)
CAREF = 1nF, CMEXT= 100nF. Unless specified, Ta = 25C.
Symbol
VAREF Vo PSRR
Condition
VAVDD (1) = 1.8 V
AREF Output Voltage 495 mV 600 mV 700 mV Load regulation (VDC-0.6) 1 mV Power Supply Rejection 75 db Ratio Table 7. AREF DC Characteristics
Note: (1) Data guaranteed by design.
Rev 1.0
IRMCK311 7 AC Characteristics
7.1
FCLKIN FPLL FLWPW JS D TLOCK
PLL AC Characteristics
Parameter Min Typ Max
(1) (1)
Symbol
Condition
(see figure below)
Crystal input 3.2 MHz 4 MHz 60 MHz frequency Internal clock 32 MHz 50 MHz 128 MHz frequency Sleep mode output FCLKIN / 256 frequency Short time jitter 200 psec Duty cycle 50 % PLL lock time 500 sec Table 8. PLL AC Characteristics
(1)
(1) (1) (1)
Note: (1) Data guaranteed by design.
R1=1M
R2=10
Xtal
C1=30PF C2=30PF
Figure 7 Crystal oscillator circuit
www.irf.com
18
(c) 2007 International Rectifier
IRMCK311
7.2 Analog to Digital Converter AC Characteristics
Parameter
Conversion time Sample/Hold maximum hold time
Unless specified, Ta = 25C.
Symbol
TCONV THOLD
Min
-
Typ
-
Max
2.05 sec 10 sec
(1)
Condition
Voltage droop 15 LSB (see figure below)
Table 9. A/D Converter AC Characteristics Note: (1) Data guaranteed by design.
Input Voltage Voltage droop S/H Voltage
tSAMPLE THOLD
Figure 8 Voltage droop of sample and hold
7.3
Op Amp AC Characteristics
- OP amps for current sensing (IFBC+, IFBC-, IFBCO, IFBF+, IFBF-, IFBFO, IPFC+, IPFC-, IPFCO) Unless specified, Ta = 25C.
Symbol
OPSR OPIMP TSET
Parameter
OP amp slew rate OP input impedance Settling time
Min
-
Typ
10 V/sec 108 400 ns
Max
(1)
Condition
VAVDD = 1.8 V, CL = 33 pF (1)
VAVDD = 1.8 V, CL = 33 pF (1) Table 10. Current Sensing OP Amp AC Characteristics
Note: (1) Data guaranteed by design.
www.irf.com
19
(c) 2007 International Rectifier
IRMCK311
7.4 SYNC to SVPWM and A/D Conversion AC Timing
twSYNC
SYNC
tdSYNC1
IU,IV,IW
tdSYNC2
AINx
tdSYNC3
PWMUx,PWMVx,PWMWx
Figure 9 SYNC to SVPWM and A/D conversion AC Timing Unless specified, Ta = 25C.
Symbol
twSYNC tdSYNC1 tdSYNC2 tdSYNC3
Parameter
Min
Typ
Max
Unit
SYSCLK SYSCLK SYSCLK
(1)
SYNC pulse width 32 100 SYNC to current feedback conversion time 200 SYNC to AIN0-6 analog input conversion time SYNC to PWM output 2 delay time Table 11. SYNC AC Characteristics
SYSCLK
Note: (1) AIN1 through AIN6 channels are converted once every 6 SYNC events
www.irf.com
20
(c) 2007 International Rectifier
IRMCK311
7.5 GATEKILL to SVPWM AC Timing
Figure 10 GATEKILL to SVPWM AC Timing Unless specified, Ta = 25C.
Symbol
twGK tdGK
Parameter
Min
Typ
Max
Unit
SYSCLK SYSCLK
GATEKILL pulse width 32 GATEKILL to PWM 100 output delay Table 12. GATEKILL to SVPWM AC Timing
7.6
Interrupt AC Timing
Figure 11 Interrupt AC Timing Unless specified, Ta = 25C.
Symbol
twINT tdINT
Parameter
Min
Typ
Max
Unit
SYSCLK SYSCLK
INT0, INT1 Interrupt 4 Assertion Time INT0, INT1 latency 4 Table 13. Interrupt AC Timing
www.irf.com
21
(c) 2007 International Rectifier
IRMCK311
7.7 I2C AC Timing
TI2CLK TI2CLK
SCL tI2WSETUP tI2WHOLD tI2RSETUP tI2RHOLD tI2EN2
tI2ST1 tI2ST2
tI2EN1
SDA
Figure 12 I2C AC Timing Unless specified, Ta = 25C.
Symbol
TI2CLK tI2ST1 tI2ST2 tI2WSETUP tI2WHOLD tI2RSETUP tI2RHOLD
2
Parameter
I C clock period I2C SDA start time I2C SCL start time I2C write setup time I2C write hold time I2C read setup time I2C read hold time
Min
Typ
Max
8192 -
Unit
SYSCLK TI2CLK TI2CLK TI2CLK TI2CLK SYSCLK SYSCLK
10 0.25 0.25 0.25 0.25 I2C filter time(1) 1 Table 14. I2C AC Timing
Note: (1) I2C read setup time is determined by the programmable filter time applied to I2C communication.
www.irf.com
22
(c) 2007 International Rectifier
IRMCK311
7.8 SPI AC Timing
7.8.1 SPI Write AC timing
Figure 13 SPI AC Timing Unless specified, Ta = 25C.
Symbol
TSPICLK tSPICLKHT tSPICLKLT tCSDELAY tWRDELAY tCSHIGH tCSHOLD
Parameter
Min
Typ
Max
Unit
SYSCLK TSPICLK TSPICLK nsec nsec TSPICLK TSPICLK
SPI clock period 4 SPI clock high time 1/2 SPI clock low time 1/2 CS to data delay time 10 CLK falling edge to data 10 delay time CS high time between two 1 consecutive byte transfer CS hold time 1 Table 15. SPI Write AC Timing
www.irf.com
23
(c) 2007 International Rectifier
IRMCK311
7.8.2 SPI Read AC Timing
Figure 14 SPI Read AC Timing Unless specified, Ta = 25C.
Symbol
TSPICLK tSPICLKHT tSPICLKLT tCSRD tRDSU tRDHOLD tCSHIGH tCSHOLD
Parameter
Min
Typ
Max
Unit
SYSCLK TSPICLK TSPICLK nsec nsec nsec TSPICLK TSPICLK
SPI clock period 4 SPI clock high time 1/2 SPI clock low time 1/2 CS to data delay time 10 SPI read data setup time 10 SPI read data hold time 10 CS high time between two 1 consecutive byte transfer CS hold time 1 Table 16. SPI Read AC Timing
www.irf.com
24
(c) 2007 International Rectifier
IRMCK311
7.9 UART AC Timing
TBAUD
TXD
Start Bit
RXD
Data and Parity Bit
Stop Bit
TUARTFIL
Figure 15 UART AC Timing
Unless specified, Ta = 25C.
Symbol
TBAUD TUARTFIL
Parameter
Min
Typ
Max
-
Unit
bit/sec TBAUD
Baud Rate Period 57600 UART sampling filter 1/16 period (1) Table 17. UART AC Timing
Note: (1) Each bit including start and stop bit is sampled three times at center of a bit at an interval of 1/16 TBAUD. If three sampled values do not agree, then UART noise error is generated.
www.irf.com
25
(c) 2007 International Rectifier
IRMCK311
7.10 CAPTURE Input AC Timing
Figure 16 CAPTURE Input AC Timing Unless specified, Ta = 25C.
Symbol
TCAPCLK tCAPHIGH tCAPLOW tCRDELAY tCLDELAY tINTDELAY
Parameter
Min
Typ
Max
4 4 4
Unit
SYSCLK SYSCLK SYSCLK SYSCLK SYSCLK SYSCLK
CAPTURE input period 8 CAPTURE input high 4 time CAPTURE input low 4 time CAPTURE falling edge to capture register latch time CAPTURE rising edge to capture register latch time CAPTURE input interrupt latency time Table 18. CAPTURE AC Timing
www.irf.com
26
(c) 2007 International Rectifier
IRMCK311
7.11 JTAG AC Timing
TJCLK
TCK
tJHIGH
tJLOW
tCO
TDO tJSETUP tJHOLD
TDI/TMS
Figure 17 JTAG AC Timing
Unless specified, Ta = 25C.
Symbol
TJCLK tJHIGH tJLOW tCO tJSETUP tJHOLD
Parameter
Min
Typ
Max
50 5 -
Unit
MHz nsec nsec nsec nsec nsec
TCK Period TCK High Period 10 TCK Low Period 10 TCK to TDO propagation 0 delay time TDI/TMS setup time 4 TDI/TMS hold time 0 Table 19. JTAG AC Timing
www.irf.com
27
(c) 2007 International Rectifier
IRMCK311
7.12 OTP Programming Timing
Figure 18 OTP Programming Timing Unless specified, Ta = 25C.
Symbol
TVPS TVPH
Parameter
Min
Typ
Max
Unit
nsec nsec
VPP Setup Time 10 VPP Hold Time 15 Table 20. OTP Programming Timing
www.irf.com
28
(c) 2007 International Rectifier
IRMCK311 8 I/O Structure
The following figure shows the motor PWM and digital I/O structure except the motor PWM output
Figure 19 All digital I/O except motor PWM output
The following figure shows RESET and GATEKILL I/O structure.
Figure 20 RESET, GATEKILL I/O
www.irf.com
29
(c) 2007 International Rectifier
IRMCK311
The following figure shows the analog input structure.
AVDD
Analog input
6.0V PIN 100 Analog Circuit
6.0V
AVSS
Figure 21 Analog input The following figure shows all analog operational amplifier output pins and AREF pin I/O structure.
1.8V
Analog output
6.0V PIN Analog Circuit
6.0V
AVSS
Figure 22 Analog operational amplifier output and AREF I/O structure The following figure shows the VPP pin I/O structure
Figure 23 VPP programming pin I/O structure
The following figure shows the VSS, AVSS and PLLVSS pin structure
www.irf.com (c) 2007 International Rectifier
30
IRMCK311
Figure 24 VSS, AVSS and PLLVSS pin structure The following figure shows the VDD1, VDD2, AVDD and PLLVDD pin structure
PIN
6.0V
VSS
Figure 25 VDD1, VDD2, AVDD and PLLVDD pin structure The following figure shows the XTAL0 and XTAL1 pins structure
Figure 26 XTAL0/XTAL1 pins structure
www.irf.com
31
(c) 2007 International Rectifier
IRMCK311 9 Pin List
Pin Number
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
www.irf.com
Pin Name
XTAL0 XTAL1 P1.1/RXD P1.2/TXD P1.3/SYNC/ SCK P1.4/CAP VDD2 VSS VDD1 FGATEKILL FPWMWL FPWMWH FPWMVL FPWMVH FPWMUL FPWMUH P2.6/ AOPWM0 P2.7/ AOPWM1 VDD2 VSS IFBFIFBF+ IFBFO AIN0 AVDD AVSS AIN1 AREF CMEXT
Internal IC Pull-up /Pull-down
Pin Type
I O I/O I/O I/O I/O P P P I
Description
Crystal input Crystal output Discrete programmable I/O or UART receive input Discrete programmable I/O or UART transmit output Discrete programmable I/O or SYNC output or SPI clock Discrete programmable I/O or Capture Timer input 1.8V digital power Digital common 3.3V digital power Fan PWM shutdown input, 2-sec digital filter, configurable either high or low true. Fan PWM gate drive for phase W low side, configurable either high or low true Fan PWM gate drive for phase W high side, configurable either high or low true Fan PWM gate drive for phase V low side, configurable either high or low true Fan PWM gate drive for phase V high side, configurable either high or low true Fan PWM gate drive for phase U low side, configurable either high or low true Fan PWM gate drive for phase U high side, configurable either high or low true Discrete programmable I/O or analog output 0 (PWM) Discrete programmable I/O or analog output 1 (PWM) 1.8V digital power Digital common Fan single shunt current sensing OP amp input (-) Fan single shunt current sensing OP amp input (+) Fan single shunt current sensing OP amp output Analog input channel 0, 0-1.2V range, needs to be pulled down to AVSS if unused 1.8V analog power Analog common Analog input channel 1, 0-1.2V range, needs to be pulled down to AVSS if unused Analog reference voltage output (0.6V) Unbuffered analog reference voltage output (0.6V)
(c) 2007 International Rectifier
70 k Pull up 70 k Pull up 70 k Pull up 70 k Pull up 70 k Pull up 70 k Pull up
O O O O O O I/O
P P I I O I P P I O O
32
IRMCK311
Pin Number
30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57
Pin Name
IFBCIFBC+ IFBCO VACVAC+ VACO IPFCO IPFC+ IPFCVSS VDD1 CGATEKILL CPWMWL CPWMWH CPWMVL CPWMVH CPWMUL CPWMUH P3.0/INT2 P5.0/ PFCGKILL PFCPWM P3.2/INT0 P3.6/RXD1 P3.7/TXD1 VSS SCL/SOSI/VPP SDA/CS0 P5.1/TMS
Internal IC Pull-up /Pull-down
Pin Type
I I O I I O O I I P P I
Description
Compressor single shunt current sensing OP amp input (-) Compressor single shunt current sensing OP amp input (+) Compressor single shunt current sensing OP amp output AC input voltage sensing OP amp input (-) AC input voltage sensing OP amp input (+) AC input voltage sensing OP amp output PFC shunt current sensing OP amp output PFC shunt current sensing OP amp input (+) PFC shunt current sensing OP amp input (-) Digital common 3.3V digital power Compressor PWM shutdown input, 2-sec digital filter, configurable either high or low true. Compressor PWM gate drive for phase W low side, configurable either high or low true Compressor PWM gate drive for phase W high side, configurable either high or low true Compressor PWM gate drive for phase V low side, configurable either high or low true Compressor PWM gate drive for phase V high side, configurable either high or low true Compressor PWM gate drive for phase U low side, configurable either high or low true Compressor PWM gate drive for phase U high side, configurable either high or low true Discrete programmable I/O or INT2 digital input Discrete programmable I/O or PFC PWM shutdown input, 2-sec digital filter, configurable either high or low true. PFC PWM gate drive, configurable either high or low true Discrete programmable I/O or INT0 input Discrete programmable I/O or 2nd UART receive input Discrete programmable I/O or 2nd UART transmit output Digital common I2C clock output or SPI data or OTP programming voltage I2C data or SPI chip select 0 Discrete programmable I/O or JTAG test mode select
33 (c) 2007 International Rectifier
70 k Pull up 70 k Pull up 70 k Pull up 70 k Pull up 70 k Pull up 70 k Pull up
O O O O O O I/O I
70 k Pull up
O I/O I/O I/O P I/O P I/O I/O
www.irf.com
IRMCK311
Pin Number
58 59 60 61 62 63 64
Pin Name
P5.2/TDO P5.3/TDI TCK N.C. RESET PLLVDD PLLVSS
Internal IC Pull-up /Pull-down
Pin Type
I/O
Description
Discrete programmable I/O or JTAG port test data output I/O Discrete programmable I/O or JTAG test data input I JTAG test clock No connection I/O Reset , low true, Schmitt trigger input P 1.8 V PLL power P PLL ground Table 21. Pin List
www.irf.com
34
(c) 2007 International Rectifier
IRMCK311 10 Package Dimensions
www.irf.com
35
(c) 2007 International Rectifier
IRMCK311 11 Part Marking Information
12 Ordering Information
Lead-Free Part in 64-lead QFP Moisture sensitivity rating - MSL3 Part number IRMCK311TY Order quantities 1600 parts on trays (160 parts per tray) in dry pack
The LQFP-100 is MSL3 qualified This product has been designed and qualified for the industrial level Qualification standards can be found at www.irf.com IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
Data and specifications subject to change without notice. 12/25/2007
www.irf.com
36
(c) 2007 International Rectifier


▲Up To Search▲   

 
Price & Availability of IRMCK311

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X