Part Number Hot Search : 
CT208 2SD1127 G150X ADP3331 MAX496 D74HC40 78H12A SR1100PT
Product Description
Full Text Search
 

To Download IRLML2060TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 97448
IRLML2060TRPBF
HEXFET(R) Power MOSFET
VDS VGS Max RDS(on) max
(@VGS = 10V)
60 16 480 640
V V m m
6 * '
Micro3TM (SOT-23) IRLML2060TRPBF
RDS(on) max
(@VGS = 4.5V)
Application(s)
* Load/ System Switch
Features and Benefits
Features
Industry-standard pinout Compatible with existing Surface Mount Techniques RoHS compliant containing no lead, no bromide and no halogen MSL1
Benefits
Multi-vendor compatibility results in Easier manufacturing Environmentally friendly Increased reliability
Absolute Maximum Ratings
Symbol
VDS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C PD @TA = 70C VGS TJ, TSTG
Parameter
Drain-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Junction and Storage Temperature Range
Max.
60 1.2 0.93 4.8 1.25 0.80 0.01 16 -55 to + 150
Units
V A
W W/C V C
Thermal Resistance
Symbol
RJA RJA
Parameter
Junction-to-Ambient
e
Typ.
--- ---
Max.
100 99
Units
C/W
Junction-to-Ambient (t<10s)
f
ORDERING INFORMATION: See detailed ordering and shipping information on the last page of this data sheet. Notes through are on page 10
www.irf.com
1
02/08/10
IRLML2060TRPBF
Electric Characteristics @ TJ = 25C (unless otherwise specified)
Symbol
V(BR)DSS
Parameter
Drain-to-Source Breakdown Voltage
Min. Typ. Max. Units
60 --- --- --- 1.0 --- --- --- --- --- 1.6 --- --- --- --- --- --- --- --- --- --- --- 0.06 356 475 --- --- --- --- --- 7.5 --- 0.67 0.18 0.40 4.9 3.8 3.7 2.8 64 13 6.6 --- --- 480 640 2.5 20 150 100 -100 --- --- --- --- --- --- --- --- --- --- --- --- pF ns nC V
Conditions
VGS = 0V, ID = 250A VGS = 10V, ID = 1.2A VDS = VGS, ID = 25A VDS = 60V, VGS = 0V VDS = 60V, VGS = 0V, TJ = 125C VGS = 16V VGS = -16V VDS = 25V, ID = 1.2A ID = 1.2A VDS = 30V VGS = 4.5V ID = 1.2A RG = 6.8 VGS = 4.5V VGS = 0V VDS = 25V = 1.0MHz
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(on) VGS(th) IDSS IGSS RG gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Internal Gate Resistance Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
V/C Reference to 25C, ID = 5.0mA m V A nA S VGS = 4.5V, ID = 0.96A
d d
VDD = 30Vd
d
Source - Drain Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 14 8.3 1.2 A 4.8 1.2 21 12 V ns nC
Conditions
MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 1.2A, VGS = 0V TJ = 25C, VR = 30V, IF=1.3A di/dt = 100A/s
d
d
2
www.irf.com
IRLML2060TRPBF
10
TOP VGS 10V 8.0V 4.5V 4.0V 3.8V 3.5V 3.3V 3.0V
10
TOP VGS 10V 8.0V 4.5V 4.0V 3.8V 3.5V 3.3V 3.0V
1
BOTTOM
ID, Drain-to-Source Current (A)
ID, Drain-to-Source Current (A)
1
BOTTOM
3.0V 0.1
0.1
3.0V
60s PULSE WIDTH
Tj = 25C 0.01 0.1 1 10 100 1000 V DS, Drain-to-Source Voltage (V)
60s PULSE WIDTH
Tj = 150C
0.01 0.1 1 10 100 1000 V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
10
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 1.2A 2.0
ID, Drain-to-Source Current (A)
VGS = 10V
1
T J = 150C
1.5
T J = 25C VDS = 25V 60s PULSE WIDTH 2 3 4 5 6
1.0
0.1
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 T J , Junction Temperature (C)
VGS, Gate-to-Source Voltage (V)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
www.irf.com
3
IRLML2060TRPBF
1000
VGS = 0V, f = 1 MHZ Ciss = C gs + Cgd, C ds SHORTED Crss = C gd Coss = Cds + Cgd
14.0 ID= 1.2A
VGS, Gate-to-Source Voltage (V)
12.0 10.0 8.0 6.0 4.0 2.0 0.0
C, Capacitance (pF)
VDS= 48V VDS= 30V VDS= 12V
100
Ciss Coss
10
Crss
1 1 10 VDS, Drain-to-Source Voltage (V) 100
0.0
0.5
1.0
1.5
2.0
QG, Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
10
100
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
10
OPERATION IN THIS AREA LIMITED BY R DS(on) 1msec 100sec
T J = 150C 1
T J = 25C
1 10msec
0.1
T A = 25C
VGS = 0V 0.1 0.5 0.6 0.7 0.8 0.9 1.0 1.1 VSD, Source-to-Drain Voltage (V)
0.01 0
Tj = 150C Single Pulse 1 10 100
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRLML2060TRPBF
1.2
VDS
1.0
ID, Drain Current (A)
RD
VGS RG VGS
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
0.8 0.6 0.4 0.2
VDS
-VDD
Fig 10a. Switching Time Test Circuit
0.0 25 50 75 100 125 150 T A , Ambient Temperature (C)
90%
Fig 9. Maximum Drain Current vs. Ambient Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1000
Thermal Response ( Z thJA ) C/W
100
D = 0.50 0.20 0.10 0.05 0.02 0.01
10
1
0.1
SINGLE PULSE ( THERMAL RESPONSE )
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + TA 0.001 0.01 0.1 1 10
0.01 1E-006
1E-005
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Typical Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRLML2060TRPBF
RDS(on), Drain-to -Source On Resistance ( m)
RDS(on), Drain-to -Source On Resistance (m )
1000 ID = 1.2A 800 T J = 125C 600
2000
1500 Vgs = 10V
1000 Vgs = 4.5V 500
400
T J = 25C
200 4 5 6 7 8 9 10
0 0 1 2 3 4 5 ID, Drain Current (A)
VGS, Gate -to -Source Voltage (V)
Fig 12. Typical On-Resistance vs. Gate Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
VGS
VG
QGS
QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 14a. Basic Gate Charge Waveform
Fig 14b. Gate Charge Test Circuit
6
www.irf.com
IRLML2060TRPBF
2.8
VGS(th) , Gate threshold Voltage (V)
100
2.6 2.4 2.2 2.0 1.8 1.6 1.4 1.2 -75 -50 -25 0 25 50 75 100 125 150 T J , Temperature ( C )
0 1 10 100 1000 10000 100000 Time (sec)
ID = 250A
Power (W)
80
60
ID = 25A
40
20
Fig 15. Typical Threshold Voltage vs. Junction Temperature
Fig 16. Typical Power vs. Time
www.irf.com
7
IRLML2060TRPBF
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
6 D
A A2
DIMENSIONS
A 5
SYMBOL
MILLIMETERS MIN MAX
INCHES MIN MAX
3 6 E1 1 2
C
E
0.15 [0.006] M C B A
0.10 [0.004] C
A1
5
B
e e1
NOTES:
3X b
0.20 [0.008] M C B A
H4
L1
Recommended Footprint
c
A A1 A2 b c D E E1 e e1 L L1 L2
0.972
0.950
0.89 0.01 0.88 0.30 0.08 2.80 2.10 1.20 0.95 1.90 0.40 0.54 0.25 0
1.12 0.10 1.02 0.50 0.20 3.04 2.64 1.40 BSC BSC 0.60 REF BSC 8
"$ 0.0004 "$ ! " '" #& "& &$ % ! 0
## # # ! ' ! # $$ 7T8 7T8A !# REF BSC 8
L2 3X L 7
0.802
2.742
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994 2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 3. CONTROLLING DIMENSION: MILLIMETER. 4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE. 5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H. 6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE. 7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE. 8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.
1.900
Micro3 (SOT-23/TO-236AB) Part Marking Information
96U@A8P9@ Q6SUAIVH7@S XA2A !%ADAAQS@8@9@9A7AG6TUA9DBDUAPAA86G@I96SA@6S G@69AAS@@ @6S ! !! !" !# !$ !% !& !' !( ! ! " # $ % & ' ( XPSF X@@F ! " # X 6 7 8 9
8AXDS@ GPUA8P9@ C6GPB@IAAS@@ YA2AQ6SUAIVH7@SA8P9@AS@A@S@I8@) 6A2ADSGHG!#! 7A2ADSGHG!'" 8A2ADSGHG%"! 9A2ADSGHG$ " @A2ADSGHG%#! AA2ADSGHG%# BA2ADSGHG!$! CA2ADSGHG$!" DAA2ADSGHG" EA2ADSGHG!" FA2ADSGHG GA2ADSGHG% HA2ADSGHG# IA2ADSGHG!% QA2ADSGHG(" SA2ADSGHG(""
!# !$ !% XPSF X@@F !& !' !( "
Y a
XA2A!&$!ADAAQS@8@9@9A7A6AG@UU@S @6S ! !! !" !# !$ !% !& !' !( ! 6 7 8 9 @ A B C E F X 6 7 8 9
Ir)A6AyvrAhirAurAxArrx hAuAurrAvqvphrAGrhqAAArr
$ $ $!
Y a
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
8
www.irf.com
IRLML2060TRPBF
Micro3TM Tape & Reel Information
Dimensions are shown in millimeters (inches)
2.05 ( .080 ) 1.95 ( .077 ) 4.1 ( .161 ) 3.9 ( .154 )
1.6 ( .062 ) 1.5 ( .060 )
1.85 ( .072 ) 1.65 ( .065 )
1.32 ( .051 ) 1.12 ( .045 )
TR
3.55 ( .139 ) 3.45 ( .136 )
8.3 ( .326 ) 7.9 ( .312 )
FEED DIRECTION
4.1 ( .161 ) 3.9 ( .154 )
1.1 ( .043 ) 0.9 ( .036 )
0.35 ( .013 ) 0.25 ( .010 )
178.00 ( 7.008 ) MAX.
9.90 ( .390 ) 8.40 ( .331 ) NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
www.irf.com
9
IRLML2060TRPBF
Orderable part number IRLML2060TRPBF
Qualification information Qualification level Moisture Sensitivity Level RoHS compliant Micro3
Cons umer (per JE DE C JE S D47F

Package Type Micro3
Standard Pack Form Quantity Tape and Reel 3000
Note
guidelines ) MS L1
(per IPC/JE DE C J-S T D-020D Yes
)

Qualification standards can be found at International Rectifier's web site http://www.irf.com/product-info/reliability Higher qualification ratings may be available should the user have such requirements. Please contact your International Rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/ Applicable version of JEDEC standard at the time of product release.
Notes: Repetitive rating; pulse width limited by max. junction temperature. Pulse width 400s; duty cycle 2%. Surface mounted on 1 in square Cu board. Refer to application note #AN-994.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 02/2010
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRLML2060TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X