Part Number Hot Search : 
40140 2SD1328 ADP3182 MD5021T S15L45 MV6400A 167BZX 8AEMF713
Product Description
Full Text Search
 

To Download HER107R1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101R1 THRU HER108R1
Elektronische Bauelemente
RoHS Compliant Product A suffix of "-C" specifies halogen-free
VOLTAGE 50V ~ 1000V 1.0 AMP High Efficiency Rectifier
R-1
FEATURES
. Low Forward Voltage Drop . High Current Capability . High Reliability . High Surge Current Capability . High Speed Switching
.102(2.6) .087(2.2) DIA. 0.787(20.0) MIN.
.138(3.5) .114(2.9)
MECHANICAL DATA
. Case: Molded Plastic . Epoxy: UL 94V-0 Rate Flame Retardant . Lead: Axial Lead, Solder Able per MIL-STD-202,
Method 208 Guaranteed
.025(0.6) .021(0.5) DIA.
0.787(20.0 MIN.
Dimensions in inches and (millimeters)
. Polarity: Color Band Denotes Cathode End . Mounting Position: Any . Weight: 0.19 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
HER101R1 HER102R1 HER103R1 TYPE NUMBER Maximum Recurrent Peak Reverse Voltage 50 100 200 Maximum RMS Voltage 35 70 140 Maximum DC Blocking Voltage 50 100 200 Maximum Average Forward Rectified Current, .375" (9.5mm) Lead Length at Ta = 55 Peak Forward Surge Current, 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.0A 1.0 Maximum DC Reverse Current Ta = 25 at Rated DC Blocking Voltage Ta = 100 Maximum Reverse Recovery Time (Note 1) 50 Typical Junction Capacitance (Note2) 20 Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: 1. Reverse Recovery Time Test Condition: IF = 0.5A, IR = 1.0A, IRR = 0.25A 2. Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C. HER104R1 HER105R1 HER106R1 HER107R1 HER108R1
300 210 300 1.0 25
400 280 400
600 420 600
800 560 800
1000 700 1000
UNITS V V V A A
1.3 5.0 100
1.7
V A
75 15 -65 ~ +150 -65 ~ +150
ns pF
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 1 of 2
HER101R1 THRU HER108R1
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 1.0 AMP High Efficiency Rectifier
RATING AND CHARACTERISTIC CURVES ( HER101R1 THRU HER108R1 )
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT,(A) 1.2 1.0 0.8 0.6
Single Phase
FIG.1-TYPICAL FORWARD CHARACTERISTICS 10
04 R1
01 R1 ~H ER 1
HE R1 05 R1
INSTANTANEOUS FORWARD CURRENT,(A)
R1
HE
H
ER
10
1.0
6R
1~
H
ER
10
8R
1
0.4 0.2 0 0
Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length
.1
Tj=25 C Pulse Width 300us 1% Duty Cycle
25
50
75
100
125
150
175
AMBIENT TEMPERATURE ( C)
.01
FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
25
.001 .4
.6
.8
1.0
1.2
1.4
1.6
1.8
20
FORWARD VOLT AGE,(V)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS
50 NONINDUCTIVE 10 NONINDUCTIVE
15
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
10
5
(+) 25Vdc (approx.) () 1 NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T.
() PULSE GENERATOR (NOTE 2) (+)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms.
FIG.5-TYPICAL JUNCTION CAPACITANCE
70
trr +0.5A
| | | | | | | |
JUNCTION CAPACITANCE,(pF)
60 50 40 30 20 10
HER 101R
0 -0.25A
1~HE
R105
R1
HER1
06R1~
HER1
-1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm
08R1
0 .01 .05 .1 .5 1 5 10 50 100
REVERSE VOLTAGE,(V)
http://www.SeCoSGmbH.com/
01-Jun-2002 Rev. A
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of HER107R1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X