Part Number Hot Search : 
13004 C3200 SM5S11A AZH16V 0M000 2SD882 C1010 2SC39
Product Description
Full Text Search
 

To Download GT1-21PP-HU00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
Termination of coaxial cables in automotive, medical and instrumentation applications utilizes a single motion to crimp the center conductor, shield and outer Insulator.
GT1 Series
-- Connectors for coaxial cables --
Features
Cost efficient termination Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment. Lock-release latching system Shock / vibration resistant electrical connections Verification of the full contact insertion Excellent shielding effects. Excellent High Frequency Performance Refer to V.S.W.R. data on the following pages.
2003.6
BTest Data (Using Semi-rigid Cable)
High Frequency Characteristics (V.S.W.R.)
Note: Data taken using fully assemblied and connected GT1-1S-HU and GT1-1P-DSA.
BDiagram of GT1 In-line Type Structure
1 2 3 4 5 6 7 8
Part Number GT1-1P-HU GT1-1P-2428/1.6C GT1-1S-HU GT1-1S-2428/1.6C
Part Housing Insulator Crimp terminal Outer terminal Housing Insulator Crimp terminal Outer terminal
Number Used 1 1 1 1 1 1 1 1
Material PA(UL94V-0 PBT(UL94V-0 Brass Brass PA(UL94V-0 PBT(UL94V-0 Phosphor bronze Brass
Finish ------Tin plating Tin plating ------Tin plating Tin plating
2
BTermination sequence Coaxial Cable Terminal Finish Diagram
Strip Length Part Number GT1-1S-2428 / 1.6C GT1-1P-2428 / 1.6C GT1-1S-30 / 1.6C GT1-1P-30 / 1.6C GT1-1S-2022 / 2.9C GT1-1P-2022 / 2.9C
CL No. 751-0001-3 751-0002-6 751-0029-2 751-0030-1 751-0015-8 751-0014-5
L1
L2
L3
3.8
6
10.5
4.9
6.8
11.3
Part Number GT1-1S-30 / 2.9C GT1-1P-30 / 2.9C GT1-1S-2428 / F5C GT1-1P-2428 / F5C GT1-1S-30 / F5C GT1-1P-30 / F5C
CL No. 751-0032-7 751-0031-4 751-0033-0 751-0034-2 751-0037-0 751-0038-3
L1
L2
L3
4.9
6.8
11.3
1 Crimp the cable to the terminal.
2 Insert the terminal in the housing until is fully locked.
3 Completion
3
Terminals for coaxial shielded cable
F Connector Terminals
Indication of Conductor Size (AWG)
Part Number GT1-1S-2428 / 1.6C GT1-1S-30 / 1.6C GT1-1S-2022 / 2.9C GT1-1S-30 / 2.9C * GT1-1S-2428 / F5C * GT1-1S-30 / F5C GT1-1S-2428 / F4C
CL No. 751-0001-3 751-0029-2 751-0015-8 751-0032-7 751-0033-0 751-0037-0 751-0046-1
Conductor Size (AWG) #24 to 28 or equivalent #30 or equivalent #20 to 22 or equivalent #30 or equivalent #24 to 28 or equivalent #30 or equivalent #24 to 28 or equivalent
Inner Insulator Diameter
Outer Diameter
Packaging 1,200
1.5 to 2.0mm 2.6 to 3.4mm 2.8 to 3.5mm 2.5 to 3.5mm 4.0mm 4.6 to 5.0mm
0,800
Item Insulator Crimp terminal Outer terminal
Material PBT Brass Brass
Finish Color: Dark gray Tin plating Tin plating
Note: Products marked with an asterisk (*) indicate polyethylene foam insulation.
M Connector Terminals
Indication of Conductor Size (AWG)
Part Number GT1-1P-2428 / 1.6C GT1-1P-30 / 1.6C GT1-1P-2022 / 2.9C GT1-1P-30 / 2.9C * GT1-1P-2428 / F5C * GT1-1P-30 / F5C GT1-1P-2428 / F4C
CL No. 751-0002-6 751-0030-1 751-0014-5 751-0031-4 751-0034-2 751-0038-3 751-0047-4
Conductor Size (AWG) #24 to 28 or equivalent #30 or equivalent #20 to 22 or equivalent #30 or equivalent #24 to 28 or equivalent #30 or equivalent #24 to 28 or equivalent
Inner Insulator Outer Diameter Diameter 1.5 to 2.0mm 2.6 to 3.4mm 2.8 to 3.5mm 2.5 to 3.5mm 4.0mm 4.6 to 5.0mm
Packaging 0,800
0,600
Item Insulator Crimp terminal Outer terminal
Material PBT Brass Brass
Finish Color: Dark gray Tin plating Tin plating
Note: Products marked with an asterisk (*) indicate polyethylene foam insulation.
4
For Single-Conductor coaxial shielded cable
F Connectors
Housing
Part Number GT1-1S-HU
CL No. 751-0003-9
Material PA
Color Light gray
M Connectors
Housing
Part Number GT1-1P-HU
CL No. 751-0004-1
Material PA
Color Light gray
Panel Housing
Part Number GT1-1PP-HU
CL No. 751-0007-0
Item Housing Ground plate Press fitting nut
Material PA Brass Brass
Finish ---Tin plating Nickel
Color Light gray -------
5
Printed Circuit Type (Right angle)
BRecommended Board Mounting Pattern
For outer conductor
For inner conductor
Part Number
CL No.
GT1-1P-DS
751-0006-7
Item Housing Insulator 0.64X1.1 Terminal Outer terminal Ground terminal
Material PBT PBT Brass Brass Stainless
Finish ------Tin plating Tin plating ----
Color Light gray Dark gray ----------
Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
Printed Circuit Type (Straight Dip Type)
BRecommended Board Mounting Pattern
For outer conductor
For inner conductor
Part Number
CL No.
GT1-1P-DSA
751-0005-4
Item Housing Insulator 0.64X1.1 Terminal Outer terminal
Material PBT PBT Brass Brass
Finish ------Tin plating Tin plating
Color Light gray Dark gray -------
Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
6
For Single-Conductor coaxial shielded cable
F Connectors
Housing (Integrated retainer type)
BShown with inserted retainer
Part Number GT1K-1S-HU
CL No. 751-0016-0
Material PBT
Color Light gray
Note: Mates only with GT1K-1P-DS and GT1K-1PA-DS. * Refer to Page 14 for use of the GT1K-1P-HU retainer.
M Connectors
Printed Circuit Board Type (Right-angle Dip Top Lock Type)
BRecommended Board Mounting Pattern
For outer conductor
For inner conductor
Part Number
CL No.
GT1K-1P-DS
751-0017-3
Item Housing Insulator 0.64X1.1 Terminal Outer terminal Cover
Material PBT PBT Brass Brass Stainless
Finish ------Tin plating Tin plating Nickel
Color Light gray Dark gray ----------
Note 1: Mates only with GT1K-1S-HU. Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
Printed Circuit Board Type (Right-angle Dip Side Lock Type)
BRecommended Board Mounting Pattern
For inner conductor Part Number Item Housing Insulator 751-0035-5 0.64X1.1 Terminal Outer terminal CL No. Material PBT PBT Brass Brass Finish Color ---Light gray ---Dark gray Tin plating ---Tin plating ---For outer conductor
GT1K-1PA-DS
Note 1: Mates only with GT1K-1S-HU. Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 0.16mm)
Panel
7
BMethod of Using the GT1K-1S Retainer
a. Insert so that the terminal locking tab is inserted between the top surface of the terminal and the housing.
b. Push in while changing the angle of the retainer until the front surface comes to a stop.
c. Press the rear portion of the retainer and snap it into the locked position.
d. If locking is not complete, press the rear portion of the retainer again while pulling it backward.
* Check that all locations are locked.
8
Two-position type-Each Single-Conductor coaxial Cable
F Connectors
Housing
Part Number CL Number GT1-2S-HU 20 751-0011-7-20 GT1-2S-HU 20 751-0011-7-20 GT1-2S-HU 21 751-0011-7-21 Note: Retainer is optional.
Material PBT
Color Light gray Orange Blue
Retainer (Used with GT1-2S-HU)
A Configuration Part Number
BShown with inserted retainer
A Configuration Part Number
CL No.
Material
Color White
Cable Dia. oA oB / / o3 / o5 / o5 / o3 / o3 / o5 /
GT1-2S-33R 751-0045-9 GT1-2S-53R 751-0043-3 GT1-2S-55R 751-0044-6 PBT
Dark gray Light blue
Note 1: This item should be mounted to the GT1-2PP-HU housing after the insertion of terminals. Note 2: Retainer is optional.
Retainer (used with GT1-2S-HU and GT1-2PP-HU)
BGT1-2S-HU Shown with temporarily inserted retainer
BGT1-2PP-HU Shown with temporarily inserted retainer
Part Number CL Number Material Color GT1-2P/S-R 751-0013-2 PBT Dark gray Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
9
M Connectors
Housing
Mounting bracket attachment side
BRecommended Mounting Bracket Dimensions (T=1.5mm)
Ground terminal
Tin plating Part Number GT1-2PP-HU(10) GT1-2PP-HU(10) GT1-2PP-HU(20) GT1-2PP-HU(21) GT1-2PP-HU(40) GT1-2PP-HU(41) CL No. 751-0010-4-20 751-0010-4-10 751-0010-4-20 751-0010-4-21 751-0010-4-40 751-0010-4-41 Color Light gray Light gray Orange Blue Orange Blue Remarks With ground terminal Without ground terminal With ground terminal With ground terminal Without ground terminal Without ground terminal
Item Housing Ground terminal
Material PBT Brass
Finish Color: Light gray Color: Orange Color: Blue Tin plating
Note: Retainer is optional.
Retainers (Used with GT1-2PP-HU)
A Configuration Part Number
BShown with inserted retainer
Bracket Mounting portion A Configuration Part Number CL No. Color White Cable Dia. oA oB / / o3 / o3 / Material
Color White GT1-2PP-53R 751-0040-5 Dark gray o 5 o 5 / / PBT Dark gray GT1-2PP-55R 751-0041-8 Light blue o 5 o 3 / / Light blue Note 1: This item should be mounted to the GT1-2PP-HU housing after the insertion of terminals. Note 2: Retainer is optional.
GT1-2PP-33R 751-0042-0
10
Power Supply Terminals
F Connector Terminals
Conductor Size Inner Insulator Dimension A Packaging Material Finish (AWG) Diameter GT7-2022SCF 757-0001-1 #20 to 22 1.4 to 2.4mm 5,000 19 Copper alloy Tin plating GT7A-2022SCF 757-0003-7 #20 to 22 2.6 to 3.1mm 3,000 Note 1: Sold by the reel. (See above table for number of Packaging.) Note 2: This component is used only with applicable HRS housings. Part Number CL No.
M Connector Terminals
Part Number GT7-2022SCF GT7A-2022SCF Part Number
Conductor Size Inner Insulator Dimension A Packaging Material Finish (AWG) Diameter 757-0001-1 #20 to 22 1.4 to 2.4mm 5,000 19 Copper alloy Tin plating 757-0003-7 #20 to 22 2.6 to 3.1mm 3,000 CL No. CL No. Material Brass Finish Tin plating
Conductor Size Inner Insulator Packaging (AWG) Diameter #16 to 18 1.8 to 2.7mm 3,000 GT7-1618PCF 757-0002-4 #20 to 22 1.4 to 2.4mm 5,000 GT7-2022PCF 2.6 to 3.1mm 3,000 GT7A-2022PCF 757-0004-0 #20 to 22 Note 1: Sold by the reel. (See above table for number of Packaging.) Note 2: This component is used only with applicable HRS housings.
* Reserved for product expansion
11
Combination Type (One Single-Conductor Coaxial Cables + One Power contact)
F Connectors
Housing
Part Number CL No. GT1-1/1S-HU 751-0026-4 Note: Retainer is optional.
Material PBT
Color Light gray
Retainer (Used with GT1-1/1S-HU)
Part Number CL Number Material Color GT1-1/1S-R 751-0028-0 PBT Dark gray Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
12
M Connectors
Housing
Mounting bracket attachment side
BRecommended Mounting Bracket Dimensions (T=1.5mm)
Tin plating
Part Number GT1-1 / 1PP-HU(00) GT1-1 / 1PP-HU(10) GT1-1 / 1PP-HU(11)
CL No. 751-0025-1-10 751-0025-1-10 751-0025-1-11
Mounting bracket attachment side 1.5mm 1.5mm 1.0mm
Remarks With ground terminal Without ground terminal With ground terminal Item Material Housing PBT Ground terminal Phosphor bronze Finish Light gray Tin plating
Note: Used with separate retainer (GT1-1/1PP-R).
Retainer (exclusively for GT1-1/1PP-HU)
Part Number GT1-1/1PP-R
CL Number 751-0027-7
Material PBT
Color Dark gray
Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
13
Combination Type (Two Single-Conductor Coaxial Cables + One Power contact)
F Connectors
Housing
Part Number CL No. Material Color GT1-2/1S-HU 751-0019-9 PBT Light gray Note1: Mates only with GT1-2/1PP-DS and GT1-2/1PP-HU. Note2: Used with separate retainer (GT1-2/1S-R).
Retainer (used with GT1-2S-HU and GT1-2PP-HU)
Part Number CL No. Material Color GT1-2/1S-R 751-0021-0 PBT Dark gray Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
14
M Connectors
Housing
BRecommended Mounting Bracket Dimensions (T=1.5mm)
Mounting bracket attachment side
Tin plating Ground terminal Part Number GT1-2/ 1PP-HU(00) GT1-2/ 1PP-HU(10) GT1-2/ 1PP-HU(11) CL No. 751-0018-6-10 751-0018-6-10 751-0018-6-11 Mounting bracket attachment side 1.5mm 1.5mm 1.0mm Remarks With ground terminal Without ground terminal With ground terminal Item Material Housing PBT Ground terminal Phosphor bronze Finish Light gray Tin plating
Note1: Mates only with GT1-2/1S-HU. Note2: Used with separate retainer (GT1-2/1PP-R).
Retainer (used with GT1-2/1PP-HU)
Part Number CL Number Material Color GT1-2/1PP-R(22) 751-0020-8-22 PBT Dark gray Note: Mount this item after provisional insertion into the housing, or after terminal insertion.
Printed Circuit Board Type
BRecommended Board Mounting Pattern
BRecommended Panel Cut-out
Ground terminal For inner conductor
Ground terminal
Ground terminal
For outer conductor
Panel
Board
Part Number
CL No.
GT1-2/1PP-DS
751-0022-3
Part Material Housing PBT Ground terminal Phosphor bronze Ground plate Brass Tub terminal for DS 070 Brass 0.64X1.1 Terminal Brass Insulator PBT Outer terminal Brass
Finish ---Tin plating Tin plating Tin plating Tin plating ---Tin plating
Color Light gray ------------Dark gray ----
Note1: Mates only with GT1-2/1PP-DS and GT1-2/1PP-HU. Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 1.6mm)
15
Products Listed Below are of the Combination Type (Two Terminals for Use with Single-Conductor Shielded Cable + One Power Supply Terminal) with Key Positions that Differ from the Products Listed on Previous Pages
F Connectors
Housing
Part Number CL No. GT1-2/1S-HU(A)(21) 751-0024-9-21 GT1-2/1S-HU(A)(21) 751-0024-9-21 Note1: Mates only with GT1-2/1P-DS. Note2: Used with separate retainer.
Material PBT PBT
Color Light gray Blue
M Connector
Printed Circuit Board Type
BRecommended Board Mounting Pattern
BRecommended Panel Cut-out
Ground terminal For inner conductor For outer conductor
Board
Panel
Item Housing 0.64X1.1 Terminal Insulator Outer terminal Tub terminal for DS 070
Material PBT Brass PBT Brass Brass
Part Number CL No. Color GT1-2/1P-DS(21) 751-0023-6-21 Light gray GT1-2/1P-DS(21) 751-0023-6-21 Blue Note1: Mates only with GT1-2/1S-HU(A). Note 2: Use mounting screws of M3 with nominal diameter 3L-6 (for a panel thickness of 1.6mm)
Finish ------Tin plating ---Tin plating Tin plating
Color Light gray Blue ---Dark gray -------
16
BMating, Cross-Sectional View
Examples of Printed Circuit Board Type and Cable Type
Mating, Top View
Cross Section AA
Part Number Used Material Finish PBT Housing UL94V-0 1 PBT Insulator UL94V-0 2 GT1-2/1P-DS(A) Brass Tin plating 2 0.64 X 1.1 terminal Brass Tin plating 2 Outer terminal PBT GT1-2/1S-HU(A) 1 Housing UL94V-0 PBT GT1-2/1S-HU(A) 1 Retainer UL94V-0 PBT 2 Insulator UL94V-0 GT1-1S-2428/1.6C Crimp terminal 2 Phosphor bronze Tin plating 2 Outer terminal Brass Tin plating
Part Number
Example of Cable-to-Cable Type
The coupled, cross-sectional view of the GT7 terminals of the GT1-2/1 Series appears below.
Cross Section AA
Mating, Top View
Currently, the GT7 Series terminals are used for the power supply of the GT1 Series combination type. Part Number Terminal
Part Number
GT1-2/1PP-HU GT1-2/1PP-R GT7-2022PCF GT1-2/1S-HU GT1-2/1S-R GT7-2022SCF
GT1-1/1S-HU GT1-2/1S-HU GT1-1/1PP-HU GT1-2/1PP-HU
GT7-2022SCF
GT7A-2022SCF
GT7-2022PCF GT7A-2022PCF
17
Accessories
Brackets (for M Connector Housing)
Part Number CL No. Material Finish GT-BK(01) 751-0039-6-22 Tin plating SPCC GT-BK(01) 751-0039-6-01 Zinc plating Note 1: This product can be attached to GT1-1PP-HU, GT1-1/1PP-HU, and GT1-2/1PP-HU. Note 2: Please use the tin plated item when making a ground connection.
F Terminal Shield Cover
Mounted Condition Installed
Item Material Top Shield Cover SPCC Bottom Shield Cover Note: This product cannot be used with GT1K-1S-HU. GT1-1S-1.6CSB 751-0009-5
Part Number
CL No.
Finish Tin plating Zinc plating
M Terminal Shield Plate
Mounted Condition Installed
18
Item Material Finish Top Shield Cover GT1-1P-1.6CSB 751-0008-2 Brass Tin plating Bottom Shield Cover Note: The product normally has sufficient performance without using the shield plate; however, when used in especially high frequency bands (e.g., 1 GHz and higher), use of the shield plate is recommended so that even higher shielding effectiveness may be obtained.
Part Number
CL No.
BTermination Tools
User s manuals are available. Please ask your Hirose Electric account representative.
Automatic Crimping Machine
Specifications
Item Specification Stroke Length Number of strokes Weight Motor Crimping speed Specification 1.5ton 30mm 200spm(50Hz) 75kg 0.2kW 2000 to 4000 per day AC100V 240spm(60Hz) Remarks
Part Number CM-105
Hand Tool Hand Press
*Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative. Different cables will require different crimp height settings.
19
BTerminal Extraction Tool
1) For one lance
1 Insert the extraction tool from the coupling end.
2 Push the lance upward and pull out the terminal.
Part Number GT-PO(A)
CL No. 780-0006-2
Used with connectors GT1K-1S-HU GT1-2S-HU GT1-2PP-HU GT1-1/1S-HU GT1-1/1PP-HU GT1-2/1S-HU GT1-2/1PP-HU GT1-2/1S-HU(A)
2) For two lances
1 Insert the extraction tool from the coupling end.
2 Push and separate both lances and pull out the terminal.
Part Number GT1-C-PO
CL No. 902-5020-1
Used with connectors GT1-1S-HU GT1-1P-HU GT1-1PP-HU
20


▲Up To Search▲   

 
Price & Availability of GT1-21PP-HU00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X