|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
7.2~15W AC-DC Single Output Wall-mounted type Features : Universal AC input / Full range GS15E series No load power consumption <0.5W Meet energy star level IV(CEC) for 5 ~ 48V Meet EISA 2007 (Energy Independence and Security Act) for 5 ~ 48V 2 pole EURO plug Class power (without earth pin) Full output 3~48V safety approval Protections: Short circuit / Overload / Over voltage Pass LPS Fully enclosed plastic case Approvals: TUV / CB / FCC / CE 2 years warranty SPECIFICATION ORDER NO. SAFETY MODEL NO. DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT TUV Rheinland Product Safety geprUfre Sicherheit GS15E-0P1J GS15E-1P1J GS15E-11P1J GS15E-2P1J GS15E-3P1J GS15E-4P1J GS15E-5P1J GS15E-6P1J GS15E-8P1J GPSU15E-0 GPSU15E-1 GPSU15E-1-1 GPSU15E-2 GPSU15E-3 GPSU15E-4 GPSU15E-5 GPSU15E-6 GPSU15E-8 Note.2 3.3V 5V 2.40A 0 ~ 2.40A 12W 50mVp-p 5 ~ 6V 5.0% 0.5% 5.0% 7.5V 1.60A 0 ~ 1.60A 12W 80mVp-p 6 ~ 8V 5.0% 0.5% 5.0% 9V 1.66A 0 ~1.66A 15W 80mVp-p 8 ~ 11V 5.0% 0.5% 5.0% 12V 1.25A 0 ~ 1.25A 15W 80mVp-p 11 ~ 13V 3.0% 0.5% 3.0% 15V 1.00A 0 ~ 1.00A 15W 100mVp-p 13 ~ 16V 3.0% 0.5% 3.0% 18V 0.83A 0 ~ 0.83A 15W 120mVp-p 16 ~ 21V 3.0% 0.5% 3.0% 24V 0.62A 0 ~ 0.62A 15W 150mVp-p 21 ~ 27V 2.0% 0.5% 2.0% 48V 0.31A 0 ~ 0.31A 15W 240mVp-p 33 ~ 48V 2.0% 0.5% 2.0% 2.18A 0 ~ 2.18A 7.2W 3 ~ 5V RIPPLE & NOISE (max.) Note.3 50mVp-p VOLTAGE ADJ. RANGE Fixed VOLTAGE TOLERANCE Note.4 6.0% LINE REGULATION LOAD REGULATION Note.5 Note.6 1.0% 6.0% SETUP, RISE, HOLD UP TIME 3000ms, 50ms, 16ms at full load 90 ~ 264VAC 135 ~ 370VDC VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE CURRENT(max.) OVERLOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE 47 ~ 63Hz Note.7 55% 65% 72% 74% 76% 77% 78% 80% 81% 0.5A / 100VAC 50A / 230VAC 0.25mA / 240VAC 115 ~ 250% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed >120% rated output voltage Protection type : Clamp by zener diode 0 ~ +50 (Refer to output load derating curve) 20% ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03% / (0 ~ 50 ) 10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes UL60950-1, CSA22.2, EN60950-1 approved I/P-O/P:3KVAC SAFETY & I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH ISOLATION RESISTANCE EMC EMI CONDUCTION & RADIATION Compliance to EN55022 class B, FCC part 15 Class B (Note. 8) HARMONIC CURRENT Compliance to EN61000-3-2,3 EMS IMMUNITY MTBF DIMENSION PACKING PLUG CABLE Compliance to EN61000-4-2,3,4,5,6,11, light industry level, criteria A 500Khrs min. MIL-HDBK-217F(25 ) 34*71*50mm (L*W*H) 180g ; 60pcs / 12Kg / CARTON Standard type P1J: 2.1 * 5.5 * 11mm, tuning fork type center positive for stock ; Other type available by customer requested Standard type 18Awg UL1185 6ft and 5ft for 3.3V output only for stock ; Other type available by customer requested OTHERS CONNECTOR NOTE 1.All parameters are specified at 230VAC input, rated load, 25 70% RH ambient. 2.DC voltage: The output voltage set at point measure by plug terminal & 50% load. 3.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor. 4.Tolerance: includes set up tolerance, line regulation, load regulation. 5.Line regulation is measured from low line to high line at rated load. 6.Load regulation is measured from 0% to 100% rated load 7.Efficiency is measured at 230VAC. 8.The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. File Name:GS15E-SPEC 2008-05-06 7.2~15W AC-DC Single Output Wall-mounted type Mechanical Specification GS15E series Unit:mm 34.5 NAME PLATE Plug Assignment 22 Standard plug: P1J (option) P1J 18.6 28 P/N CENTER OUTPUT + 4 0.05 19 0.5 UL1185 18AWG 1530 +100/-0 for 3.3V UL1185 18AWG 1830 +100/-0 for other 70 1 50 1 71.5 1 11 C"+" 34 1 ID 2.1 x OD 5.5 Derating Curve Static Characteristics 100 100 LOAD (%) LOAD (%) 80 60 70 0 10 20 30 40 50 0 50 60 70 80 90 100 260 Ta ( ) INPUT VOLTAGE File Name:GS15E-SPEC 2008-05-06 |
Price & Availability of GS15E-0P1J |