Part Number Hot Search : 
HC1G0 PQ100 P1300 00104 TA8409 TB627 1609012 KM616
Product Description
Full Text Search
 

To Download FM4003-MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FM4001-MH thru FM4007-MH
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERES
SOD-123H
0.146(3.7) 0.130(3.3) 0.012(0.3) Typ .
0.071(1.8) 0.055(1.4)
0.039(1.0) 0.024(0.6) 0.031(0.8) Typ . 0.031(0.8) Typ .
Dimensions in inches and (millimeters)
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Ufizing Flame Retardant Epoxy Molding Compound. For surface mounted applications. Exceeds environmental standards of ML-S-19500/228 Low leakage current
MECHANICAL DATA
Case JEDEC SOD-123H molded plastic Terminals Solder plated, solderable per MIL-STD-750, Method 2026 Polarity Indicated by cathode band Mounting Position Any Weight 0.0393gram
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
o
PARAMETER Forward rectified current Forward surge current See Fig.2
CONDITIONS
SYMBOL IO IFSM
Min.
Typ.
Max.
UNITS
A A A A
0
1.0 25 5.0 50 60 15 -55 +150
8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) VR=VRRM TA=250C VR=VRRM TA=100 C Junction to ambient
0
Reverse current Thermal resistance Storage temperature
IR RJA CJ TSTG
C/W pF
0
Diode junction capacitance F=1MHz and applied 4vDC reverse voltage
C
SYMBOLS FM4001-MH FM4002-MH FM4003-MH FM4004-MH FM4005-MH FM4006-MH FM4007-MH
MARKING CODE A1 A2 A3 A4 A5 A6 A7
VRRM (V) 50
*1
VRMS (V) 35 70
*2
VR (V) 50
*3
VF (V)
*4
Operating Temperature (0C)
100 200 400 600 800 1000
100 200 400 600 800 1000 1.1 -55 to + 150
140 280 420 560 700
*1 Repetitive peak reverse peak reverse *2 RMS voltage *3 Continuous reverse voltage *4 Maximum forward voltage
www.paceleader.tw
1
FM4001-MH thru FM4007-MH
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
RATING AND CHARACTERISTICS CURVES FM4001-MH THRU FM4007-MH
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of FM4003-MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X