Part Number Hot Search : 
80N12 18L12 M7905 C18LF PE24118W EPT7090 B140110 TK13A65
Product Description
Full Text Search
 

To Download FDC20-12S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
Wide 2 : 1 Input Range High Efficiency Regulated Outputs 1600V Isolation Full EMI Shielding Standard Pinouts
fdc20
series
Unit measures 1"W x 2"L x 0.375"H
Model Number
SINGLE OUTPUT FDC20-12S33 FDC20-24S33 FDC20-48S33 FDC20-12S05 FDC20-24S05 FDC20-48S05 FDC20-12S12 FDC20-24S12 FDC20-48S12 FDC20-12S15 FDC20-24S15 FDC20-48S15 dUAL OUTPUT FDC20-12D05 FDC20-24D05 FDC20-48D05 FDC20-12D12 FDC20-24D12 FDC20-48D12 FDC20-12D15 FDC20-24D15 FDC20-48D15
Output Voltage
Output Amps
Input Range
3.3 VDC
5 VDC
12 VDC
15 VDC
4 4 4 4 4 4 1.67 1.67 1.67 1.33 1.33 1.33 +/-2 +/-2 +/-2 +/-0.833 +/-0.833 +/-0.833 +/-0.666 +/-0.666 +/-0.666
9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC
+/-5 VDC
+/-12 VDC
+/-15 VDC
Order On-Line!
WWW.ASTROdYNE.cOM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 fax: 508-823-8181
I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
Wide 2 : 1 Input Range High Efficiency Regulated Outputs 1600V Isolation Full EMI Shielding Standard Pinouts
fdc20
series
Unit measures 1"W x 2"L x 0.375"H
Model Number
TRIPLE OUTPUT FDC20-12T3312 FDC20-24T3312 FDC20-48T3312 FDC20-12T3315 FDC20-24T3315 FDC20-48T3315 FDC20-12T0512 FDC20-24T0512 FDC20-48T0512 FDC20-12T0515 FDC20-24T0515 FDC20-48T0515
Output Voltage
Output Amps
Input Range
3.3, +/-12 VDC
3.3, +/-15 VDC
5, +/-12 VDC
5, +/-15 VDC
3, +/-0.3 3, +/-0.3 3, +/-0.3 3, +/-0.25 3, +/-0.25 3, +/-0.25 2, +/-0.3 2, +/-0.3 2, +/-0.3 2, +/-0.25 2, +/-0.25 2, +/-0.25
9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC 9-18 VDC 18-36 VDC 36-72 VDC
Order On-Line!
WWW.ASTROdYNE.cOM
astrodyne.com
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 fax: 508-823-8181
I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
INPUT SPEcIfIcATIONS
Input Voltage Ranges: 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal Max. Voltage Surge (100mS max) 12 VDC Nominal 24 VDC Nominal 48 VDC Nominal Input Filter Pi Type 9-18 VDC 18-36 VDC 36-72 VDC 36 VDC 50 VDC 100 VDC
fdc20
(Ref to - Input pin) Logic "1"/Open=ON Logic "0"/GND=OFF 1600VDC 1000 pF 10000 M Ohms 81%, typ 300Khz, Single typ
series
GENERAL SPEcIfIcATIONS
On/Off Control
Input-Out Isolation In/Out Capacitance Isolation Resistance Efficiency Switching Frequency
OUTPUT SPEcIfIcATIONS
Voltage and Current See Selection Chart Load Regulation singles: +/-1% 25% - FL (single/dual) duals: +/-2% 10%-FL (triple) 3.3/5 V:+/-2%, 12/15 V:+/-5% Line Regulation (Single/Dual) +/-0.2% (triple) 3.3/5V:+/-1%, 12/15V:+/-5% Temperature Coefficient +/-0.02%/DegC Ripple/Noise(Single/Dual/Triple) (75 / 100 / 1%) mV Pk-Pk, typ Voltage Stability (+/-12,+/-15) +/- 2%, (+/-5%) Transient Response Recovery 25% Load Step Change 500 microSeconds Short Circuit Protection Continuous, self-recovering Overvoltage Protection Threshold: 3.3V Output 3.9Volts 5V Output 6.2Volts 12V Output 15Volts 15V Output 18Volts
ENVIRONMENTAL SPEcIfIcATIONS
Oper. Temperature Storage Temperature Maximum Case Temp MTBF -25 to +70 DegC(see derate) -55 to +125 DegC * 112 DegC * 1.93 MHrs MIL-HDBK-217F TA=25C FL
PHYSIcAL SPEcIfIcATIONS
Case Material Construction/Weight Nickel-Coated Copper Non-Conductive Base Encapsulated/1.86oz (52g)
All specifications are typical at nominal input, full load, and 25DegC unless otherwise noted
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions other than the standard operating conditions is neither warranteed nor implied.
Astrodyne products are not authorized or warranteed for use as critical components in life support systems, equipment used in hazardous environments, nuclear controls systems, or other mission-critical applications.
WWW.ASTROdYNE.cOM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 fax: 508-823-8181
I s o l a t e d a n d R e gulated 20 WATT Modular DC/DC Converters
MEcHANIcAL dIMENSIONS
1.60 (40.6) 0.60 (15.2) 0.70 (17.8) 0.20 (5.1) DIA. 0.04(1.0) 0.40 (10.2)
fdc20
series
OUTPUT dERATING cURVE
FDC20-48S05 Derating Curve OUTPUT POWER (%)
100 75 50 25
4
2
1
Nature convection
2.00 (50.8)
Bottom View
1.80 (45.7)
0 -40 -25 -10 0
50 60 70 80 90 100
AMBIENT TEMPERATURE (C)
8
0.40 (10.2)
7
6
0.40 (10.2) 0.50 (12.7)
5
FDC20-48S05 Efficiency VS Input Voltage EFFICIENCY (%)
0.22 (5.6)
0.70 (17.8)
1. All dimensions in Inches (mm) Tolerance: X.XX 0.02 (X.X 0.5) X.XXX 0.01 (X.XX 0.25) 2. Pin pitch tolerance 0.014(0.35)
Pin #
1 2 3 4 5 6 7 8
Single
+ Input - Input No Pin Control No Pin + Output - Output Trim
dual
+ Input - Input No Pin Control + Output Common - Output Trim
Triple
+ Input - Input No Pin Control + Aux Out +5V, +3.3V Common - Aux Out
84 83 82 81 80 79 78 77 76 75 74
36
40
45
50
55
60
65
70
75
INPUT VOLTAGE (V) FDC20-48S05 Efficiency VS Output load EFFICIENCY (%)
84 83 82 81 80 78 76 74 70 65 60 0.5
1
1.5
2
2.5
3
3.5
4
OUTPUT LOAD (A)
WWW.ASTROdYNE.cOM
300 Myles Standish Blvd., Taunton, MA 02780 Ph: 1-800-823-8082 fax: 508-823-8181


▲Up To Search▲   

 
Price & Availability of FDC20-12S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X