|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DMS-20PC-3-DCM +2 to +11Vdc, Self-Powered LED Display, DC Voltage Monitor FEATURES Self-powered, only two connections required +2.00 to +11.00Vdc input range 0.01V resolution; 0.05% accuracy Ideal for low-voltage (3.3V) power supply monitoring Digital replacement for analog panel meters 0.37"/9.4mm, bright red, LED display Subminiature 1.38" x 0.88" x 1.0" package Super reliable, epoxy-encapsulated construction Reverse polarity protected -25 to +60C temperature range Low power consumption DATEL's DMS-20PC-3-DCM self-powered dc voltage monitor is perfect for precision monitoring of all low-voltage power supplies. Simply connect a positive dc voltage across its two rear terminals and the meter is fully operational with no additional components required! A measurement resolution of 0.01Vdc enables precise adjustment of power supply outputs. The large, 0.37"/9.4mm, bright red, LED display, unlike most LCD's, can be easily read from 15 feet away under virtually any lighting conditions. Built-in reverse polarity protection assures quick, trouble-free installation. The DMS-20PC-3-DCM utilizes a high-resolution, 3 digit analog-to-digital converter and precision metal-film resistors to achieve outstanding performance over its operating temperature range of -25 to +60C. A rugged, epoxy-encapsulated, polycarbonate case provides excellent protection against moisture, shock and vibration. The DMS-20PC-3-DCM uses the same panel cutout dimensions as all DMS-20 Series panel voltmeters and monitors; this feature assures uniform displays in multiplemeter applications. Functional Specifications Input Voltage Range Current Consumption @Vin = 2/3/5/9Vdc Reverse Polarity Protection Performance Sampling Rate Resolution Accuracy @ +25C Temperature Drift (-25 to +60C) Mechanical Dimensions Display Type Weight Case Material Environmental Operating Temperature Storage Temperature Humidity (Non-condensing) +2.00 to +11.00Vdc 55/30/17/10mA (max.) 15V (max.) 2.5 readings/second 0.01V 0.01V (typ.), 0.02V (max.) 0.3 counts/C (max.) 1.38" x 0.88" x 1.00" 3 digit, red LED, 0.37"/9.4mm 1 ounce (28 grams) Polycarbonate -25 to +60C -40 to +75C 0 to 95% Typical panel mount installation Suggested wiring (User supplied) Ordering Information DMS-20PC-3-DCM-C DMS-20-CP-C DMS-BZL3-C DMS-BZL4-C +2.00 to +11.00V dc voltage monitor Panel cutout punch Panel mount bezel assembly Panel mount bezel with sealing gasket Brass screws (6-32 thread) and a panel-mount retaining clip are supplied with each meter Operation and accuracy at inputs above or below this range are not specified. For full details go to www.murata-ps.com/rohs www.murata-ps.com Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 MPM_DMS_20PC_3_DCM.B04 Page 1 of 2 DMS-20PC-3-DCM MECHANICAL SPECIFICATIONS Dimensions in inches (millimeters) Tolerances: 2 PL Dec 0.02 (0.51) 3 PL Dec 0.010 (0.254) Recommended panel cutout dimensions: 1.336 (33.93)W x 0.838 (21.29)H Internal corner radii 0.032 (0.81) Max. +2 to +11Vdc, Self-Powered LED Display, DC Voltage Monitor 1.30 (33.0) + 0.04 (1.016) 0.04 (1.016) 0.04 (1.016) (R) - (R) #6-32 UNC THD 0.44 (11.2) 0.80 (20.3) 0.88 (22.4) 0.37 (9.4) 0.75 (19.1) 0.32 (8.1) 1.00 (25.4) #2-56 INSERT 0.156 (3.96) DEEP 0.19 (4.8) 1.07 (27.2) DMS-BZL3 Optional Bezel 1.28 (32.5) 0.10 (2.5) 1.63 (41.4) 1.83 (46.5) 0.10 (2.5) USA: Canada: UK: France: Germany: Japan: China: Singapore: Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356 www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED 11/24/08 Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc. www.murata-ps.com DMS-20PC-3-DCM 1.38 (35.1) + - MPM_DMS_20PC_3_DCM.B04 Page 2 of 2 |
Price & Availability of DMS-20PC-3-DCM |