|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0190710179 Active InsulKrimpTM Ring Tongue Terminal for 8 AWG Wire, Stud Size 08, Mylar Tape Carrier Documents: Drawing (PDF) Product Specification PS-19902-009 (PDF) RoHS Certificate of Compliance (PDF) General Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19071 Yes N/A InsulKrimpTM Ring Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Barrel Type Color - Resin Insulation Material - Plating Mating Packaging Type Stud Size Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural PVC Tin Adhesive Tape on Reel 8 (M4) 6.70mm (.265") max. 8 6.60 - 10.5 Material Info Old Part Number D-656-08XT Reference - Drawing Numbers Product Specification Sales Drawing PS-19902-009 SD-19071-002 Search Parts in this Series 19071Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for the 0190472030 ATP-201TM Air Crimping Press for Mylar Tape Mounted Terminals designed for large wire guages Crimp Dies for the 0190472060 ATP-201TM Air Crimping Press for Mylar Tape Mounted Terminals This document was generated on 03/18/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION DOC NO. SD-19071-002 ASSEMBLY IS ROHS COMPLIANT. THICKNESS REF .045 .045 .045 B ETC2007-0019 |
Price & Availability of D-656-08XT |