Part Number Hot Search : 
SE074 K550CSE EDI8M 3DMXX 24C10 VAL1Z CFD1264Q LA5523
Product Description
Full Text Search
 

To Download CBP-11N-1250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CBP-N Series
WIDEBAND DIRECTIONAL COUPLERS
5 to 2000 MHz / Multi-Octave / Low Profile and Minimal Size / Requires No Lead-Forming / MeriPac
PRINCIPAL SPECIFICATIONS
Model Number CBP-10N-375 CBP- 20N-375 CBP-11N-1250 CBP-20N-1250 Frequency Performance Coupling Range, Bandwidth, Value, MHz MHz dB, Nom. 5 - 750 5 - 750 100 - 2000 100 - 2000 5 - 750 5 - 750 10 - 400 100 - 2000 500 - 1000 100 - 2000 500 - 1000 10 1.0 20 1.0 20 1.0 11 1.0 11 1.0 20 1.0 20 1.0 Frequency Sensitivity, dB, Max. 0.5 0.75 0.5 0.5 0.5 0.5 0.5 Directivity, dB, Min. 20 18 20 18 20 18 20 *Insertion Loss, dB, Max. 1.3 1.0 0.6 1.5 1.2 1.5 1.2 VSWR Max. 1.5:1 1.5:1 1.3:1 1.7:1 1.5:1 1.7:1 1.5:1
Coupling is Referenced to the Input
* Insertion Loss excludes Coupling Loss
Meri-PacTM N-Package Outline TM
GENERAL SPECIFICATIONS
Impedance: CW Input: Operating Temperature: 50 nom. 1 W max. -- 55 to +85C
OPTIONS
Coupling Values: 5 to 30 dB Frequency Bands up to 2.5 GHz Close tolerance Coupling: 0.5 dB Bi-Directional Equivalents: see CRP series
NOTES:
1. Tolerance on 3 place decimals .010(.25) except as noted. 2. Dimensions in inches over millimeters. 3. Lead dimensions apply only at body. 4. All unmarked pins are case ground.
General Notes: 1. Directional couplers find application in monitoring incident and reflected power, signal sampling for control loops, as well as signal injection devices in BITE systems. These Directional Couplers may be used back-to-back as Dual Directional Couplers or ordered with both coupled ports available configured as Bi-Directional Couplers as in the CRP-N series. 2. Merrimac Couplers may be ordered with specific coupling values up to 30 dB and over selected frequency bands up to 18 GHz. 3. All Merrimac Couplers comply with MIL-C-15370 and can be supplied screened for compliance with additional specifications you designate for military and aerospace applications requiring higher reliability.
25Mar96
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of CBP-11N-1250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X