Part Number Hot Search : 
BZX84C 00095 12C20 PE83511 10700441 LA7793V 222M35 M5L2111
Product Description
Full Text Search
 

To Download C-228-06XT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190700120 Active
InsulKrimpTM Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 6, Length 27.33mm (1.076"), Mylar Tape Carrier
Documents: Drawing (PDF) Product Specification PS-19902-009 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR18689 E32244
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Mil-Spec Product Name Type Ring and Spade Terminals 19070 Yes N/A InsulKrimpTM Ring
Physical
Barrel Type Color - Resin Flammability Insulation Material - Plating Mating Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stud Size Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-2 PVC Tin Adhesive Tape on Reel 100 2.5 100 2.5 6 (M3.5) 6.40mm (.250") max. 10, 12 0.40 - 0.60
Search Parts in this Series 19070Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for 0192880179 MTA-100 Tape Applicator used in 3BF Press, MTA-105 Tape Applicator used in TM-2000TM Press, and ATP-301 Air Crimping Press for Mylar Tape Mounted Terminals Mini-MacTM 0638851500 Applicator
Material Info
Old Part Number C-228-06XT
Reference - Drawing Numbers
Product Specification Sales Drawing PS-19902-009 CCD20101
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of C-228-06XT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X