|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Switching Spark Gap FS1X-1G Ordering code: B88069X3350T502 Nominal breakdown voltage VN Initial values 2) Static breakdown voltage VS 1) First ignition value VS, FTE after 24 hours in darkness Following ignition values VS, FIV Electrical life time 3) Breakdown voltage VB First ignition value VB, FTE after 24 hours in darkness Ignition time tI at V0 during life Following ignition values VB, FIV Switching operations at - 40 C at + 25; +125 C Test circuit parameters Open circuit voltage V0 Loading resistance R Discharge capacitance C Inductance L Discharge peak current IP General technical data Insulation resistance at 100 V Early ignition values between 600 ... 850 V Breakdown time Maximum switching frequency Maximum loading current Weight Marking, blue 1000 V 1150 900 ... 1130 V V 1400 60 850 ... 1150 100 000 200 000 1400 110 68 0.5 ~ 400 > 100 1 50 400 50 ~2 1000 WW Y O V ms V Ignitions Ignitions V k nF H A M % ns Hz mA g 1000 WWY O - Nominal voltage - Calendar week of production - Year of production - Non radioactive 1) 2) 3) At delivery AQL 0,65 level II, DIN ISO 2859 Page 2, Fig. 1 and 2 Page 2, Fig. 3 and 4 AB E / AB PM Page 1 of 2 Issue 03, 30.04.2002 Switching Spark Gap FS1X-1G Ordering code: B88069X3350T502 Fig. 1: QC- test circuit (100% outgoing inspection) I = const 51k Fig. 2: Explanation of measurands VS, FTE VS, FIV VS 0,22F DUT VS VN t ICU DUT device under test ICU ignition control unit (sensitivity 10 .. 30 A) Discharge current 10 - 20 mA Fig. 3: QC- test circuit (sampling inspection at 25 C) R L VB VN VO C DUT VB - VN dVS/dt ~ dVN/dt Fig. 4: Explanation of measurands VB, FTE Range of VB, FIV Early ignition VB, FTE t tI 1s 10 s Not to scale Dimensions in mm Non controlled document (c) EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. AB E / AB PM Page 2 of 2 Issue 03, 30.04.2002 |
Price & Availability of B88069X3350T502 |