|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AZ764 AZ 16 A SPDT MINIATURE POWER RELAY FEATURES * * * * * * * * * Dielectric strength 5000 Vrms Low height: 15.7 mm Epoxy sealed version available 16 Amp switching AC and DC coils Isolation spacing greater than 10 mm Proof tracking index (PTI/CTI) 250 Surpasses requirements of VDE 0631/0700 UL, CUR file E43203; VDE 112904 CONTACTS Arrangement Ratings SPDT (1 Form C) SPST (1 Form A) Resistive load: Max. switched power: 480 W or 4000 VA Max. switched current: 16 A Max. switched voltage: 300* VDC or 400 VAC *Note: If switching voltage is greater than 30 VDC, special precautions must be taken. Please contact the factory. GENERAL DATA Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 3 x 107 1 x 105 at 16 A 240 VAC res. 7 ms at nominal coil voltage 4 ms at nominal coil voltage (with no coil suppression) Rated Load UL, CUR VDE Material Resistance Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation Resistance Dropout Ambient Temperature Operating Storage 1000 megohms min. at 20C 500 VDC 50% RH Greater than 10% of nominal coil voltage - DC Greater than 15% of nominal coil voltage - AC At nominal coil voltage -40C (-40F) to 90C (194F) - DC coils -40C (-40F) to 75C (167F) - AC coils -40C (-40F) to 115C (239F) 0.062" DA at 10-55 Hz 30 g P.B.T. polyester, UL-94 ; V0 Tinned copper alloy, P. C. 270C (518F) 5 seconds 80C (176F) 30 Seconds 14 grams 16 A at 250 VAC resistive 16 A at 250 VAC Silver tin oxide < 100 milliohms initially COIL Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Max. Temperature 200 mW (DC coil) .422 VA (AC coil) 1.7 W at 20C (68F) ambient 26C (47F) at nominal coil voltage 115C (239F) Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp. NOTES 1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice. Max. Immersion Time Weight 06/08/05W AZ764 AZ Nominal Coil VDC 3 5 6 9 12 18 24 36 48 60 110 RELAY ORDERING DATA COIL SPECIFICATIONS - DC Coil Must Operate VDC 2.1 3.5 4.2 6.3 8.4 12.6 16.8 25.2 33.6 42.0 77.0 Max. Continuous VDC 7.6 12.7 15.3 22.9 30.6 45.9 61.2 92 122.0 153.0 280.0 Coil Resistance 10% 22 60 90 200 360 710 1,440 3,140 5,700 7,500 25,200 ORDER NUMBER* Unsealed AZ764-1CE-3D AZ764-1CE-5D AZ764-1CE-6D AZ764-1CE-9D AZ764-1CE-12D AZ764-1CE-18D AZ764-1CE-24D AZ764-1CE-36D AZ764-1CE-48D AZ764-1CE-60D AZ764-1CE-110D Sealed AZ764-1CE-3DE AZ764-1CE-5DE AZ764-1CE-6DE AZ764-1CE-9DE AZ764-1CE-12DE AZ764-1CE-18DE AZ764-1CE-24DE AZ764-1CE-36DE AZ764-1CE-48DE AZ764-1CE-60DE AZ764-1CE-110DE COIL SPECIFICATIONS - AC Coil Nominal Coil VAC 12 24 48 60 110 115 120 220 230 240 Must Operate VAC 9.0 18.0 36.0 45.0 82.5 86.3 90.0 165.0 172.5 180.0 Max. Continuous VAC 18.0 36.0 72.0 90.0 165.0 172.5 180.0 330.0 345.0 360.0 Nominal Current mA 10% 63.0 31.3 15.6 12.5 6.8 6.5 6.3 3.4 3.3 3.1 Coil Resistance 10% 100 400 1550 2600 8900 9600 10200 35500 38500 42500 ORDER NUMBER* Unsealed AZ764-1CE-12A AZ764-1CE-24A AZ764-1CE-48A AZ764-1CE-60A AZ764-1CE-110A AZ764-1CE-115A AZ764-1CE-120A AZ764-1CE-220A AZ764-1CE-230A AZ764-1CE-240A Sealed AZ764-1CE--12AE AZ764-1CE-24AE AZ764-1CE-48AE AZ764-1CE-60AE AZ764-1CE-110AE AZ764-1CE-115AE AZ764-1CE-120AE AZ764-1CE-220AE AZ764-1CE-230AE AZ764-1CE-240AE * For 1 Form A contacts substitute "A" for "C". NOTE: 1 Form A contacts are only available for DC coil versions. HARDWARE ORDERING DATA DESCRIPTION Socket ORDER NUMBER ST484-U1 DESCRIPTION Retainer ORDER NUMBER ST482-3 MECHANICAL DATA 1.142 [29.0] Max. 0.500 Max. [12.7] PC BOARD LAYOUT VIEWED TOWARDS TERMINALS .197 [5.0] HARDWARE ST484-U1 .098 [2.5] 1.22 (30.9) .500 (12.7) .177 (4.5) MAX 1.28 (32.5) .366 (9.3) .354 (9.0) .618 Max. [15.7] .197 [5.0] .591 [15.0] * .295 [7.5] * .154 [3.9] 6X .020 [0.5] 2X o.024 [o0.6] .295 [7.5] 8X o.050 [o1.3] .098 [2.5] .414 (10.5) .125 DIA (0.5) RETAINING CLIP * Not used on 1 Form A relay .295 (7.5) .197 (5.0) 1.385 [35.19] WIRING DIAGRAMS 6X .035 [0.9] .295 [7.5] VIEWED TOWARDS TERMINALS 5 4 3 2 5 4 2 .197 (5.0) .590 (15) .059 DIA (1.5) .895 [22.73] .661 [16.79] .197 [5.0] .197 [5.0] .591 [15.0] .098 [2.5] 8 7 6 1 8 7 1 .118 (3.0) ST482-3 Viewed toward terminals 1 Form C 1 Form A Dimensions in inches with metric equivalents in parentheses. Tolerance: .010" 06/08/05W |
Price & Availability of AZ764-1CE-110A |