Part Number Hot Search : 
2SC4805G E001700 193NQ0 S15L45 BLF184XR CAT51 S3P7574 IN74AC
Product Description
Full Text Search
 

To Download ATR2812T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD-94551D
ATR28XXT SERIES HYBRID-HIGH RELIABILITY DC/DC CONVERTER
Description
The ATR28XXT Series of DC/DC converters provide 30W of output power over the full military temperature range with no derating. These devices are pin compatible with the ATO series converters but offer twice the maximum output power in a lower profile package. A custom CMOS ASIC pulse width modulator operating at a nominal switching frequency of 550KHz combined with a unique magnetic feedback reduces circuit complexity for enhanced reliability. These converters provide 500V input to output isolation and operate in highly efficient single forward mode. The advanced feedback design and high operating frequency provide an extremely wide bandwidth control loop with high gain and phase margin. This results in fast dynamic line and load response as well as superior audio rejection. The control loop is compensated to provide optimum performance over the full military temperature range and over the 16V to 40V input voltage range. These converters are protected against both continuous output short circuits and output overload. Either load fault condition will result in operating in a low power dissipation foldback mode. The converters will shut down for approximately 15ms, then attempt to restart. This cycle will continue indefinitely unless the load fault is corrected. Recovery to normal operation is automatic upon removal of the load fault. Manufactured in a facility full qualified to MIL-PRF-38534, these converters are fabricated utilizing DSCC qualified processes. For available screening options, refer to device screening table in the data sheet. Variations in electrical, mechanical and screening can be limited accomodated. Contact IR Santa Clara with specific requirements.
28V Input, Triple Output
ATR Features
n n n n n n n n n n 30W Output Power Flexible Output Loading -55C to +125C Operation Pin Compatible with ATO 0.410" Maximum Height 16V to 40VDC Input Range 500V Input to Output Isolation High Audio Rejection MIL-STD-704 Compatible Load Fault Protection - Short Circuit and Overload n TTL level Compatible Synchronization n Standard Microcircuit Drawings Available
www.irf.com
1
08/06/07
ATR28XXT Series Specifications
TCASE = -55C to +125C, VIN = +28V 5% unless otherwise specified
Absolute Maximum Ratings
Input voltage Power Output Lead temperature
Storage temperature
Test STATIC CHARACTERISTICS OUTPUT Voltage1
Symbol
-0.5V to +50VDC Internally limited, 37.5W typical 300C -65C to +135C
Conditions -55C TC +125C, V IN = 28 V DC 5%, C L =0, unless otherwise specified ATR2812T Min Max ATR2815T Min Max
Units
V OUT
Current 1,2,3,4
I OUT
Ripple
1,5
V RIP
IOUT = 0 (main) +25C over temp. range IOUT = 0 (dual)1 +25C over temp. range V IN = 16, 28, and 40VDC (main) V IN = 16, 28, and 40VDC (dual)1 V IN = 16, 28, and 40VDC (dual) BW = 20Hz to 2MHz (main) V IN = 16, 28, and 40 VDC BW = 20Hz to 2 MHz (dual) V IN = 16, 28, and 40 VDC P OUT = 0.5, 7.5, 15W (main) V IN = 16, 28, and 40VDC (dual) P OUT = 1.2/1.5, 7.5 and 15W (dual) V IN = 16, 28, and 40 VDC P OUT = 0.5, 7.5, 15W (main) V IN = 16, 28, and 40 VDC P OUT = 1.2/1.5, 7.5, and 15W (dual) IOUT = 0, inhibit (pin 8) Tied to input return (pin 10) IOUT = 0, inhibit (pin 8) = open IOUT = 3000mA (main) P OUT = 15W (dual) BW = 20Hz to 2MHz IOUT = 3000mA (main) +25C P OUT = 15W (dual) over temp. range
Input to output or any pin to case
4.95 4.90 11.88 11.76 100 0.0
5.05 5.10 12.12 12.24 4000 625 60 40
4.95 4.90 14.85 14.70 100 0.0
5.05 5.10 15.15 15.30 4000 500 60 40
V DC V DC V DC V DC mA mA mVp-p mVp-p
REGULATION Line 1,3
VR LINE
25 60 50 60
25 75 50 75
Load
1,3
mV
VR LOAD
INPUT Current Ripple Current
4
I IN I RIP
15 75 50 75 72 100 14 9.0 600 700 13 +500 +1000 200 5.0 10 75 72 100
15 75 50
mA mA mAp-p % M
EFFICIENCY ISOLATION
E FF ISO
Load Fault Power Dissipation 3 Switching Frequency SYNC Frequency Range Inhibit Open Circuit Voltage Output Response to Step transient Load changes 7 Recovery Time Step Step transient Load changes 7,8
PD FS F SYNC V OI VO TLOAD TT LOAD
(except pin 8)at 500 TC=+25C Overload Short circuit
50% load to/from 100% load no load to/from 50% load 50% load to/from 100% load No load to/from 50% load 50% load to/from 100% load No load to 50% load 50% load to no load
500 500 9.0 -500 -1000
500 500 9.0 -500 -1000
14 9.0 600 700 13 +500 +1000 200 5.0 10
W KHz KHz V
mVpk
s ms ms
For Notes to Specifications, refer to page 3
2
www.irf.com
ATR28XXT Series Specifications
TCASE = -55C to +125C, VIN = +28V 5% unless otherwise specified
Absolute Maximum Ratings
Input voltage Power Output Soldering temperature Temperature Range
6
-0.5V to +50VDC Internally limited, 37.5W typical 300C for 10 seconds Operating case temperature Storage case temperature
Conditions -55C TC +125C, VIN = 28 VDC 5%, CL=0, unless otherwise specified ATR2812T Min Max
-55C to +135C -65C to +135C
ATR2815T Min Max Units
Test
Symbol
Output Response to Transient step9 Line changes10 Recovery Time8 Transient step9 Line changes10 Turn on Overshoot1 Turn on Delay 1, 11 Load Fault Recovery10 Device weight
VOTLINE TTLINE VTonOS TonD TRLF
Input step 16 from/to 40 VDC IOUT = 3000mA (main) POUT = 15W (dual) Input step 16 from/to 40 VDC IOUT = 3000mA (main) POUT = 15W (dual) IOUT = 0, and 3000mA (main) POUT = 0, 15W (dual) IOUT = 0, 3000mA (main) POUT = 0, 15W (dual)
1500
1500
mV pk
10 1000 25 25 65
10 1000 25 25 65
ms mV pk ms ms g
Notes to Specifications
Tested at each output. Parameter guaranteed byline and load regulation tests. Although operation with no load is permissible, light loading on the main (+5V) output may cause the output voltage of the auxiliary outputs (12V or 15V) to drop out of regulation. It is therefore recommended that at least 100mA or 20% of the output power, whichever is greater, be taken from the main (+5V) output and at least 50mA (or 12V: 1.2W, 15V: 1.5W) of the output power is taken from the auxiliary (12V or 15V) . 4. Total combined output power -30W. 5. Bandwidth guaranteed by design. Tested for 20KHz to 2MHz. 6. An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the overload protection circuit and is the condition of maximum power dissipation. 7. Load step transition time between 2.0s and 10s. 8. Recovery time is measured from the initiation of the transient to where V OUT has returned to within 1.0% of VOUT at 50% load. 9. Input step transition time between 2.0s to 10s. 10. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be guaranteed to the limits specified in the table. 11. Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the inhibit pin (pin 8) while power is applied to the input. 1. 2. 3.
www.irf.com
3
ATR28XXT Series
Block Diagram
5 +Vout +Input 1 EMI Filter
Tracking Regulator
Enable Input 8 Case 7 Sync Input 9
Primary Housekeeping Supply
4 -Vout 2 +5Vdc Output
Drive
Pulse Width FB Modulator
CS
Error Amp & Ref
3 Output Return
Input Return 10
Standard Microcircuit Drawing Equivalence Table
Standard Microcircuit Drawing Number
5962-92159 5962-93158
Vendor Cage Code 52467 52467
IR Standard Part Number
ATR2815T ATR2812T
4
www.irf.com
ATR28XXT Series
Mechanical Outlines
1.000 0.040 D X 0.26 L Pins 0.05
10
1
9
2
4 X 0.400 =1.600 1.95 2.360 2.700 Max
3
8
4
6
7
5
0.410 Max 1.350 Max
Pin Designation
Pin # 1 2 3 4 5 6 7 8 9 10 Designation + Input +5Vdc Output Output Return - Dual Output + Dual Output NC Case Ground Enable Input Sync Input Input Return
www.irf.com
5
ATR28XXT Series
Device Screening
Requirement
Temperature Range Element Evaluation Non-Destructive Bond Pull Internal Visual Temperature Cycle Constant Acceleration PIND Burn-In Final Electrical ( Group A ) PDA Seal, Fine and Gross Radiographic External Visual MIL-PRF-38534 2023 2017 1010 2001, Y1 Axis 2020 1015 MIL-PRF-38534 & Specification MIL-PRF-38534 1014 2012 2009 N/A Cond A N/A N/A Cond A, C N/A Yes
MIL-STD-883 Method
No Suffix
N/A N/A
ES
d
HB
CH
-55C to +125C Class H N/A Yes Cond C 3000 Gs N/A -55C, +25C, +125C 10% Cond A, C N/A Yes
-20C to +85C -55C to +125C N/A N/A Yes Cond B 500 Gs N/A
e -55C to +125C
N/A N/A Yes Cond C 3000 Gs N/A -55C, +25C, +125C N/A Cond A, C N/A Yes
c
N/A N/A N/A N/A 25C
48 hrs@hi temp 25C
d
160 hrs@125C 160 hrs@125C
c
Notes:
Best commercial practice Sample tests at low and high temperatures -55C to +105C for AHE, ATO, ATW
Part Numbering ATR 28 15 T F /CH
Model Input Voltage Nominal
28 = 28V
Screening Level Package Style Output
(Please refer to Screening Table)
No Suffix, ES, HB, CH F = Flange Blank = Non-Flanged T = Triple
Output Voltage
12 = 5V 12V 15 = 5V 15V
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105 IR SANTA CLARA: 2270 Martin Av., Santa Clara, California 95050, Tel: (408) 727-0500 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 08/2007
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of ATR2812T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X