Part Number Hot Search : 
SERIES FSM30C SB2100 SKY65015 07910 IFX91041 L1025 MPX5700D
Product Description
Full Text Search
 

To Download 87831-1231 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0878311231 Active
milligrid 2.00mm (.079") Pitch Milli-GridTM Header, Vertical, Shrouded, Lead-free, 12 Circuits, 0.38m (15") Gold (Au) Plating, Center Polarization Slot, without Locking Window, without PCB Locator, with Open End Wall, Tube
Documents: 3D Model Drawing (PDF)
Product Specification PS-87831-027 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Comments Overview Product Name PCB Headers 87831 Wire-to-Board Contact Molex for application in automotive industry milligrid Milli-GridTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part No 12 12 Black No 94V-0 No No None None Brass Gold Tin Nylon 2 Vertical 0.098 In 2.50 mm No None 0.062 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 15 0.38 76 1.88 Center Slot
Search Parts in this Series 87831Series Mates With 50394 Wire-to-Board Terminals. 51110 Wire-to-Board Crimp Housing. 87568 Wireto-Board IDT Housings. 79107 Board-toBoard Top Entry Through Hole Receptacle. 79108 Board-to-Board FFC/FPC Top Entry Through Hole Receptacle. L
Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Open Ends No Yes -55C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 125V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87831-027 SD-87831-014
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87831-1231

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X