Part Number Hot Search : 
MAX9546 1N5227 ECQE1 SMA592 HN1A26FS ECQE1 SMA592 40007
Product Description
Full Text Search
 

To Download 87781-1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0877811001 Active
1.27mm (.050") Pitch Serial ATA Host Receptacle, Surface Mount, Vertical, Extended Height, 0.76m (30") Gold (Au) Selective, 22 Circuits, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87781-005 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Receptacles 87781 Board-to-Board SNG-029 Serial ATA image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Literature Order No Product Name
Physical
Circuits (Loaded) Circuits Detail Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 22 Power 15 pins|Signal 7 pins 500 No Yes None Gold Tin 1 Vertical Yes None Tray 0.050 In 1.27 mm 30.4 0.76 101.6 2.54 Yes Yes N/A -40C to +105C Through Hole and Surface Mount
Search Parts in this Series 87781Series Mates With 87679 , 87799 , 87703
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 30V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-87781-005 SD-87781-017
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 87781-1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X